Part Number Hot Search : 
TA7673 F0140 63000 LLZ16B E914ID 2SD16 BD933 PT3935
Product Description
Full Text Search
 

To Download CY7C1231H-133AXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-mbit (128k x 18) flow-through sram with nobl? architecture cy7c1231h cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 001-00207 rev. *b revised april 26, 2006 features ? can support up to 133-mhz bus operations with zero wait states ? data is transferred on every clock ? pin compatible and functionally equivalent to zbt? devices ? internally self-time d output buffer cont rol to eliminate the need to use oe ? registered inputs for flow-through operation ? byte write capability ? 128k x 18 common i/o architecture ? 3.3v core power supply ? 3.3v/2.5v i/o operation ? fast clock-to-output times ? 6.5 ns (133-mhz device) ? clock enable (cen ) pin to suspend operation ? synchronous self-timed write ? asynchronous output enable ? offered in jedec-standard lead-free 100-pin tqfp package ? burst capability?linear or interleaved burst order ? low standby power functional description [1] the cy7c1231h is a 3.3v/2.5v, 128k x 18 synchronous flow-through burst sram designed specifically to support unlimited true back-to-back read/w rite operations without the insertion of wait states. the cy7c1231h is equipped with the advanced no bus latency? (nobl?) logic required to enable consecutive read/write op erations with data being transferred on every clock cycle. this feature dramatically improves the throughput of data through the sram, especially in systems that require frequent write-read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock input is qualified by the clock enable (cen ) signal, which when deasserted suspends operation and extends the previous clock cycle. maximum access delay from the clock rise is 6.5 ns (133-mhz device). write operations are controlled by the two byte write select (bw [a:b] ) and a write enable (we ) input. all writes are conducted with on-chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. in order to avoid bus contention, the output driver s are synchronously tri-stated during the data portion of a write sequence. note: 1. for best-practices recommendations, please refer to the cypress application note system design guidelines on www.cypress.com. c mode bw a bw b we ce 1 ce 2 ce 3 oe read logic dqs dqp a dqp b memory array e input register address register write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 adv/ld ce adv/ld c clk cen write drivers d a t a s t e e r i n g s e n s e a m p s write address register a0, a1, a o u t p u t b u f f e r s e zz sleep control logic block diagram [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 2 of 12 selection guide 133 mhz unit maximum access time 6.5 ns maximum operating current 225 ma maximum cmos standby current 40 ma pin configuration 100-pin tqfp pinout a a a a a1 a0 nc/288m nc/144m v ss v dd nc(36m) a a a a a nc/4m a nc nc v ddq v ss nc dqp a dq a dq a v ss v ddq dq a dq a v ss nc v dd dq a dq a v ddq v ss dq a dq a nc nc v ss v ddq nc nc nc nc nc nc v ddq v ss nc nc dq b dq b v ss v ddq dq b dq b nc v dd nc v ss dq b dq b v ddq v ss dq b dq b dqp b nc v ss v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk we cen oe nc(18m) a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a nc(9m) adv/ld zz mode nc(72m) cy7c1231h byte a byte b [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 3 of 12 pin definitions name i/o description a 0 , a 1 , a input- synchronous address inputs used to select one of the 128k address locations . sampled at the rising edge of the clk. a [1:0] are fed to the two-bit burst counter. bw [a:b] input- synchronous byte write inputs, active low . qualified with we to conduct writes to the sram. sampled on the rising edge of clk. we input- synchronous write enable input, active low . sampled on the rising edge of clk if cen is active low. this signal must be asserted low to initiate a write sequence. adv/ld input- synchronous advance/load input . used to advance the on-chip address counter or load a new address. when high (and cen is asserted low) the internal burst count er is advanced. when low, a new address can be loaded into the device for an access. after being deselected, adv/ld should be driven low in order to load a new address. clk input-clock clock input . used to capture all synchronous inputs to the device. clk is qualified with cen . clk is only recognized if cen is active low. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 , and ce 3 to select/desel ect the device. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select/desel ect the device. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device. oe input- asynchronous output enable, asynchronous input, active low . combined with the synchronous logic block inside the device to control the direction of the i/o pins. when low, the i/o pins are allowed to behave as outputs. when deasserted high, i/o pins ar e tri-stated, and act as input data pins. oe is masked during the data portion of a write sequence, during the first clock when emerging from a deselected state, when the device has been deselected. cen input- synchronous clock enable input, active low . when asserted low the clock signal is recognized by the sram. when deasserted high the clock signal is masked. since deasserting cen does not deselect the device, cen can be used to extend the previous cycle when required. zz input- asynchronous zz ?sleep? input . this active high input places the device in a non-time critical ?sleep? condition with data integrity preserved. during normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. dq s i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver t he data contained in the memory location specified by address during the clock rise of the read cycle. the direction of the pins is controlled by oe and the internal control logic. when oe is asserted low, the pins can behave as outputs. when high, dq s and dqp [a:b] are placed in a tri-state condition. the ou tputs are automatically tri-stated during the data portion of a write sequence, during the fi rst clock when emerging from a deselected state, and when the device is deselected , regardless of the state of oe . dqp [a:b] i/o- synchronous bidirectional data parity i/o lines . functionally, these signals are identical to dq s . during write sequences, dqp [a:b] is controlled by bw x correspondingly. mode input strap pin mode input . selects the burst order of the device. when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. v dd power supply power supply inputs to the core of the device . v ddq i/o power supply power supply for the i/o circuitry . v ss ground ground for the device . nc ? no connects . not internally connected to the die. 4m, 9m, 18m, 36m, 72m, 144m, 288m, 576m, and 1g are address expansion pins and are not internally connected to the die. [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 4 of 12 functional overview the cy7c1231h is a synchronous flow-through burst sram designed specifically to el iminate wait states during write-read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock signal is qualified with the clock enable input signal (cen ). if cen is high, the clock signal is not recognized and all internal states are maintained. all synchronous operations are qualified with cen . maximum access delay from the clock rise (t cdv ) is 6.5 ns (133-mhz device). accesses can be initiated by asserting all three chip enables (ce 1 , ce 2 , ce 3 ) active at the rising edge of the clock. if clock enable (cen ) is active low and adv/ld is asserted low, the address presented to the device will be latched. the access can either be a read or write operation, depending on the status of the write enable (we ). bw [a:b] can be used to conduct byte write operations. write operations are qualified by the write enable (we ). all writes are simplified with on-chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) simplify depth expansion. all operations (reads, writes, and deselects) are pipelined. adv/ld should be driven low once the device has been deselected in order to load a new address for the next operation. single read accesses a read access is initiated when the following conditions are satisfied at clo ck rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, (3) the write enable input signal we is deasserted high, and 4) adv/ld is asserted low. the address presented to the address inputs is latched into the address register and presented to the memory array and control logic. the control logic determines that a read access is in progress and allows the requested data to propagate to the output buffers. the data is available within 6.5 ns (133-mhz device) provided oe is active low. after the first clock of the read access, the output buffers are controlled by oe and the internal control logic. oe must be driven low in order for the device to drive out the requested data. on the subsequent clock, another oper ation (read/write/deselect) can be initiated. when the sram is deselected at clock rise by one of the chip enable signals, its output will be tri-stated immediately. burst read accesses the cy7c1231h has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four reads without reassertin g the address inputs. adv/ld must be driven low in order to load a new address into the sram, as described in the single read access section above. the sequence of the burst counte r is determined by the mode input signal. a low input on mode selects a linear burst mode, a high selects an interleaved burst sequence. both burst counters use a0 and a1 in the burst sequence, and will wrap around when incremented su fficiently. a high input on adv/ld will increment the internal burst counter regardless of the state of chip enable inputs or we . we is latched at the beginning of a burst cycle. ther efore, the type of access (read or write) is maintained throughout the burst sequence. single write accesses write accesses are initiated when the following conditions are satisfied at clock rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, and (3) the write signal we is asserted low. the address presented to the address bus is loaded into the address register. the write signals are latched into the control logic block. the data lines are automatically tri-stated regar dless of the state of the oe input signal. this allows the external logic to present the data on dqs and dqp [a:b] . on the next clock rise the data presented to dqs and dqp [a:b] (or a subset for byte write operations, see truth table for details) inputs is latched into the device and the write is complete. additional accesses (read/write/deselect) can be initiated on this cycle. the data written during the wr ite operation is controlled by bw [a:b] signals. the cy7c1231h provides byte write capability that is described in the truth table. asserting the write enable input (we ) with the selected byte write select input will selectively write to onl y the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self-t imed write mechanism has been provided to simplify the write operations. byte write capability has been included in order to greatly simplify read/modify/write sequences, which can be reduced to simple byte write opera- tions. because the cy7c1231h is a common i/o device, data should not be driven into the device while the outputs are active. the output enable (oe ) can be deasserted high before presenting data to the dqs and dqp [a:b] inputs. doing so will tri-state the output driver s. as a safety precaution, dqs and dqp [a:b] .are automatically tri-stated during the data portion of a write cycle, r egardless of the state of oe . burst write accesses the cy7c1231h has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four write operations without reasserting the address inputs. adv/ld must be driven low in order to load the initial address, as described in th e single write access section above. when adv/ld is driven high on the subsequent clock rise, the chip enables (ce 1 , ce 2 , and ce 3 ) and we inputs are ignored and the burst counter is incremented. the correct bw [a:b] inputs must be driven in each cycle of the burst write, in order to write the correct bytes of data. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, data integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce 1 , ce 2 , and ce 3 , must remain inactive for the duration of t zzrec after the zz input returns low. [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 5 of 12 linear burst address table (mode = gnd) first address a1, a0 second address a1, a0 third address a1, a0 fourth address a1, a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 interleaved burst sequence first address second address third address fourth address a1, a0 a1, a0 a1, a0 a1, a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz sleep mode standby current zz > v dd ? 0.2v 40 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current t his parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep current this parameter is sampled 0 ns truth table [2, 3, 4, 5, 6, 7, 8] operation address used ce 1 ce2 ce 3 zz adv/ld we bw x oe cen clk dq deselect cycle none h x x l l x x x l l->h tri-state deselect cycle none x x h l l x x x l l->h tri-state deselect cycle none x l x l l x x x l l->h tri-state continue deselect cycle none x x x l h x x x l l->h tri-state read cycle (begin burst) external l h l l l h x l l l->h data out (q) read cycle (continue burst) next x x x l h x x l l l->h data out (q) nop/dummy read (begin burst) external l h l l l h x h l l->h tri-state dummy read (continue burst) next x x x l h x x h l l->h tri-state write cycle (begin burst) external l h l l l l l x l l->h data in (d) write cycle (continue burst) next x x x l h x l x l l->h data in (d) nop/write abort (begin burs t) none l h l l l l h x l l->h tri-state write abort (continue burst) next x x x l h x h x l l->h tri-state ignore clock edge (stall) current x x x l x x x x h l->h ? sleep mode none x x x h x x x x x x tri-state truth table for read/write [2, 3] function we bw a bw b read hxx write ? no bytes written l h h write byte a ? (dq a and dqp a )lhh write byte b ? (dq b and dqp b )lhh write all bytes l l l notes: 2. x = ?don't care.? h = logic high, l = logic low. bwx = 0 signifies at least one byte write select is active, bwx = valid signifies that the desired byte write selects are asserted, see truth table for details. 3. write is defined by bw [a:b] , and we . see truth table for read/write. 4. when a write cycle is detected, all i/os are tri-stated, even during byte writes. 5. the dqs and dqp [a:b] pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 6. cen = h, inserts wait states. 7. device will power-up deselected and the i/os in a tri-state condition, regardless of oe . 8. oe is asynchronous and is not sampled with t he clock rise. it is masked internally during write cycles. during a read cycle dqs a nd dqp [a:b] = tri-state when oe is inactive or when the device is deselected, and dqs and dqp [a:b] = data when oe is active. [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 6 of 12 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ............. .............. ...... ?65c to +150c ambient temperature with power applied........... .............. .............. ...... ?55c to +125c supply voltage on v dd relative to gnd........ ?0.5v to +4.6v supply voltage on v ddq relative to gnd ...... ?0.5v to +v dd dc voltage applied to outputs in tri-state........................................... ?0.5v to v ddq + 0.5v dc input voltage ................................... ?0.5v to v dd + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... ........... ............ .......... > 2001v (per mil-std-883, method 3015) latch-up current.................................................... > 200 ma operating range range ambient temperature (t a )v dd v ddq commercial 0c to +70c 3.3v ? 5%/+10% 2.5v ? 5% to v dd industrial -40c to +85c electrical characteristics over the operating range [9,10] parameter description test conditions min. max. unit v dd power supply voltage 3.135 3.6 v v ddq i/o supply voltage for 3.3v i/o 3.135 v dd v for 2.5v i/o 2.375 2.625 v v oh output high voltage for 3.3v i/o, i oh = ?4.0 ma 2.4 v for 2.5v i/o, i oh = ?1.0 ma 2.0 v ol output low voltage for 3.3v i/o, i ol = 8.0 ma 0.4 v for 2.5v i/o, i ol = 1.0 ma 0.4 v ih input high voltage for 3.3v i/o 2.0 v dd + 0.3v v for 2.5v i/o 1.7 v dd + 0.3v v il input low voltage [9] for 3.3v i/o ?0.3 0.8 v for 2.5v i/o ?0.3 0.7 i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq , output disabled ?5 5 a i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 7.5-ns cycle, 133 mhz 225 ma i sb1 automatic ce power-down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il , f = f max , inputs switching 7.5-ns cycle, 133 mhz 90 ma i sb2 automatic ce power-down current?cmos inputs v dd = max, device deselected, v in v dd ? 0.3v or v in 0.3v, f = 0, inputs static 7.5-ns cycle, 133 mhz 40 ma i sb3 automatic ce power-down current?cmos inputs v dd = max, device deselected, v in v ddq ? 0.3v or v in 0.3v, f = f max , inputs switching 7.5-ns cycle, 133 mhz 75 ma i sb4 automatic ce power-down current?ttl inputs v dd = max, device deselected, v in v dd ? 0.3v or v in 0.3v, f = 0, inputs static 7.5-ns cycle, 133 mhz 45 ma notes: 9. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac)> ?2v (pulse width less than t cyc /2). 10. t power-up : assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 7 of 12 capacitance [11] parameter description test conditions 100 tqfp max. unit c in input capacitance t a = 25c, f = 1 mhz, v dd = 3.3v v ddq = 2.5v 5pf c clock clock input capacitance 5 pf c i/o i/o capacitance 5 pf thermal resistance [11] parameters description test conditions 100 tqfp package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51 30.32 c/w jc thermal resistance (junction to case) 6.85 c/w ac test loads and waveforms note: 11. tested initially and after any design or proc ess change that may affect these parameters. output r = 317 ? r = 351 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v l = 1.5v 3.3v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 3.3v i/o test load output r = 1667 ? r =1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 2.5v i/o test load [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 8 of 12 switching characteristics over the operating range [12, 13] parameter description -133 unit min. max. t power v dd (typical) to the first access [14] 1 ms clock t cyc clock cycle time 7.5 ns t ch clock high 2.5 ns t cl clock low 2.5 ns output times t cdv data output valid after clk rise 6.5 ns t doh data output hold after clk rise 2.0 ns t clz clock to low-z [15, 16, 17] 0 ns t chz clock to high-z [15, 16, 17] 3.5 ns t oev oe low to output valid 3.5 ns t oelz oe low to output low-z [15, 16, 17] 0 ns t oehz oe high to output high-z [15, 16, 17] 3.5 ns set-up times t as address set-up before clk rise 1.5 ns t als adv/ld set-up before clk rise 1.5 ns t wes we , bw [a:b] set-up before clk rise 1.5 ns t cens cen set-up before clk rise 1.5 ns t ds data input set-up before clk rise 1.5 ns t ces chip enable set-up before clk rise 1.5 ns hold times t ah address hold after clk rise 0.5 ns t alh adv/ld hold after clk rise 0.5 ns t weh we , bw [a:b] hold after clk rise 0.5 ns t cenh cen hold after clk rise 0.5 ns t dh data input hold after clk rise 0.5 ns t ceh chip enable hold after clk rise 0.5 ns notes: 12. timing reference level is 1.5v when v ddq = 3.3v and 1.25v when v ddq = 2.5v. 13. test conditions shown in (a) of ac test loads, unless otherwise noted. 14. this part has a voltage regulator internally; t power is the time that the power needs to be supplied above v dd minimum initially before a read or write operation can be initiated. 15. t chz , t clz , t oelz , and t oehz are specified with ac test conditions shown in (b) of ac test loads. transition is measured 200 mv from steady-state voltage . 16. at any given voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention betw een srams when sharing the same data bus. these specifications do not imply a bus contention condition, but reflect pa rameters guaranteed over worst case user conditions. device is designed to achieve tri-state prior to low- z under the same system conditions. 17. this parameter is sampled and not 100% tested. [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 9 of 12 switching waveforms read/write waveforms [18, 19, 20] notes: 18. for this waveform zz is tied low. 19. when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high, ce 1 is high or ce 2 is low or ce 3 is high. 20. order of the burst sequence is determined by the status of th e mode (0 = linear, 1 = interleaved). burst operations are opti onal. write d(a1) 123 456789 clk t cyc t cl t ch 10 ce t ceh t ces we cen t cenh t cens bw [a:b] adv/ld t ah t as address a1 a2 a3 a4 a5 a6 a7 t dh t ds dq c ommand t clz d(a1) d(a2) q(a4) q(a3) d(a2+1) t doh t chz t cdv write d(a2) burst write d(a2+1) read q(a3) read q(a4) burst read q(a4+1) write d(a5) read q(a6) write d(a7) deselect oe t oev t oelz t oehz don?t care undefined d(a5) t doh q(a4+1) d(a7) q(a6) [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 10 of 12 nop, stall and deselect cycles [18, 19, 21] zz mode timing [22, 23] notes: 21. the ignore clock edge or stall cycle (clock 3) illustrated cen being used to create a pause. a writ e is not perform ed during this cycle. 22. device must be deselected when entering zz mode. see truth ta ble for all possible signal conditions to deselect the device. 23. i/os are in tri-state when exiting zz sleep mode. switching waveforms (continued) read q(a3) 456 78910 a3 a4 a5 d(a4) 123 clk ce we cen bw [a:b] adv/ld address dq c ommand write d(a4) stall write d(a1) read q(a2) stall nop read q(a5) deselect continue deselect don?t care undefined t chz a1 a2 q(a2) d(a1) q(a3) t doh q(a5) t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 11 of 12 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. nobl and no bus latency are trademarks of cypress semiconduc tor corporation. zbt is a trademark of integrated device technology, inc. all product and company names mentioned in this document are the trademarks of their respective holders. ordering information ?not all of the speed, package and temperature ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered?. speed (mhz) ordering code package diagram package type operating range 133 cy7c1231h-133axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free commercial CY7C1231H-133AXI 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free industrial package diagram note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin tqfp (14 x 20 x 1.4 mm) (51-85050) 51-85050-*b [+] feedback [+] feedback
cy7c1231h document #: 001-00207 rev. *b page 12 of 12 document history page document title: cy7c1231h 2-mbit (128k x 18) flow-through sram with nobl? architecture document number: 001-00207 rev. ecn no. issue date orig. of change description of change ** 347377 see ecn pci new data sheet *a 428408 see ecn nxr converted from preliminary to final. changed address of cypress semiconduct or corporation on page# 1 from ?3901 north first street? to ?198 champion court? removed 100 mhz speed-bin changed three-state to tri-state. modified ?input load? to ?input leaka ge current except zz and mode? in the electrical characteristics table. modified test condition from v ddq < v dd to v ddq < v dd replaced package name column with package diagram in the ordering information table. updated the ordering information table. replaced package diagram of 51-85050 from *a to *b *b 459347 see ecn nxr included 2.5v i/o option updated the ordering information table. [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1231H-133AXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X