Part Number Hot Search : 
AMP01AX HC237 72310 HFA1105 C0942A 1H221 SMAJ12CA 51989Q
Product Description
Full Text Search
 

To Download BC817W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc 817w, bc 818w 1 oct-20-1999 npn silicon af transistors ? for general af applications ? high collector current ? high current gain ? low collector-emitter saturation voltage ? complementary types: bc 807w, bc 808w (pnp) 1 3 vso05561 2 type marking pin configuration package bc 817-16w bc 817-25w bc 817-40w bc 818-16w bc 818-25w bc 818-40w 6as 6bs 6cs 6es 6fs 6gs 1 = b 1 = b 1 = b 1 = b 1 = b 1 = b 2 = e 2 = e 2 = e 2 = e 2 = e 2 = e 3 = c 3 = c 3 = c 3 = c 3 = c 3 = c sot-323 sot-323 sot-323 sot-323 sot-323 sot-323 maximum ratings parameter symbol bc 817w bc 818w unit collector-emitter voltage v ceo 45 25 v collector-base voltage v cbo 50 30 emitter-base voltage v ebo 5 5 dc collector current i c 500 ma peak collector current i cm 1 a base current ma 100 i b peak base current i bm 200 total power dissipation , t s = 130 c p tot 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance junction ambient 1) r thja 215 k/w junction - soldering point r thjs 80 1) package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bc 817w, bc 818w 2 oct-20-1999 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 10 ma, i b = 0 bc 817w bc 818w v (br)ceo 45 25 - - - - v collector-base breakdown voltage i c = 10 a, i b = 0 bc 817w bc 818w v (br)cbo 50 30 - - - - emitter-base breakdown voltage i e = 10 a, i c = 0 v (br)ebo 5 - - collector cutoff current v cb = 25 v, i e = 0 i cbo - - 100 na collector cutoff current v cb = 25 v, i e = 0 , t a = 150 c i cbo - - 50 a emitter cutoff current v eb = 4 v, i c = 0 i ebo - - 100 na dc current gain 1) i c = 100 ma, v ce = 1 v h fe -grp. 16 h fe -grp. 25 h fe -grp. 40 h fe 100 160 250 160 250 350 250 400 630 - dc current gain 1) i c = 300 ma, v ce = 1 v h fe -grp. 16 h fe -grp. 25 h fe -grp. 40 h fe 60 100 170 - - - - - - collector-emitter saturation voltage1) i c = 500 ma, i b = 50 ma v cesat - - 0.7 v base-emitter saturation voltage 1) i c = 500 ma, i b = 50 ma v besat - - 1.2 v 1) pulse test: t 300 s, d = 2%
bc 817w, bc 818w 3 oct-20-1999 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics transition frequency i c = 50 ma, v ce = 5 v, f = 100 mhz f t - 170 - mhz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 6 - pf emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 60 -
bc 817w, bc 818w 4 oct-20-1999 permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 total power dissipation p tot = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t s 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t a 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot permissible pulse load p totmax / p totdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 collector cutoff current i cbo = f ( t a ) v cbo = 25v 0 10 ehp00221 bc 817/818 a t 150 0 5 10 cbo na 50 100 1 10 2 10 4 10 ?c typ max 10 3
bc 817w, bc 818w 5 oct-20-1999 dc current gain h fe = f ( i c ) v ce = 1v 10 ehp00224 bc 817/818 -1 3 10 ma 0 10 3 10 5 5 10 0 10 1 10 1 c fe h 2 10 2 10 ? c 100 5 25 ? c -50 ? c transition frequency f t = f ( i c ) v ce = 5v 10 ehp00218 bc 817/818 03 10 ma 1 10 3 10 5 5 10 1 10 2 10 2 c t f mhz collector-emitter saturation voltage i c = f ( v cesat ), h fe = 10 0 10 ehp00215 cesat v 0.4 v 0.8 -1 10 0 10 1 3 10 5 5 c ma 5 2 10 0.2 0.6 -50 25 150 ? c ? c ? c base-emitter saturation voltage i c = f ( v besat ), h fe = 10 0 10 ehp00222 bc 817/818 besat v 2.0 v 4.0 -1 10 0 10 1 3 10 5 5 c ma 5 2 10 1.0 3.0 ? c -50 25 ? c ? c 150


▲Up To Search▲   

 
Price & Availability of BC817W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X