Part Number Hot Search : 
PM7326 RT7262A EL4585 P921707 LT6107 AT1305A M48T36 NV2312A
Product Description
Full Text Search
 

To Download ASPI-5612-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs compliant abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com smt power inductors s m t p o w e r i n d u c t o r s smt power inductors ASPI-5612-XXX ||||||||||||||| 5.9 x 5.9 x 1.05mm physical characteristics: standard specifications: features & applications: technical information:  miniature size : mount area 9? 5.95.9mm, height 9? 1.2mm max.  available on tape and reel for automatic insertion  lead free part avaliable  applications 9? dc to dc converters for cellular phone, lcd driver circuit  marking: value, in h or equivalent  add -m for l tolerance 20%  add -t for tape and reel  l test at 100khz, 0.1v rms  i dc : l drop 10% typ. from the initial value or ? t=40c rise max (aspi-5612-102 idc: l drop 15% typ)  operating tepperature : -40c ~ + 85c  electrical specification @25c  resistance to solder heat : 260c . 10 sec. note: all specifications subject to change without notice. packaging information:  parts are packaged on 13? reels. 5000 parts per reel. l (h) dcr ( ? ) inductance temperature 20% 20% decrease current rise current aspi-5612- 2r2 2.2 0.072 1.40 1.95 aspi-5612- 3r3 3.3 0.086 1.18 1.85 aspi-5612- 4r7 4.7 0.119 0.90 1.60 aspi-5612- 6r8 6.8 0.116 0.73 1.35 aspi-5612- 100 10 0.230 0.62 1.12 aspi-5612- 150 15 0.340 0.50 0.90 aspi-5612- 220 22 0.459 0.41 0.80 aspi-5612- 330 33 0.640 0.39 0.68 aspi-5612- 470 47 0.899 0.32 0.55 aspi-5612- 680 68 1.413 0.27 0.41 680 aspi-5612- 101 100 2.158 0.22 0.33 101 aspi-5612- 221 220 4.687 0.15 0.23 221 aspi-5612- 331 330 7.144 0.12 0.18 331 aspi-5612- 471 470 9.400 0.10 0.16 471 aspi-5612- 681 680 12.542 0.09 0.14 681 aspi-5612- 102 1000 21.975 0.09 0.10 102 marking part number 2.2 3.3 4.7 6.8 10 15 22 33 47 rev1.1-10/06


▲Up To Search▲   

 
Price & Availability of ASPI-5612-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X