Part Number Hot Search : 
243R3 IT122 LW3021A M74HC485 TLE4946H BD3491FS M62464AE 10X12
Product Description
Full Text Search
 

To Download 5082-2805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  passivated general purpose schottky diodes reliability data the following cumulative test results have been obtained from testing performed at hewlett- packard communications com- ponents division in accordance with the latest revision of mil-std-750. data was gathered from the product qualification, reliability monitor, and engineering evaluation. for the purpose of this reliability data sheet, a failure is any part which fails to meet the electrical and/or mechanical specification listed in the hewlett-packard communications components designers catalog. point [1] 90% confidence level [2] junction temp. mttf mttf t j ( c) (hours) fit [3] (hours) fit [3] 200 2.7 x 10 5 3704.0 1.2 x 10 5 8333.0 175 1.4 x 10 6 714.0 6.1 x 10 5 1639.0 150 8.9 x 10 6 112.0 4.0 x 10 6 250.0 125 7.1 x 10 7 14.0 3.1 x 10 7 32.0 100 7.4 x 10 8 1.3 3.2 x 10 8 3.1 75 1.0 x 10 10 0.10 4.3 x 10 9 2.3 b. failure rate prediction the failure rate will depend on the junction temperature of the device. the estimated life at different temperatures is calcu- lated, using the arrhenius plot with activation energy of 1.2 ev, and listed in the following table. 1. life test a. demonstrated performance units total total failure rate test test conditions tested device hrs. failed 1%/1k hrs. high temp. rev. v r = 80% v br , t a = 200 c 676 598,000 0 0 bias (htrb) room temp. p fm = 250 mw, t a = 25 c 364 364,000 0 0 operating life v r = 80% v br , 60 hz (rtol) high temp. t a = 200 c 367 271,000 0 0 storage (hts) 1n5711/12 5082-2800/04/05 5082-2810/11 5082-2815/17/18 5082-2826 5082-2835 5082-2080
2 notes: 1. the point mttf is simply the total device hours divided by the number of failures. 2. the mttf and failure rate represent the performance level for which there is a 90% probability of the device doing 400 junction temperature, t j ( c) mean time to failure, mttf (hrs) 350 300 250 200 150 100 50 25 activation energy (ev) 0.7 0.8 0.9 1.0 1.5 2.0 3.0 4.0 0.6 0.5 10 2 10 3 10 4 10 5 10 6 10 7 10 8 10 9 e a = 1.2 ev better than the stated value. the confidence level is based on the statistics of failure distribution. the assumed distribution is exponential. this particular distribution is commonly used in describing useful life failures. 3. fit is defined as failure in time, or specifically, failures per billion hours. the relationship between mttf and fit is as follows: fit = 10 9 /(mttf). c. example of failure rate calculation at 75 c with a device operating 8 hours a day, 5 days a week, the percent utilization is: % utilization = (8 hrs/day x 5 days/wk) ? 168 hrs/wk = 25% then the point failure rate per year is: (1.0 x 10 -10 /hr.) x (25%) x (8760 hrs/yr) = 2.2 x 10 -5 % per year likewise, the 90% confidence level failure rate per year is: (2.3 x 10 -10 /hrs.) x (25%) x (8760 hrs/yr) = 5.1 x 10 -5 % per year
3 2. environmental and mechanical tests mil-std-750 units total test reference test conditions tested failed solderability 2026 260 c, 5 seconds 198 0 solder heat 2031 260 c, 10 seconds 44 0 resistance to solvent 1022 4 solvent groups 126 0 thermal shock 1056 -65/200 c, 5 min dwell, 116 0 200 cycles temperature cycle 1051 -55/100 c, 10 min dwell, 416 0 200 cycles mechanical shock 2016 1500 gs, 0.5 msec pulse 272 0 5 blows each x1, y1, y2 acceleration 2006 20,000 gs, 1 min, x1, y, y2 116 0 vibration variable freq. 2056 20C2000 hz, 20 g, 4 min all axis 116 0 hermeticity 1017 fine and gross 416 0 lead integrity 4 lbs minimum 176 0 salt atmosphere 1041 10C 50 gr/m 2 @ 35 c, 24 hrs. 45 0 3. dod-hdbk-1686 esd classification: 5082-28xx class i
for technical assistance or the location of your nearest hewlett-packard sales office, distributor or representative call: americas/canada: 1-800-235-0312 or 408-654-8675 far east/australasia: call your local hp sales office. japan: (81 3) 3335-8152 europe: call your local hp sales office. data subject to change. copyright ? 1997 hewlett-packard co. printed in u.s.a. 5965-8870e (6/97)


▲Up To Search▲   

 
Price & Availability of 5082-2805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X