Part Number Hot Search : 
EL8401IU UT12118 IRF131 S5KP13A 03000 SDH40F MBT6B 40007
Product Description
Full Text Search
 

To Download 0850031081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850031081 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 header, style c, 64 circuits, lead free documents: 3d model product specification ps-85003-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85003 application backplane component type pcb header overview din_41612 product name iec 603-2/din 41612 style c physical circuits (loaded) 64 circuits (maximum) 96 durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes number of columns 16 number of pairs open pin field number of rows 3 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to pcb yes stackable no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 2.5a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85003 series mates with 85042 , 85052 backplane header
reference - drawing numbers product specification ps-85003-0001 sales drawing sd-85003-1081 this document was generated on 05/17/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0850031081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X