Part Number Hot Search : 
KE39A S1C17601 ICM7231 10160 6270M B2136 DN8799 STR83159
Product Description
Full Text Search
 

To Download 0678008012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0678008012 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata high speed header, vertical, through hole, with locking latch, 7 circuits, 0.76m (30") gold (au) selective plating, for 2.00mm (.079") pcb, black, footprint a, with pcb locator tabs, lead-free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 67800 application board-to-board, wire-to-board comments in-line solder pin|footprint a overview serial_ata_products product name serial ata physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin black durability (mating cycles max) 50 first mate / last break yes flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.112 in pc tail length (mm) 2.85 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.080 in pcb thickness recommended (mm) 2.00 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +85c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67800 series
termination interface: style through hole electrical current - maximum per contact 1.5a voltage - maximum 15v solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-67800-001 sales drawing sd-67800-008 this document was generated on 05/26/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0678008012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X