this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0010011074 status: active overview: kk description: 5.08mm (.200") pitch kk? crimp terminal housing, 7 circuits documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 3001 overview kk product name kk? physical circuits (maximum) 7 color - resin natural flammability 94v-2 gender female glow-wire compliant no material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm temperature range - operating -40c to +105c solder process data lead-free process capability wave capable (th only) material info old part number 3001-07 reference - drawing numbers product specification ps-99020-0087 sales drawing sde-3001-n-* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3001 series mates with 3061 , 3003 , 3008 use with 2478 crimp terminals for 18-24 awg, 2578 crimp terminals for 22-26 awg, 2878 this document was generated on 05/27/2010 please check www.molex.com for latest part information
|