Part Number Hot Search : 
A213DN 5ETTT 244APA BD45261G TC58NVG ZTB393D 74F54000 M41ST
Product Description
Full Text Search
 

To Download SM140M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical specifica tion s of surf ace mount schottky barrier rectifier vol t age range - 20 to 60 v olts current - 0.5 ampere features * ideal for surface mounted applications * low leakage current for high efficiency maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. sm120m thru sm160m notes : 1. thermal resistance (junction to ambient), .24in 2 (6.0mm 2 ) copper pads to each terminal. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a =90 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note1) typical junction capacitance (note 2) symbol v rrm v dc i fsm c j t j , t stg v rms units volts volts volts amps 0.5 25 amps 0 c/w 0 c storage operating temperature range r q ja i o -65 to + 125 pf maximum dc reverse current at rated dc blocking voltage v f i r mamps maximum instantaneous forward voltage at 0.5a dc 1.0 10 @t a = 25 o c @t a = 100 o c rectifier specialists r dc components co., l td. mechanical data * case: molded plastic * epoxy: ul 94v- 0 rate flame retardant * mounting position: any * weight: 0.036 gram *terminals: solder plated solderable per mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end * high current capability 75 110 sm120m sm130m SM140M sm150m sm160m 20 30 40 50 60 14 21 28 35 42 20 30 40 50 60 .45 .55 .60 .75 sm- 2(do-213aa) .150(3.81) .130(3.33) .022(.56) .016(.41) .068(1.77) .060(1.52) 302
r dc components co., l td. rating and characteristic curves ( sm120m thru sm160m ) 30 25 20 15 10 5 sm12 0 m sm16 0 m sm14 0 m 303


▲Up To Search▲   

 
Price & Availability of SM140M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X