Part Number Hot Search : 
ZPD24 DTA114EM 3323W504 M5236 MO73DR TSI721 M35V1 KA8304
Product Description
Full Text Search
 

To Download S7011-0907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s7010/s7011/s7015 series s7010/s7011/s7015 series are families of fft-ccd image sensors specifically designed for low-light-level detection in scientifi c applications. by using the binning operation, s7010/s7011/s7015 series can be used as a linear image sensor having a long aperture in the direct ion of the device length. this makes s7010/s7011/s7015 series ideally suited for use in spectrophotometry. the binning operation offers si gnificant improvement in s/n and signal processing speed compared with conventional methods by which signals are digitally added by an ex ternal circuit. s7010/s7011/s7015 series also feature low noise and low dark signal (mpp mode operation). this enables low-light-level detectio n and long integration time, thus achieving a wide dynamic range. s7010/s7011/s7015 series have an effective pixel size of 24 24 m and are available in image areas ranging from 12.288 (h) 1.44 (v) mm 2 (512 60 pixels) up to a large image area of 24.576 (h) 6.048 (v) mm 2 (1024 252 pixels). features l 512 (h) 60 (v) to 1024 (h) 252 (v) pixel format l pixel size: 24 24 m l line/pixel binning l 100 % fill factor l wide dynamic range l low dark signal l low readout noise l mpp operation applications l fluorescence spectrometer, icp l raman spectrometer l industrial inspection requiring l semiconductor inspection l dna sequencer l low-light-level detection image sensor ccd area image sensor front-illuminated fft-ccd  
   

 
    
      
 
  
  !"# $%&'#( $ &'# &&))' ((  !" $%&' &) $ &' &( &&))'&"#  !") $%&'&$# $ &'&$& &&))'#()  ! # (('#( &('# &($#' ((  !  ((' &) &(' &( &($#'&"#  ! )  !
 (('&$# &('&$& &($#'#() &  !"# $%&'#( $ &'# &&))' ((  !" $%&' &) $ &' &( &&))'&"#  ! # (('#( &('# &($#' ((  !  ((' &) &(' &( &($#'&"# &  $!") $%&'&$# $ &'&$& &&))'#()  $! ) * !  +!
 (('&$# &('&$& &($#'#() &$   
 ,     , 
 - &(./'&(.0/1 0 

2 &  - 

2 & *   * ! 3*4+
5 ,2  &(  67,.    

/ 8 59    :;-
   : 
  $ :;-
9  9 :8 5!
 

 ; 9&: 
 

 ; 1
ccd area image sensor s7010/s7011/s7015 series 


       
       
     
       !"
 #    $ # %!"
 #    &' # (#"
 #     &' # ()"
 #     &' # (*#"
 #   +# 
 &  & # (*)"
 #   +# 
 &  & # *"
 #  &  & # *"
 #  &  & # %*"
 #  &  & # *"
 #  &  & # #  , ,
,-"
 #  +#
 &  & # )
 .
 ,
,-"
 #  +#
 &  & #       
     
       
/ "
 #  &' $ $$ # % / "
 #  && &$ &$ # "
 #  &#  "
 #     # 
0" ,  
,1 #   #  # 
02
 .
  
,1 #    #   # 
0" ,  1 #   +# 
 '   # 
02
 .
  1 #   +# 
 '   # ) 2 #  +#
 34' #  , 2 5  ,
,-"
 6
7 #  +#
 8 '  # ) 2 #  +#
 3 4 ' )
 .
 2 5  ,
,-"
 6
7 #  +#
 8 '  # ) 2 #  34'  "
 6
7 #  8 '  # ) 2 #  3 4 ' %"
 6
7 #  8 '  # ) 2 #  34' 5"
 6
7 #  8 '  # !   "         
       
 5 ?, 5,   & ). # , 2 5 , , ,@    +
  +  ; )
 .
 2 5 , , ,@    +
  &$  ;  ,, ,     ; %,, ,     ; 5,, ,    &$  ; 2555 , ,@  < 8888 88888   !
 " @  #
 &$ & &' #  /,@  a
   -  
7,

@  @    &  = @> &b &&& @3>2555 , ,  +/2 5
525 7  @>2" //
2
/ ,0 , +#!c$#+
/ ,c$$-  1 @4>
7,


52
,2  5  !       "         "#    
     

"
 #  ;79"  # # , &+ +  ; 7 ,,  
 ;7 + 4+    ! 
/  "  " &' $$  :#b  $  3  ! -,@  
/ 0 "/1  !  $ &   b  b %/

@
d  ' &$     6   $+ +   ! ,@  e,  !% &$+  +   2



 5
 @  %d  f f& g , 
   3
&+&   @ >62
 .
 5 7 5
" ,   

 @'>!-, /
 5
"
    ,  @8>3+
 5?, &-). @&>! ,>!%c; 7 b%/

 @&&> /2 5
55 7 ,,  2



 5
 > %d0g1c   -1  
 0-  
    ; / 9& 2
ccd area image sensor s7010/s7011/s7015 series device structure, line output format ...... ...... ...... v 1h ig1v ig2v isv ss rg rd os od og sg d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 d14 d15 d16 d17 d18 d19 d20 1 2 3 45 6 20 23 22 24 16 15 v=60, 124, 252 h=512, 1024 ish ig1h ig2h p1h p2h 13 12 11 10 9 4 blank 4 blank 4 optical black 4 optical black 512 or 1024 signal out 2 isolation 2 isolation tg p1v 14 p2v spectral response (without window) kmpdb0051ea 50 40 30 20 10 0 400 500 600 700 wavelength (nm) 800 900 1000 1100 1200 quantum efficiency (%) (typ. ta=25 ?c)     c   - 
6     b  f
 2 * 
f
2 7
  +  7
  * 
f
2 f
 2 ( ( & $ & &( & ( (   0 
6     f 7
  +  7
  & #> &(&$& & kmpdc0015eb spectral transmittance characteristics 0 10 100 200 wavelength (nm) transmittance (%) 300 400 500 600 700 800 900 1000 20 30 40 50 60 70 80 90 100 (typ. ta=25 ? c) quartz window sapphire window kmpdb0101ea 3
ccd area image sensor s7010/s7011/s7015 series integration period (shutter must be open) vertical binning period (shutter must be closed) 3.. 62 3..126 3..254 63 127 255 64 128 256 p1v p2v, tg p1h p2h, sg readout period (shutter must be closed) 60 + 4 (isolation): s701 * -0906/-1006 124 + 4 (isolation): s701 * -0907/-1007 252 + 4 (isolation): s701 * -0908/-1008 tpwv to v r tpwh, tpws tpwr 123 531 1043 532 1044 : s701 * -0906/-0907/-0908 : s701 * -1006/-1007/-1008 4..530 4..1042 12 d19 d2 d1 d20 rg os s1..s512 d3..d10, s1..s1024, d11..d18 : s701 * -0906/-0907/-0908 : s701 * -1006/-1007/-1008 integration period (shutter must be open) p1v rg os p2v, tg p1h p2h, sg readout period (shutter must be closed) enlarged view 4.. 63 4..127 4..255 tpwv to v r tpwr d1 d2 d3 d4 d18 d19 d20 s1..s512 d5..d10, s1..s1024, d11..d17 : s701 * -0906/-0907/-0908 : s701 * -1006/-1007/-1008 p2v, tg p1h p2h, sg rg os tpwh, tpws 123 64 60 + 4 (isolation): s701 * -0906/-1006 128 124 + 4 (isolation): s701 * -0907/-1007 256 252 + 4 (isolation): s701 * -0908/-1008 kmpdc0122ea timing chart  
            !"#$"#% &  #&   $''       (''    &  #& !'    !)#$) *
    ('  +    (''    &  #& !'    % *
  (' +    !''    % &  #&  (    %,!) -  
  .    !$/0  
  
 ('+
&  !./10
&2'! * '3'45!''2 kmpdc0123ea line binning area scanning 1: low dark current mode 4
ccd area image sensor s7010/s7011/s7015 series integration period (shutter must be open) p1v rg os p2v, tg p1h p2h, sg readout period (shutter must be closed) enlarged view tpwv to v r tpwr d1 d2 d3 d4 d18 d19 d20 p2v, tg p1h p2h, sg rg os tpwh, tpws 123 4.. 63 4..127 4..255 s1..s512 d5..d10, s1..s1024, d11..d17 : s701 * -0906/-0907/-0908 : s701 * -1006/-1007/-1008 64 60 + 4 (isolation): s701 * -0906/-1006 128 124 + 4 (isolation): s701 * -0907/-1007 256 252 + 4 (isolation): s701 * -0908/-1008  
            !"#$"#% &  #&   $''       (''    &  #& !'    !)#$) *
    ('  +    (''    &  #& !'    % *
  (' +    !''    % &  #&  (    %,!) -  
  .    !6/0  
  
 ('+
&  !(/10
&2'! * '3'45!''2 kmpdc0124ea  
            !"#$"#% &  #&   $''       (''    &  #& !'    !)#$) *
    ('  +    (''    &  #& !'    % *
  (' +    !''    % &  #&  (    %!) -  
  .    !/0  
  
 ('+
&  !2/10
&2'! * '3'45!''2 area scanning 2: large full well mode 5
ccd area image sensor s7010/s7011/s7015 series a 32.0 0.3 14.99 0.25 0.51 3.0 2.54 27.94 b 1.3 0.3 1st pin indication pad photosensitive surface dimensional outlines (unit: mm) s7010-0906/-0907 s7010-1006/-1007 kmpda0053ea a 31.75 0.3 10.05 0.25 0.46 3.0 2.54 27.94 b 1.3 0.3 photosensitive surface 1st pin indication pad a 40.64 0.41 10.05 0.25 0.46 3.0 2.54 27.94 b 1.3 0.3 1st pin indication pad photosensitive surface kmpda0054ea s7010-0908 s7010-1008 kmpda0055ea kmpda0056ea a 40.64 0.0.41 14.99 0.25 0.51 3.0 2.54 27.94 b 1.3 0.3 1st pin indication pad photosensitive surface       !"# &&))./ ((.0/  !" &&))./ &"#.0/  !") &&))./ #().0/  ! # &($#./ ((.0/  !  &($#./ &"#.0/  ! ) &($#./ #().0/ 6
ccd area image sensor s7010/s7011/s7015 series a 40.64 0.41 14.99 0.25 b 3.4 0.4 c 12.0 4.0 5.0 0.46 2.54 27.94 7.65 0.5 58.84 1st pin indication pad photosensitive surface te-cooler a 32.0 0.3 14.99 0.25 0.46 2.54 27.94 b 3.4 0.4 c 12.0 7.65 0.5 50.0 4.0 5.0 1st pin indication pad photosensitive surface te-cooler window 16.3 8.2 34.0 50.0 2.54 22.9 19.0 4.0 42.0 22.4 6.048 7.3 1.0 7.7 6.7 5.2 active area 12.288 photosensitive surface 1st pin indication pad (24 ) 0.5 te-cooler s7011-0906/-0907 s7011-1006/-1007 kmpda0057eb kmpda0058eb s7015-0908 s7015-1008 kmpda0044ec kmpda0045eb 7.3 1.0 6.7 5.2 photosensitive surface (24 ) 0.5 7.7 1st pin indication pad 6.048 4.0 19.0 22.4 22.9 44.0 52.0 60.0 2.54 window 28.6 active area 24.576 8.2 te-cooler        !"# &&))./ ((.0/ $  !" &&))./ &"#.0/   ! # &($#./ ((.0/ $  !  &($#./ &"#.0/  7
ccd area image sensor s7010/s7011/s7015 series         
               %-                                        
                !  " #$ #$  #$ #$  % " #$ #$  #$ #$  & ! ""$ ' (  ()* ! ""$ ' (  ()* ! ""$ ' (  ()*  ! ""$ ' (  ()* ! ""$ ' (  ()* ! ""$ ' (  ()*  +! #  ,$ ' ( *- +! #  ,$ ' ( *- +! #  ,$ ' ( *- .  +! #  ,$ ' ( *- +! #  ,$ ' ( *- +! #  ,$ ' ( *- .  +! #  ,$ ' ( - +! #  ,$ ' ( - +! #  ,$ ' ( -   . ""/ ( ()* . ""/ ( ()* . ""/ ( ()* 
. ""/ ( ()* . ""/ ( ()* . ""/ ( ()*  #   # 0 #   # 0 #   # 0 .  " " " % " * #1*(* * #1*(* & " 2 #1*(2 2 #1*(2   3, -  3, -  3, -  " " "  +. #  ,/ ( - +. #  ,/ ( - +. #  ,/ ( -   +. #  ,/ ( *- +. #  ,/ ( *- +. #  ,/ ( *- .  +. #  ,/ ( *- +. #  ,/ ( *- +. #  ,/ ( *- . !4%/1

7 0 7
8
 71

#%
     $"  / 0 012 , 
     !"#@ !"  ! #@ !   $!")  $! ) <  7  
   b  ?&$a &) # &$ &  3  9  7 9
 ?9
?&$a $ $ $ %  3 
  0 9
 ?9
?&$a (( )) %) %# 0 3    9
h %( # %( $ 8 3      !a 9 ":3  7: 7    

5 
 
>    i
7
  
   


 
    
  >
 

 #e    9&:
 
 
 9& :   
 
 9&&:3   h     5    
+!
 8
ccd area image sensor s7010/s7011/s7015 series 0 1 2 3 voltage (v) ccd temperature ( ? c) 4 7 6 5 -40 -30 2.0 1.5 1.0 current (a) 0.5 0 -20 -10 0 10 20 30 (typ. ta=25 ? c) voltage vs. current ccd temperature vs. current 0 1 2 3 voltage (v) ccd temperature ( ? c) 4 7 6 5 -40 -30 4 3 2 current (a) 1 0 -20 -10 0 10 20 30 (typ. ta=25 ? c) voltage vs. current ccd temperature vs. current 0 2 4 6 10 8 -30 2.0 1.5 1.0 0.5 0 -20 -10 0 10 20 (typ. ta=25 ? c) voltage (v) ccd temperature ( ? c) current (a) voltage vs. current ccd temperature vs. current 0 1 2 3 5 4 -30 2.0 1.5 1.0 0.5 0 -20 -10 0 10 20 (typ. ta=25 ? c) voltage (v) ccd temperature ( ? c) current (a) voltage vs. current ccd temperature vs. current kmpdb0176eb kmpdb0177eb kmpdb0178ea kmpdb0179ea s7011-0906/-0907 s7011-1006/-1007 s7015-1008 s7015-0908 te-cooler characteristics 9
ccd area image sensor s7010/s7011/s7015 series hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, http://www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, t elephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 3 hamamatsu photonics k.k. cat. no. kmpd1022e09 feb. 2003 dn features l c7020: for s7010 series c7021: for s7011 series c7025: for s7015 series l area scanning or full line-binnng operation l readout frequency: 250 khz l readout noise: 20 e - rms l  t=50 ? c (  t changes by radiation method.) 7  
0
 
 
  0 !& 0 e& 0 e& 0 e$ 0 !$ 0 0 ; g$0>& g $0>g  ! $0>!  g&(0>% g$0>%. & > &$/ g$0>&$. & > &$/ g &0> . & > &$/ 3    3*
  
 3
2    3*
  
> 3-  precaution for use (electrostatic countermeasures)  handle these sensors with bare hands or wearing cotton gloves. in addition, wear anti-static clothing or use a wrist band with an earth ring, in order to prevent electrostatic damage due to electrical charges from friction.  avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.  provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to discharge.  ground the tools used to handle these sensors, such as tweezers and soldering irons. it is not always necessary to provide all the electrostatic measures stated above. implement these measures according to the amount of damage that occurs.  element cooling/heating temperature incline rate element cooling/heating temperature incline rate should be set at less than 5 k/min.  
 
 
     
 2 5  6 >  6   5  
  5     
 
5 ;   b ?b&'f. @ ! @&/   5b    
 .j/   b&   
&.j/   f !
f  .j/    
5   b.&")j/? 2    f.&")j@%&%j/?%($j kmpdb0111ea (typ. ta=25 ? c) 10 k  220 240 260 temperature (k) resistance 280 300 100 k  1 m  multichannel detector head (c7020, c7021, c7025) 10


▲Up To Search▲   

 
Price & Availability of S7011-0907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X