Part Number Hot Search : 
PC1006 EL911107 BA6817 MAX2235E D1975 512K3 6GBU005 WM8955
Product Description
Full Text Search
 

To Download PS2535L-1-E3-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description t he ps2535-1 and ps2535l-1 are optically coupled isolators containing a ga as light emitting diode and an npn silicon darlington connect ed phototransistor. a high w i thstanding voltage betw een the i/o, the high voltage betw een the collector and emitter of the transistor, and darlington transistor output enables low - current input. t he ps2535-1 is in a plastic dip (dual in-line pack age) and the ps2535l-1 is lead bending ty pe (gull-w i ng) for surface mount. features ? high collector to emitter voltage (v ce o = 350 v) ? high isolation voltage (bv = 5 000 vr.m.s.) ? high current transfer ratio (ct r = 1 500 % t yp.) ? ordering number of taping product: ps2535l-1-e3, e4, f 3 , f 4 ? safety standards ? ul approved: f ile no. e72422 ? bsi approved: no. 8221/8222 ? din en60747-5-2 (vde0884 pa rt2) approved (option) applications ? t e lephone, exchange equipment ? fax / modem high collector to emitter voltage high isolation voltage multi photocoupler series ? nepoc series ? the mark ? show s major rev i sed points. document no. pn10447ej02v0ds (2nd edition) date published march 2006 cp(k) photocoupler ps2535-1,ps2535l-1
package dimensions (unit : m m ) dip ty pe (new package) lead bending ty pe (new package) ps2535-1 top view 3.5?.3 4.15?.4 3.2?.4 2.54 1.25?.15 0.50?.10 0.25 m 4.6?.35 6.5?.5 0 to 15? 7.62 0.25 +0.1 ?.05 12 43 1. anode 2. cathode 3. emitter 4. collector ps2535l-1 top view 0.25 m 4.6?.35 6.5?.5 3.5?.3 2.54 1.25?.15 0.15 0.9?.25 9.60?.4 0.25 +0.1 ?.05 0.1 +0.1 ?.05 12 43 1. anode 2. cathode 3. emitter 4. collector dip ty pe lead bending ty pe ps2535-1 top view 4.6?.5 6.5?.5 3.5?.3 4.15?.4 3.3?.5 2.54 1.25?.15 0.50?.10 0.25 m 0 to 15? 7.62 0.25 +0.1 ?.05 12 43 1. anode 2. cathode 3. emitter 4. collector ps2535l-1 top view 4.6?.5 6.5?.5 0.25 m 3.5?.3 2.54 1.25?.15 0.15 0.9?.25 9.60?.4 0.25 +0.1 ?.05 0.1 +0.1 ?.05 12 43 1. anode 2. cathode 3. emitter 4. collector data sheet pn10447ej02v0ds 2 ps2535-1,ps2535l-1
marking example 2535 nl601 j n assembly lot week assembled year assembled (last 1 digit) in-house code ctr rank code no. 1 pin mark package new pkg standard pkg made in japan made in taiwan n 6 01 l l data sheet pn10447ej02v0ds 3 ps2535-1,ps2535l-1
ordering information part number order number solder plating specification packing sty l e safety standard approval application part number *1 p s 2 5 3 5 - 1 p s 2 5 3 5 - 1 - a p b - f r e e magazine ca se 100 pcs standard products ps2535-1 ps2535l-1 ps2535l-1-a (ul, bsi approved) ps2535l-1-e3 PS2535L-1-E3-A embossed tape 1 000 pcs/reel p s 2 5 3 5 l - 1 - e 4 p s 2 5 3 5 l - 1 - e 4 - a ps2535l-1-f3 ps2535l-1-f3-a embossed tape 2 000 pcs/reel p s 2 5 3 5 l - 1 - f 4 p s 2 5 3 5 l - 1 - f 4 - a p s 2 5 3 5 - 1 - v p s 2 5 3 5 - 1 - v - a magazine case 100 pcs din en60747-5-2 ps2535l-1-v ps2535l-1-v-a (vde0884 part2) p s 2 5 3 5 l - 1 - v - e 3 p s 2 5 3 5 l - 1 - v - e 3 - a e m b o s s e d t ape 1 000 pcs/reel approved (option) p s 2 5 3 5 l - 1 - v - e 4 p s 2 5 3 5 l - 1 - v - e 4 - a p s 2 5 3 5 l - 1 - v - f 3 p s 2 5 3 5 l - 1 - v - f 3 - a e m b o s s e d t ape 2 000 pcs/reel p s 2 5 3 5 l - 1 - v - f 4 p s 2 5 3 5 l - 1 - v - f 4 - a *1 f o r the application of the safety st andard, follow i ng part number should be used. absolute maximum ratings (t a = 25 c, unless otherw ise specified) p a r a m e t e r s y mbol r a t i n g s u n i t diode forw ard current (dc) i f 5 0 m a r e v e r s e v o l t a g e v r 6 v pow e r dissipation derating ? p d / c 0 . 7 mw/ c p o w e r d i s s i p a t i o n p d 7 0 m w peak forw ard current *1 i fp 0 . 5 a transistor collector to emitter voltage v ceo 3 5 0 v emitter to collector voltage v eco 0 . 3 v c o l l e c t o r c u r r e n t i c 1 2 0 m a pow e r dissipation derating ? p c / c 2 . 0 mw/ c p o w e r d i s s i p a t i o n p c 2 0 0 m w isolation voltage *2 b v 5 0 0 0 v r . m . s . operating ambient temperature t a ? 55 to +100 c storage temperature t st g ? 55 to +150 c *1 pw = 100 s, duty cy cle = 1% *2 ac voltage for 1 minute at t a = 2 5 c, rh = 60% betw een input and output pins 1-2 shorted together , 3-4 shorted together. data sheet pn10447ej02v0ds 4 ps2535-1,ps2535l-1
electrical characteristics (t a = 25 c) p a r a m e t e r s y m b o l c o n d i t i o n s m i n . ty p . m a x . u n i t d i o d e f o r w ard v o l t a g e v f i f = 10 ma 1.2 1.4 v r e v e r s e c u r r e n t i r v r = 5 v 5 a t e r m i n a l c a p a c i t a n c e c t v = 0 v, f = 1.0 mhz 15 pf transistor collector to emitter dark current i ceo v ce = 350 v, i f = 0 ma 400 na coupled current transfer ratio (i c /i f ) *1 c t r i f = 1 ma, v ce = 2 v 400 1 500 5 500 % collector saturation voltage v ce (s at) i f = 1 ma, i c = 2 ma 1.0 v i s o l a t i o n r e s i s t a n c e r i-o v i-o = 1.0 kv dc 1 0 11 ? i s o l a t i o n c a p a c i t a n c e c i-o v = 0 v, f = 1.0 mhz 0.6 pf r i s e time *2 t r v cc = 5 v, i c = 10 ma, r l = 100 ? 1 8 s f a l l ti me *2 t f 5 *1 ct r rank n : 400 to 5 500 (%) l : 1 500 to 5 500 (%) *2 t e st circuit for sw itching time pw = 1 ms, duty cycle = 1/10 pulse input v cc v out in monitor r l = 100 ? 50 ? i f data sheet pn10447ej02v0ds 5 ps2535-1,ps2535l-1
typical characteristics (t a = 25 c, unless otherw ise specified) ?0 ?5 0 25 50 75 100 10 000 100 000 1 000 100 10 1 25 50 75 100 100 80 60 40 20 0 0.7 mw/?c 2.0 mw/?c 25 50 75 100 120 140 160 180 200 220 240 100 80 60 40 20 0 100 50 10 5 1 0.5 0.1 0.7 0.9 1.1 1.3 1.5 0.8 1.0 1.2 1.4 0 ?c ?5 ?c ?0 ?c t a = +100 ?c +60 ?c +25 ?c 0.4 0.6 0.8 1.0 1.2 1.4 1.6 100 50 10 5 1 transistor power dissipation vs. transistor power dissipation p c (mw) diode power dissipation p d (mw) ambient temperature t a (?c) ambient temperature t a (?c) forward current vs. forward current i f (ma) forward voltage v f (v) collector current vs. collector current i c (ma) collector saturation voltage v ce(sat) (v) collector to emitter voltage collector current vs. collector current i c (ma) collector to emitter voltage v ce (v) collector to emitter dark collector to emitter dark current i ceo (na) ambient temperature t a (?c) i f = 0.5 ma 1 ma 5 ma 2 ma 3 ma ctr = 1 068 % 2 290 % 4 360 % v ceo = 350 v ambient temperature diode power dissipation vs. ambient temperature forward voltage collector saturation voltage current vs. ambient temperature 12 3 4 5 100 50 10 5 1 0 1 ma 5 ma 3 ma 2 ma i f = 0.5 ma remark t he graphs indicate nominal characteristics. data sheet pn10447ej02v0ds 6 ps2535-1,ps2535l-1
v cc = 10 v, i c = 10 ma, ctr = 1 800 % 1 000 100 10 1 0.1 10 50 100 500 1000 0.1 1 0.5 10 5 40 4 000 4 500 3 500 3 000 2 500 2 000 1 500 1 000 500 0 i f = 1 ma t a = 25 ?c t a = 60 ?c 10 10 2 10 3 10 4 10 5 10 6 1.2 1.0 0.8 0.6 0.4 0.2 0.0 t r t f t d t s ratio vs. ambient temperture normalized current transfer ambient temperature t a (?c) normalized current transfer ratio ctr forward current current transfer ratio vs. forword current i f (ma) current transfer ratio ctr (%) lord resistance switching time vs. load resistance r l ( ? ) switching time t ( s) long term ctr degradation time (hr) ctr (relative value) v ce = 2 v ?0 ?5 0 25 50 75 100 1.4 1.0 1.2 0.8 0.6 0.4 0.2 0.0 normalized to 1.0 at t a = 25 ?c, i f = 1 ma, v ce = 2 v remark t he graphs indicate nominal characteristics. data sheet pn10447ej02v0ds 7 ps2535-1,ps2535l-1
taping specifications (in millimeters) tape direction outline and dimensions (tape) outline and dimensions (reel) ps2535l-1-e3 ps2535l-1-e4 1.55?.1 2.0?.1 4.0?.1 1.75?.1 4.5 max. 4.0 ?.1 0.4 5.3?.1 8.0?.1 7.5?.1 16.0?.3 10.3?.1 1.5 +0.1 ? packing: 1 000 pcs/reel 2.0?.5 r 1.0 13.0?.2 21.0?.8 254?.0 80.0?.0 2.0?.5 15.9 to 19.4 outer edge of flange 21.5?.0 17.5?.0 data sheet pn10447ej02v0ds 8 ps2535-1,ps2535l-1
tape direction ps2535l-1-f3 ps2535l-1-f4 outline and dimensions (tape) 1.55?.1 2.0?.1 4.0?.1 1.75?.1 4.5 max. 4.0 ?.1 0.4 5.3?.1 8.0?.1 7.5?.1 16.0?.3 10.3?.1 1.5 +0.1 ? outline and dimensions (reel) packing: 2 000 pcs/reel 2.0?.5 r 1.0 13.0?.2 21.0?.8 330?.0 100?.0 2.0?.5 15.9 to 19.4 outer edge of flange 21.5?.0 17.5?.0 data sheet pn10447ej02v0ds 9 ps2535-1,ps2535l-1
notes on handling 1. recommended soldering conditions (1) infrared reflow soldering ? peak reflow temperature 260 c or below (package surface temperature) ? t i me of peak reflow temperature 10 seconds or less ? t i me of temperature higher than 220 c 60 seconds or less ? t i me to preheat temperature from 120 to 180 c 120 30 s ? number of reflow s t h ree ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) 120?0 s (preheating) 220?c 180?c package surface temperature t (?c) time (s) recommended temperature profile of infrared reflow (heating) to 10 s to 60 s 260?c max. 120?c (2) wav e soldering ? t e mperature 260 c or below (molten solder temperature) ? t i me 10 seconds or less ? preheating conditions 120 c or below (package surface temperature) ? number of times one (allow ed to be dipped in solder including plastic mold portion.) ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) (3 ) solde r ing by s o lde r ing iron ? peak temperature (l ead part temperature) 350 c or below ? t i me (each pins) 3 seconds or less ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) (a) soldering of leads should be made at the poi nt 1.5 to 2.0 mm from the root of the lead. (b) please be sure that the temperatur e of the package w oul d not be heated over 100 c. data sheet pn10447ej02v0ds 10 ps2535-1,ps2535l-1
(4 ) ca utions ? f l uxes avoid removing the residual flux w i th freon-based and chlorine-based cleaning solvent. 2. cautions regarding noise be aw are that w hen voltage is applied suddenly bet w een the photocoupler?s i nput and output or betw een collector-emitters at startup, the output transistor may enter the on state, even if the voltage is w i thin the absolute max i mum ratings. 3. measurement conditions of current transfer ra tios ( c tr) , w h ich differ according to photocoupler check the setting values before use, since the forw ard current conditions at ct r measurement differ according to product. w hen using products other than at the specified forw ard current, the char acteristics curves may differ from the standard curves due to ct r value variati ons or the like. t heref ore, check the characte ristics under the actual operating conditions and thoroughly take variations or the like into cons ideration before use. usage cautions 1. protect against static electricity w hen handling. 2. avoid storage at a high te mperature and high humidity . data sheet pn10447ej02v0ds 11 ps2535-1,ps2535l-1
4590 p a t r ick hen r y drive san t a c l ara, ca 9505 4- 181 7 teleph o n e : ( 408) 919- 25 00 facsim ile: ( 408 ) 988- 027 9 subject: compliance with eu dire ctives cel certifies, to its kno w ledge, that semicondu ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electron ic equipment (rohs) an d the requir e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-free products ha ve the same base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fre e. the ?az suffix is use d to designa te devices containing pb which are exempted from the requirement of ro hs directive (*). in all cases the de vices have pb-free terminals. all devices with these suffixes meet the require ments of the rohs directive. this statu s is based on cel?s understanding of t he eu directives and kn owledge of the materials that go into its pr oducts as of the date of disclo s ure o f this inform ation. re st rict e d s u bst a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n tratio n contai ned in cel devices - a - a z lead (p b) < 100 0 ppm not dete cted (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions reg a rding our d e vices and compliance t o environme n tal standards, p l ease do not hesitate to contact your local representative. important inf o rm ation and disclaimer: infor m ation provided b y cel on its w ebsite or in other communi cations concertin g the subs tance content of its pro ducts represents know ledge and b e lief as of t he date that it is provided. cel bases its know ledge a n d belief on informa t ion provided b y t h ird parties and make s no representa t ion or w a rran t y a s to the accurac y of such information. efforts are u nder w a y to b e tte r integrate informa t ion from third pa rties. cel has ta ken and cont inue s to take reasona ble steps to provide repr esentative and ac cur a te information but ma y not h a ve conducted destructive testing or chemical analy s is on incoming ma terials and chemicals. cel and ce l suppliers consid er certain inform ation to be pro p ri etar y , and thus c as numbers and other limited information ma y not be availab le for release. in no event shall cel?s liability ari s ing out of such information e x cee d the total purch ase price of the cel part ( s) at issue s old by cel to customer on an annual basis. see cel te rms and conditions f o r additional cl arification of w a rran t ies and liability .


▲Up To Search▲   

 
Price & Availability of PS2535L-1-E3-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X