Part Number Hot Search : 
B260020 HGT1S TA8066AS BZT5V6 A102A NJM2671 74ALVC 14PC15GF
Product Description
Full Text Search
 

To Download MSS6132-682MX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smt power inductors - mss series document 278-1 specifications subject to change without notice. document 278-1 revised 10/16/02 the mss series is ideal for applications requiring high power and high efficiency such as notebook computers, pc cards, cellular phone handsets, and handheld prod- ucts. these magnetically shielded, low-profile power inductors are designed for high-density mounting and are available on tape and reel for auto-insertion. their indus- try-standard shape and flat-top design ensures reliable pick and place handling. they are available in three families with inductance ratings from 2.2 to 390 h. these inductors can handle current as high as 1.9 amps and offer dc resistance as low as 0.023 ohms. free evaluation samples are available by contacting coilcraft or ordering them on-line at www.coilcraft.com. series a max b max c max d typ e typ f typ g min h max i min mss5131 0.200 0.200 0.122 0.181 0.063 0.181 0.197 0.063 0.197 5,1 5,1 3,1 4,6 1,6 4,6 5,0 1,6 5,0 mss6122 0.240 0.240 0.087 0.220 0.079 0.220 0.237 0.079 0.237 6,1 6,1 2,2 5,6 2,0 5,6 6,0 2,0 6,0 mss6132 0.240 0.240 0.126 0.220 0.079 0.220 0.237 0.079 0.237 6,1 6,1 3,2 5,6 2,0 5,6 6,0 2,0 6,0 mss5131: parts/reel: 7 400; 13 1500 tape width: 16 mm mss6122: parts/reel: 7 500; 13 1500 tape width: 16 mm mss6132: parts/reel: 7 500; 13 1500 tape width: 16 mm for packaging data see tape and reel specifications section. c max h max g min i min recommended land pattern e typ d typ f typ a max b max xxx
document 278-2 specifications subject to change without notice. document 278-2 revised 11/01/02 5 i rms 5 dcr srf 3 20c 40c l 20% 2 max typ i sat 4 rise rise part number 1 (h) (      ) (mhz) (a) (a) (a) mss5131-222mx_ 2.2 0.023 65.0 1.90 2.00 3.30 mss5131-332mx_ 3.3 0.032 60.0 1.53 1.60 2.90 mss5131-472mx_ 4.7 0.045 48.0 1.26 1.40 2.50 mss5131-562mx_ 5.6 0.055 44.0 1.16 1.30 2.30 mss5131-682mx_ 6.8 0.060 42.0 1.05 1.20 2.16 mss5131-822mx_ 8.2 0.075 40.0 0.96 1.10 2.00 mss5131-103mx_ 10 0.083 38.0 0.87 1.00 1.90 mss5131-123mx_ 12 0.100 35.0 0.80 0.97 1.60 mss5131-153mx_ 15 0.115 32.0 0.71 0.94 1.50 mss5131-183mx_ 18 0.150 26.0 0.65 0.89 1.40 mss5131-223mx_ 22 0.160 22.0 0.58 0.87 1.30 mss5131-273mx_ 27 0.190 19.0 0.53 0.85 1.20 mss5131-333mx_ 33 0.216 18.0 0.48 0.80 1.10 mss5131-393mx_ 39 0.290 17.0 0.44 0.74 1.00 mss5131-473mx_ 47 0.320 16.0 0.40 0.71 0.95 mss5131-563mx_ 56 0.365 15.0 0.36 0.70 0.90 mss5131-683mx_ 68 0.480 12.5 0.33 0.66 0.85 mss5131-823mx_ 82 0.520 12.0 0.30 0.62 0.80 mss5131-104mx_ 100 0.700 11.5 0.27 0.55 0.69 mss5131-124mx_ 120 0.800 11.0 0.25 0.51 0.62 mss5131-154mx_ 150 1.100 10.0 0.22 0.47 0.58 mss5131-184mx_ 180 1.200 9.0 0.20 0.43 0.54 mss5131-224mx_ 220 1.400 8.0 0.18 0.39 0.50 mss5131-274mx_ 270 1.800 7.5 0.17 0.35 0.45 mss5131-334mx_ 330 2.100 6.8 0.15 0.32 0.42 mss5131-394mx_ 390 2.200 5.4 0.14 0.30 0.38 mss5131 series typical l vs frequency 1. when ordering, please specify packaging code: mss5131-394mx_ packaging code: c = 7  machine-ready reel eia-481 embossed plastic tape (400 per full reel). b = less than full reel in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13  machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (1500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. srf measured using agilent/hp 4191a or equilvalent. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. average current for temperature rise above 25c ambient. 6. operating temperature range ? 40c to +85c. 7. electrical specifications at 25c. see qualification standards section for environmental and test data. typical l vs current typical l vs frequency
document 278-3 specifications subject to change without notice. document 278-3 revised 11/01/02 mss6122 series 5 i rms 5 dcr srf 3 20c 40c l 20% 2 max typ i sat 4 rise rise part number 1 (h) (      ) (mhz) (a) (a) (a) mss6122-472mx_ 4.7 0.065 65.0 1.85 1.60 2.30 mss6122-562mx_ 5.6 0.083 60.0 1.60 1.50 2.10 mss6122-682mx_ 6.8 0.100 48.0 1.45 1.40 2.00 mss6122-822mx_ 8.2 0.120 44.0 1.25 1.30 1.80 mss6122-103mx_ 10 0.150 42.0 1.20 1.20 1.70 mss6122-123mx_ 12 0.176 40.0 1.10 1.13 1.60 mss6122-153mx_ 15 0.210 38.0 0.97 1.06 1.50 mss6122-183mx_ 18 0.280 35.0 0.85 0.99 1.40 mss6122-223mx_ 22 0.310 32.0 0.80 0.92 1.30 mss6122-273mx_ 27 0.350 26.0 0.75 0.85 1.20 mss6122-333mx_ 33 0.460 22.0 0.65 0.77 1.10 mss6122-393mx_ 39 0.540 19.0 0.57 0.70 1.00 mss6122-473mx_ 47 0.680 18.0 0.54 0.63 0.90 mss6122-563mx_ 56 0.740 17.0 0.50 0.56 0.80 mss6122-683mx_ 68 1.000 16.0 0.43 0.49 0.70 mss6122-823mx_ 82 1.200 15.0 0.41 0.42 0.60 mss6122-104mx_ 100 1.370 12.5 0.36 0.35 0.50 1. when ordering, please specify packaging code: mss6122-104mx_ packaging code: c = 7  machine-ready reel eia-481 embossed plastic tape (500 per full reel). b = less than full reel in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13  machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (1500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. srf measured using agilent/hp 4191a or equilvalent. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. average current for temperature rise above 25c ambient. 6. operating temperature range ? 40c to +85c. 7. electrical specifications at 25c. see qualification standards section for environmental and test data. typical l vs current typical l vs frequency
document 278-4 specifications subject to change without notice. document 278-4 revised 11/01/02 mss6132 series 5 i rms 5 dcr srf 3 20c 40c l 20% 2 max typ i sat 4 rise rise part number 1 (h) (      ) (mhz) (a) (a) (a) mss6132-472mx_ 4.7 0.056 65.0 1.80 2.30 3.10 mss6132-562mx_ 5.6 0.060 60.0 1.60 2.20 2.95 MSS6132-682MX_ 6.8 0.065 47.0 1.50 2.10 2.80 mss6132-822mx_ 8.2 0.070 45.0 1.35 2.00 2.65 mss6132-103mx_ 10 0.085 39.0 1.30 1.90 2.50 mss6132-123mx_ 12 0.110 33.0 1.10 1.75 2.35 mss6132-153mx_ 15 0.135 27.0 1.00 1.65 2.20 mss6132-183mx_ 18 0.160 24.0 0.90 1.55 2.05 mss6132-223mx_ 22 0.190 21.0 0.83 1.45 1.90 mss6132-273mx_ 27 0.235 19.0 0.75 1.30 1.75 mss6132-333mx_ 33 0.310 18.0 0.68 1.20 1.60 mss6132-393mx_ 39 0.345 17.0 0.62 1.10 1.45 mss6132-473mx_ 47 0.380 16.0 0.56 0.95 1.30 mss6132-563mx_ 56 0.430 14.0 0.52 0.85 1.15 mss6132-683mx_ 68 0.580 12.0 0.47 0.73 1.00 mss6132-823mx_ 82 0.640 10.0 0.43 0.60 0.85 mss6132-104mx_ 100 0.820 9.0 0.39 0.50 0.69 1. when ordering, please specify packaging code: mss6132-823mx_ packaging code: c = 7  machine-ready reel eia-481 embossed plastic tape (500 per full reel). b = less than full reel in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13  machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (1500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. srf measured using agilent/hp 4191a or equilvalent. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. average current for temperature rise above 25c ambient. 6. operating temperature range ? 40c to +85c. 7. electrical specifications at 25c. see qualification standards section for environmental and test data. typical l vs current typical l vs frequency


▲Up To Search▲   

 
Price & Availability of MSS6132-682MX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X