Part Number Hot Search : 
527296T5 MX29L C3843 TEVAL C3843 4HC40 LC503T MC7805A
Product Description
Full Text Search
 

To Download MAX13013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX13013?ax13017/max3023?ax3028 single-/ dual-/quad-level translators provide the level shifting necessary to allow 100mbps data transfer in a multivolt- age system. externally applied voltages, v cc and v l , set the logic levels on either side of the device. logic signals present on the v l side of the device appear as a higher voltage logic signal on the v cc side of the device, and vice-versa. the MAX13013 single-, the max13014?ax13017 dual-, and the max3023?ax3028 (ucsp package) quad-level translators feature an enable (en) input. the max3023?ax3028 (tssop package) quad-level translators feature en and en inputs. when disabled, each device places all inputs/outputs on both sides in tri-state and reduces the v cc supply current to 0.03?, and the v l supply current to 0.1?. these devices oper- ate at a guaranteed 100mbps data rate for v l > 1.8v. the MAX13013?ax13017/max3023?ax3028 accept a +1.65v to +3.6v v cc voltage and a +1.2v to (v cc - 0.4v) v l voltage, making them ideal for data transfer between low-voltage asics/programmable logic devices (plds) and higher voltage systems. the MAX13013 is available in 3 x 2 ucsp and 6-pin sc70 packages. the max13014?ax13017 are available in 3 x 3 ucsp and 8-pin sot23 packages. the max3023?ax3028 are available in 4 x 3 ucsp and 14-pin tssop packages. all devices operate over the extended -40? to +85? temperature range. applications cmos logic-level translation low-voltage asic level translation cell phones spi, microwire level translation portable pos systems portable communication devices gps telecommunications equipment features ? 100mbps guaranteed data rate ? bidirectional level translation MAX13013 (single) max13014 (dual) max3023 (quad) ? unidirectional level translation max13015/max13016/max13017 (dual) max3024?ax3028 (quad) ? v l operation down to +1.2v ? ultra-low 0.1? supply current when disabled ? low-quiescent current (0.1?) ? ucsp, sc70, sot23, and tssop packages MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ________________________________________________________________ maxim integrated products 1 max13014 +1.8v +3.3v i/o v cc 1 i/o v cc 2 i/o v l 1 i/o v l 2 clk v l v cc data clk data gnd gnd gnd 0.1 f 0.1 f +1.8v system controller +3.3v system t ypical operating circuit gnd i/o v l 1 i/o v cc 1 16en 5v l v cc MAX13013 sc70 2 34 MAX13013 3 x 2 ucsp t op view (bumps on bottom of die) i/o v cc 1 v cc gnd i/o v l 1 v l en top view a 123 b pin configurations 19-3266; rev 1; 8/04 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. microwire is a trademark of national semiconductor corp. spi is a trademark of motorola, inc. ucsp is a trademark of maxim integrated products, inc. pin configurations continued at end of data sheet. ordering information/selector guide continued at end of data sheet. ordering information/selector guide part temp range pin-package package code top mark number of v l v cc translators number of v cc v l translators en en ext -40? to +85? 6 sc70 acd 11 ?
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v), en = v l , en = open (max3023?ax3028 tssop package only), c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical values are at t a = +25?.) (notes 1, 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. all voltages are referenced to gnd. v cc ...........................................................................-0.3v to +4v v l ........................................................................................... -0.3v to +4v i/o v cc_ ......................................................-0.3v to (v cc + 0.3v) i/o v l_ ...........................................................-0.3v to (v l + 0.3v) en, en ...........................................................-0.3v to (v l + 0.3v) short-circuit duration i/o v l_ , i/o v cc_ to gnd ....................................................continuous continuous power dissipation (t a = +70?) 6-pin sc70 (derate 3.1mw/ c above +70?) ..............245mw 6-bump ucsp (derate 3.9mw/? above +70?).........308mw 8-bump ucsp (derate 4.7mw/? above +70?).........379mw 8-pin sot23 (derate 9.1mw/? above +70?)............727mw 12-bump ucsp (derate 6.5mw/? above +70?) ...518.8mw 14-pin tssop (derate 9.1mw/? above +70?) .........727mw operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range ............................-65? to +150? lead temperature (soldering, 10s) .................................+300? parameter symbol conditions min typ max units power supply v l supply range v l 1.2 v cc - 0.4 v v cc supply range v cc 1.65 3.60 v supply current from v cc iqv cc i/o v cc _ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l 0.1 1 a i/o v cc _ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l 0.2 2 supply current from v l iqv l i/o v cc _ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l , v l < v cc - 0.2v 10 100 ? v cc tri-state output-mode supply current i ts-vcc t a = +25?, en = 0 0.03 1a t a = +25 c, en = 0 0.1 0.2 v l tri-state output-mode supply current (MAX13013?ax13017) i ts-vl t a = +25 c, en = 0, v l = v cc - 0.2v 1 2 ? t a = +25 c, en = 0 50 70 v l tri-state output-mode supply current (max3023?ax3028 tssop package only) i ts-vl t a = +25 c, en = 0, v l = v cc - 0.2v 55 74 ? t a = +25 c, en = 0 0.15 i/o tri-state output-mode leakage current t a = +25 c, en = 0, v l = v cc - 0.2v 20 ?
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v), en = v l , en = open (max3023?ax3028 tssop package only), c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical values are at t a = +25?.) (notes 1, 2) parameter symbol conditions min typ max units logic-level thresholds i/o v l _ input-voltage high v ihl 2/3 x v l v i/o v l _ input-voltage low v ill 1/3 x v l v pullup resistance on i/o v l _ 120 ? pulldown resistance on i/o v l _75 ? i/o v cc _ input-voltage high v ihc 2/3 x v cc v i/o v cc _ input-voltage low v ilc 1/3 x v cc v pullup resistance on i/o v cc _ 2.5 k ? ? en, en input-voltage high v ih 2/3 x v l v en, en input-voltage low v il 1/3 x v l v en input current MAX13013?ax13017 -5 +5 ? pullup resistance on en max3023?ax3028 46 62 81 k ? pulldown resistance on en ? i/o v l _ output-voltage high v ohl i/o v l source current = 20? 2/3 x v l v i/o v l _ output-voltage low v oll i/o v l sink current = 20? 1/3 x v l v i/o v cc _ output-voltage high v ohc i/o v cc source current = 20? 2/3 x v cc v i/o v cc _ output-voltage low v olc i/o v cc sink current = 20? 1/3 x v cc v
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 4 _______________________________________________________________________________________ note 1: v l must be less than or equal to v cc - 0.4v during normal operation. however, v l can be greater than v cc during startup and shutdown conditions. note 2: all units are 100% production tested at t a = +25?. limits over the operating temperature range are guaranteed by design and not production tested. note 3: not production tested. guaranteed by design. timing characteristics (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v), en = v l , en = open (max3023?ax3028 tssop package only), c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical values are at t a = +25 c.) (notes 1, 2) parameter sym b o l conditions min typ max units c iovcc = 15pf, figure 1 2.5 c iovcc = 20pf, figure 1 3 i/o v cc _ rise time t rvcc c iovcc = 40pf, figure 1 4 ns c iovcc = 15pf, figure 1 2.5 c iovcc = 20pf, figure 1 3 i/o v cc _ fall time t fvcc c iovcc = 40pf, figure 1 4 ns i/o v cc _ o ne- s hot outp ut im p ed ance 18.5 ? i/o v l _ rise time t rvl c iovl = 15pf, figure 2 2.5 ns i/o v l _ fall time t fvl c iovl = 15pf, figure 2 2.5 ns i/o v l _ o ne- s hot outp ut im p ed ance 12.5 ? propagation delay, driving i/o v l _ i/o vl-vcc c iovcc = 15pf, figure 1 6.5 ns propagation delay, driving i/o v cc _ i/o vcc-vl c iovl = 15pf, figure 2 6 ns part-to-part skew ( n ote 3) t ppskew c iovcc = 15pf, c iovl = 15pf, v cc = 2.5v, v l = 1.8v 4ns propagation delay from i/o v l _ to i/o v cc _ after enable t en-vcc c iovcc = 15pf, figure 3 1000 ns propagation delay from i/o v cc _ to i/o v l _ after enable t en-vl c iovl = 15pf, figure 4 1000 ns c iovcc = 15p f, c iovl = 15p f, v l > 1.8v 100 maximum data rate c iovcc = 15p f, c iovl = 15p f, v l > 1.2v 80 mbps
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators _______________________________________________________________________________________ 5 v l supply current vs. supply voltage MAX13013 toc01 v cc supply voltage (v) v l supply current (ma) 3.5 3.0 2.5 0.2 0.4 0.6 0.8 1.0 0 2.0 4.0 driving i/o v l_ v l = 1.8v c iovcc = 15pf v l supply current vs. supply voltage MAX13013 toc02 v cc supply voltage (v) v l supply current (ma) 3.5 3.0 2.5 2.0 0.1 0.2 0.3 0.4 0.5 0.6 0 1.5 4.0 driving i/o v l_ v l = 1.2v c iovcc = 15pf v cc supply current vs. supply voltage MAX13013 toc03 v cc supply voltage (v) v cc supply current (ma) 3.5 3.0 2.5 5 10 15 20 25 0 2.0 4.0 driving i/o v l_ v l = 1.8v c iovcc = 15pf v cc supply current vs. supply voltage MAX13013 toc04 v cc supply voltage (v) v cc supply current (ma) 3.5 3.0 2.5 2.0 5 10 15 20 25 0 1.5 4.0 driving i/o v l_ v l = 1.2v c iovcc = 15pf v l supply current vs. temperature MAX13013 toc05 temperature ( c) v l supply current (ma) 60 35 10 -15 2.4 2.8 3.2 3.6 4.0 2.0 -40 85 driving i/o v cc_ c iovl = 15pf v cc supply current vs. temperature MAX13013 toc06 temperature ( c) v cc supply current (ma) 60 35 10 -15 11 12 13 14 15 16 10 -40 85 driving i/o v cc_ c iovl = 15pf v l supply current vs. capacitive load on i/o v cc_ MAX13013 toc07 capacitive load (pf) v l supply current (ma) 30 20 10 0.2 0.4 0.6 0.8 1.0 0 040 driving i/o v l_ v cc supply current vs. capacitive load on i/o v cc_ MAX13013 toc08 capacitive load (pf) v cc supply current (ma) 30 20 10 13 16 19 22 25 10 040 driving i/o v l_ rise/fall time vs. capacitive load on i/o v cc_ MAX13013 toc09 capacitive load (pf) rise/fall time (ns) 30 20 10 0.3 0.6 0.9 1.2 1.5 0 040 driving i/o v l_ t rise t fall t ypical operating characteristics (data rate = 100mbps, v cc = 3.3v, v l = 1.8v, t a = +25 c, unless otherwise noted.)
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 6 _______________________________________________________________________________________ t ypical operating characteristics (continued) (data rate = 100mbps, v cc = 3.3v, v l = 1.8v, t a = +25 c, unless otherwise noted.) rise/fall time vs. capacitive load on i/o v l_ MAX13013 toc10 capacitive load (pf) rise/fall time (ns) 15 10 5 0.2 0.4 0.6 0.8 1.0 1.2 0 020 driving i/o v cc_ t rise t fall propagation delay vs. capacitive load on i/o v cc_ MAX13013 toc11 capacitive load (pf) propagation delay (ns) 30 20 10 1 2 3 4 5 0 040 driving i/o v l_ t plh t phl propagation delay vs. capacitive load on i/o v l_ MAX13013 toc12 capacitive load (pf) propagation delay (ns) 15 10 5 1 2 3 4 5 0 020 driving i/o v cc_ t plh t phl t en-vcc vs. temperature (c iovcc = 15pf) MAX13013 toc13 temperature ( c) t en-vcc (ns) 60 35 10 -15 170 190 210 230 250 150 -40 85 t en-vl vs. temperature (c iovl = 15pf) MAX13013 toc14 temperature ( c) t en-vl (ns) 60 35 10 -15 20 40 60 80 100 0 -40 85 typical i/o v l_ driving (c iovcc = 40pf) MAX13013 toc15 4ns/div 2v/div 2v/div typical i/o v cc_ driving (c iovl = 15pf) MAX13013 toc16 4ns/div 2v/div 2v/div typical i/o v l_ driving (v cc = 1.65v, v l = 1.2v, c iovcc = 40pf) MAX13013 toc17 4ns/div 1v/div 1v/div typical i/o v cc_ driving (v cc = 1.65v, v l = 1.2v, c iovl = 15pf) MAX13013 toc18 4ns/div 1v/div 1v/div
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators _______________________________________________________________________________________ 7 pin description?ax13013/max13014/ max3023 (bidirectional devices) pin max3023 MAX13013 max13014 tssop 4 x 3 ucsp sc70 3 x 2 ucsp sot23 3 x 3 ucsp name function 1 a1 4 b2 7 a2 i/o v l 1 input/output 1, referenced to v l 2 b2 6 a3 i/o v l 2 input/output 2, referenced to v l 3 a2 5 b1 8 a1 v l v l input voltage, +1.2v v l v cc - 0.4v . bypass v l to gnd with a 0.1? capacitor. 4 n.c. no connection 5 b3 i/o v l 3 input/output 3, referenced to v l 6 a3 i/o v l 4 input/output 4, referenced to v l 7 a4 6 b3 5 b1 en active-high enable input. if en is pulled low, all inputs/outputs are in tristate. drive en high (v l ) for normal operation. 8 en active-low enable input. if en is pulled high (v l ), all inputs/ outputs are in tri-state. drive en low for normal operation (max3023 tssop package only). 9 b4 i/o v cc 4 input/output 4, referenced to v cc 10 c4 i/o v cc 3 input/output 3, referenced to v cc 11 c3 2 a3 4 b3 gnd ground 12 c2 1 a1 1 c1 v cc v cc input voltage, +1.65v v cc +3.6v. bypass v cc to gnd with a 0.1? capacitor. 13 c1 3 c3 i/o v cc 2 input/output 2, referenced to v cc 14 b1 3 a2 2 c2 i/o v cc 1 input/output 1, referenced to v cc pin description?ax13015/max13016/max13017/ max3024?ax3028 (unidirectional devices) name function (note 4) v cc v cc input voltage, +1.65v v cc +3.6v. bypass v cc to gnd with a 0.1? capacitor. v l v l input voltage, +1.2v v l v cc - 0.4v. bypass v l to gnd with a 0.1? capacitor. gnd ground en active-high enable input. if en is pulled low, all inputs/outputs are in tri-state. drive en high (v l ) for normal operation. en active-low enable input (max3024?ax3028 tssop package only). if en is pulled high (v l ), all inputs/outputs are in tri-state. drive en low for normal operation. i v l 1? v l 4i nputs referenced to v l , numbers 1 to 4 o v l 1? v l 4 outputs referenced to v l , numbers 1 to 4 i v cc 1? v cc 4i nputs referenced to v cc , numbers 1 to 4 o v cc 1? v cc 4 outputs referenced to v cc , numbers 1 to 4 note 4: for specific pin numbers, see the pin configurations for more information.
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 8 _______________________________________________________________________________________ t est circuits/timing diagrams MAX13013 90% 50% 10% i/o v cc_ i/o v l_ t rise/fall 3ns i/o vl-vcc c iovcc en i/o v l_ source v l v cc i/o v cc_ i/o vl-vcc t rvcc t fvcc 90% 50% 10% MAX13013 90% 50% 10% source i/o v cc_ i/o v cc_ i/o v l_ t rise/fall 3ns i/o vcc-vl en v l v cc i/o vcc-vl t rvl t fvl 90% 50% 10% c iovl_ i/o v l_ figure 1. driving i/o v l_ test circuit and timing figure 2. driving i/o v cc_ test circuit and timing
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators _______________________________________________________________________________________ 9 t est circuits/timing diagrams (continued) MAX13013 source i/o v cc_ c iovcc 1m ? en v l 0 v l v cc 0 0 i/o v l_ i/o v cc_ v cc / 2 en v l i/o v l_ MAX13013 source c iovcc i/o v cc_ en i/o v l_ 1m ? v cc t' en-vcc en v l 0 v l v cc 0 0 i/o v l_ t en-vcc is which ever is larger between t' en-vcc and t" en-vcc . i/o v cc_ v cc / 2 t" en-vcc MAX13013 source v cc en v l 0 v cc v l 0 0 i/o v cc_ i/o v l_ v l / 2 en i/o v l_ i/o v cc_ MAX13013 source en t' en-vl en v l 0 v cc v l 0 0 i/o v cc_ t en-vcc is which ever is larger between t' en-vcc and t" en-vcc . i/o v l_ v l / 2 t" en-vl c iovl 100k ? 100k ? c iovl i/o v l_ i/o v cc_ v l figure 3. propagation delay from i/o v l_ to i/o v cc_ after en figure 4. propagation delay from i/o v cc_ to i/o v l_ after en
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 10 ______________________________________________________________________________________ detailed description the MAX13013?ax13017/max3023?ax3028 logic- level translators provide the level shifting necessary to allow 100mbps data transfer in a multivoltage system. externally applied voltages, v cc and v l , set the logic levels on either side of the device. logic signals pre- sent on the v l side of the device appear as a higher- voltage logic signal on the v cc side of the device, and vice-versa. the MAX13013/max13014/max3023 bidi- rectional level translators allow data translation in either direction (v l ? v cc ) on any single data line. the max13015/max13016/max13017/max3024?ax3028 unidirectional level translators, level shift data in one direction (v l v cc or v cc v l ) on any single data line. the MAX13013?ax13017/max3023?ax3028 accept v l from +1.2v to (v cc - 0.4v) and operate with v cc from +1.65v to +3.6v, making them ideal for data transfer between low-voltage asics/plds and higher voltage systems. when in tri-state mode, the MAX13013?ax13017/ max3023?ax3028 reduce the v cc supply current to 0.03?, and the v l supply current to 0.1?. these devices operate at a guaranteed data rate of 100mbps for v l > 1.8v. level translation for proper operation, ensure that +1.65v v cc +3.6v, and +1.2v v l v cc - 0.4v. during power-up sequencing, v l v cc does not damage the device. during power-supply sequencing, when v cc is floating and v l is powering up, up to 40ma current can be sourced to each load on the v l side, without the device latching up. the maximum data rate depends heavily on the load capacitance (see the typical operating characteristics rise/fall time graph), output impedance of the driver, and the operating voltage range (table 1). input driver requirements the MAX13013?ax13017/max3023?ax3028 archi- tecture is based on a one-shot accelerator output stage (see figure 5). accelerator output stages are in tri-state mode except when there is a transition on any of the translators on the input side, either i/o v l_ or i/o v cc_ . a short pulse is then generated during which the accel- erator output stages become active and charge/dis- charge the capacitances at the i/os. due to the architecture, both sides become active during the one- shot pulse. this can lead to some current feeding into the external source that is driving the translator. however, this behavior simply helps to speed up the transition on the driven side. table 1. data rate v l (v) guaranteed data rate (mbps) v l < 1.8 80 v l 1.8 100 p one-shot v cc v l i/o v l i/o v cc 150 ? 4k ? i/o v cc_ to i/o v l_ path i/o v l_ to i/o v cc_ path n one-shot p one-shot n one-shot figure 5. simplified functional diagram (one i/o line)
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ______________________________________________________________________________________ 11 for proper operation, the driver has to meet the follow- ing conditions: less than 25 ? output impedance and greater than 20ma peak output current capability. figure 6 shows a graph of typical input current versus input voltage. output load requirements the MAX13013?ax13017/max3023?ax3028 i/o are designed to drive cmos inputs. do not load the i/o lines with a resistive load less than 25k ? . also, do not place an rc circuit at the input of these devices to slow down the edges. if a slower rise/fall time is required, refer to the max3000e/max3001e logic-level-translators data sheet. for i 2 c level translation, refer to the max3372e- max3379e/max3390e?ax3393e data sheet. enable inputs the MAX13013 single-, the max13014?ax13017 dual- and the max3023?ax3028 (ucsp package) quad-level translators feature an en input. the max3023?ax3028 (tssop package) quad-level translators feature both en and en inputs (see table 2 for operating mode). note that the max3023?ax3028 (tssop package) have internal pullup and pulldown circuitry on en and en , respectively. if left unconnected, en is pulled up to v l and en is pulled down to gnd. applications information power-supply decoupling to reduce ripple and the chance of introducing data errors, bypass v l and v cc to ground with a 0.1? ceramic capacitor. place all capacitors as close to the power-supply inputs as possible. unidirectional vs. bidirectional level translator the MAX13013/max13014/max3023 bidirectional translators can operate as a unidirectional device to translate signals without inversion. the max13015/ max13016/max13017/max3024?ax3028 unidirec- tional level translators, level shift data in one direction (v l v cc or v cc v l ) on any single data line (see the ordering information ). these devices provide the smallest solution (ucsp package) for unidirectional level translation without inversion. ucsp applications information for the latest application details on ucsp construction, dimensions, tape carrier information, pc board tech- niques, bump-pad layout, and recommended reflow tem- perature profiles, as well as the latest information on reliability testing results, go to maxim? web site at www.maxim-ic.com/ucsp to find the application note: ucsp? wafer-level chip-scale package . table 2. max3023?ax3028 (tssop package) operating mode en en o per a t in g m od e 00 both i/o v l _ and i/o v cc _ are in tri-state. v l 0 normal operation. 0v l both i/o v l _ and i/o v cc _ are in tri-state. v l v l both i/o v l _ and i/o v cc _ are in tri-state. v in v th_in / r in * -(v s - v th_in ) / r in * i in v s where v s = v cc or v l *r in = 4k ? when driving v l side; r in = 150 ? when driving v cc side. 0 v th_in i 2 c is a trademark of philips corp. purchase of i 2 c components from maxim integrated products, inc. or one of its sublicensed associated companies, conveys a license under the philips i 2 c patent rights to use these components in an i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by philips. figure 6. typical i in vs. v in
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 12 ______________________________________________________________________________________ pin configurations (continued) top view max13014 ucsp (bumps on bottom of die) 23 i/o v l 2 i/o v l 1 v l gnd en i/o v cc 2 i/o v cc 1 v cc 1 i/o v l 2 en gnd 1 2 8 7 v l i/o v l 1 i/o v cc 1 i/o v cc 2 v cc sot23 3 4 6 5 max13014 a b c max13015 ucsp (bumps on bottom of die) 23 i v l 2 i v l 1 v l gnd en o v cc 2 o v cc 1 v cc 1 i v l 2 en gnd 1 2 8 7 v l i v l 1 o v cc 1 o v cc 2 v cc sot23 3 4 6 5 max13015 a b c max13016 ucsp (bumps on bottom of die) 23 o v l 1 i v l 2 v l gnd en o v cc 2 i v cc 1 v cc 1 i v l 2 en gnd 1 2 8 7 v l o v l 1 i v cc 1 o v cc 2 v cc sot23 3 4 6 5 max13016 a b c max13017 ucsp (bumps on bottom of die) 23 o v l 2 o v l 1 v l gnd en i v cc 2 i v cc 1 v cc 1 o v l 2 en gnd 1 2 8 7 v l o v l 1 i v cc 1 i v cc 2 v cc sot23 3 4 6 5 max13017 a b c
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ______________________________________________________________________________________ 13 pin configurations (continued) top view ucsp (bumps on bottom of die) i/o v l 4 en i/o v l 1 1 a b c 234 v l i/o v l 3 i/o v cc 4 i/o v cc 1 i/o v l 2 gnd i/o v cc 3 i/o v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 i/o v cc 1 i/o v cc 2 v cc gnd n.c. v l i/o v l 2 i/o v l 1 max3023 max3023 i/o v cc 3 i/o v cc 4 en en i/o v l 4 i/o v l 3 tssop ucsp (bumps on bottom of die) i v l 4 en i v l 1 1 a b c 234 v l i v l 3 o v cc 4 o v cc 1 i v l 2 gnd o v cc 3 o v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 o v cc 1 o v cc 2 v cc gnd n.c. v l i v l 2 i v l 1 max3024 max3024 o v cc 3 o v cc 4 en en i v l 4 i v l 3 tssop ucsp (bumps on bottom of die) i v l 4 en o v l 1 1 a b c 234 v l i v l 3 o v cc 4 i v cc 1 i v l 2 gnd o v cc 3 o v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 i v cc 1 o v cc 2 v cc gnd n.c. v l i v l 2 o v l 1 max3025 max3025 o v cc 3 o v cc 4 en en i v l 4 i v l 3 tssop
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 14 ______________________________________________________________________________________ pin configurations (continued) top view ucsp (bumps on bottom of die) i v l 4 en o v l 1 1 a b c 234 v l i v l 3 o v cc 4 i v cc 1 o v l 2 gnd o v cc 3 i v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 i v cc 1 i v cc 2 v cc gnd n.c. v l o v l 2 o v l 1 max3026 max3026 o v cc 3 o v cc 4 en en i v l 4 i v l 3 tssop ucsp (bumps on bottom of die) i v l 4 en o v l 1 1 a b c 234 v l o v l 3 o v cc 4 i v cc 1 o v l 2 gnd i v cc 3 i v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 i v cc 1 i v cc 2 v cc gnd n.c. v l o v l 2 o v l 1 max3027 max3027 i v cc 3 o v cc 4 en en i v l 4 o v l 3 tssop ucsp (bumps on bottom of die) o v l 4 en o v l 1 1 a b c 234 v l o v l 3 i v cc 4 i v cc 1 o v l 2 gnd i v cc 3 i v cc 2 v cc 14 13 12 11 10 9 8 1 2 3 4 5 6 7 i v cc 1 i v cc 2 v cc gnd n.c. v l o v l 2 o v l 1 max3028 max3028 i v cc 3 i v cc 4 en en o v l 4 o v l 3 tssop
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ______________________________________________________________________________________ 15 ordering information/selector guide (continued) part temp range pin-package package code top mark number of v l v cc translators number of v cc v l translators en en MAX13013ebt-t -40? to +85? 3 x 2 ucsp-6 b6-1 adf 11 ? max13014 eka -40? to +85? 8 sot23 aekb 22 ? max13014ebl-t -40? to +85? 3 x 3 ucsp-9 b9-2 aen 22 ? max13015 eka* -40? to +85? 8 sot23 aekc 20 ? max13015ebl-t* -40? to +85? 3 x 3 ucsp-9 b9-2 aeo 20 ? max13016 eka* -40? to +85? 8 sot23 aekd 11 ? max13016ebl-t* -40? to +85? 3 x 3 ucsp-9 b9-2 aep 11 ? max13017 eka* -40? to +85? 8 sot23 aeke 02 ? max13017ebl-t* -40? to +85? 3 x 3 ucsp-9 b9-2 aeq 02 ? max3023 eud -40? to +85? 14 tssop 4 4 ? ? max3023ebc-t -40? to +85? 4 x 3 ucsp-12 b12-1 abw 44 ? max3024 eud* -40? to +85? 14 tssop 4 0 ? ? max3024ebc-t* -40? to +85? 4 x 3 ucsp-12 b12-1 abx 40 ? max3025 eud* -40? to +85? 14 tssop 3 1 ? ? max3025ebc-t* -40? to +85? 4 x 3 ucsp-12 b12-1 aby 31 ? max3026 eud* -40? to +85? 14 tssop 2 2 ? ? max3026ebc-t* -40? to +85? 4 x 3 ucsp-12 b12-1 abz 22 ? max3027 eud* -40? to +85? 14 tssop 1 3 ? ? max3027ebc-t* -40? to +85? 4 x 3 ucsp-12 b12-1 aca 13 ? max3028 eud* -40? to +85? 14 tssop 0 4 ? ? max3028ebc-t* -40? to +85? 4 x 3 ucsp-12 b12-1 acb 04 ? chip information transistor count: MAX13013: 261 max13014?ax13017: 444 max3023?ax3028: 791 process: bicmos * future product?ontact factory for availability.
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 16 ______________________________________________________________________________________ pa cka ge information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) sc70, 6l.eps
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ______________________________________________________________________________________ 17 package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 6l, ucsp.eps g 1 1 21-0097 package outline, 3x2 ucsp
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 18 ______________________________________________________________________________________ package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) sot23, 8l .eps rev. document control no. approval proprietary information title: 3.00 2.60 e c e1 e between 0.08mm and 0.15mm from lead tip. 8. meets jedec mo178. 8 0.60 1.75 0.30 l2 0 e1 e l 1.50 e1 0.65 bsc. 1.95 ref. 0.25 bsc. gauge plane seating plane c c l pin 1 i.d. dot (see note 6) l c l c a2 e1 d detail "a" 5. coplanarity 4 mils. max. note: 7. solder thickness measured at flat section of lead 6. pin 1 i.d. dot is 0.3 mm ? min. located above pin 1. 4. package outline inclusive of solder plating. 3. package outline exclusive of mold flash & metal burr. heel of the lead parallel to seating plane c. 2. foot length measured from lead tip to upper radius of 1. all dimensions are in millimeters. l2 l a1 a 0.45 1.30 0.15 1.45 max 0.28 b 0.90 a2 0.00 a1 0.90 a min symbol 3.00 0.20 2.80 d 0.09 c see detail "a" l c b e d 1 21-0078 1 package outline, sot-23, 8l body 0 0
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators ______________________________________________________________________________________ 19 package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 9lucsp, 3x3.eps i 1 1 21-0093 package outline, 3x3 ucsp
package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators 20 ______________________________________________________________________________________ tssop4.40mm.eps
MAX13013?ax13017/max3023?ax3028 +1.2v to +3.6v, 0.1?, 100mbps, single-/dual-/quad-level translators maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 21 2004 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 12l, ucsp 4x3.eps f 1 1 21-0104 package outline, 4x3 ucsp


▲Up To Search▲   

 
Price & Availability of MAX13013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X