Part Number Hot Search : 
16FKR 106K0 IRFP4 CY7C1011 9843H IC16F8 0AS01 1SMA160Z
Product Description
Full Text Search
 

To Download M1MA151WAT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 march, 2006 ? rev. 9 1 publication order number: M1MA151WAT1/d M1MA151WAT1, m1ma152wat1 preferred device common anode silicon dual switching diodes these common anode silicon epitaxial planar dual diodes are designed for use in ultra high speed switching applications. these devices are housed in the sc?59 package which is designed for low power surface mount applications. features ? fast t rr , < 10 ns ? low c d , < 15 pf ? pb?free packages are available maximum ratings (t a = 25 c) rating symbol value unit reverse voltage M1MA151WAT1 m1ma152wat1 v r 40 80 vdc peak reverse voltage M1MA151WAT1 m1ma152wat1 v rm 40 80 vdc forward current single dual i f 100 150 madc peak forward current single dual i fm 225 340 madc peak forward surge current single dual i fsm (note 1 ) 500 750 madc thermal characteristics rating symbol max unit power dissipation p d 200 mw junction temperature t j 150 c storage temperature t stg ?55 to + 150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. t = 1 sec http://onsemi.com preferred devices are recommended choices for future use and best overall value. sc?59 case 318d marking diagram 1 3 anode 21 cathode device package shipping ? ordering information M1MA151WAT1 sc?59 3000/tape & ree l M1MA151WAT1g sc?59 (pb?free) 3000/tape & ree l m1ma152wat1 sc?59 3000/tape & ree l m1ma152wat1g sc?59 (pb?free) 3000/tape & ree l ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. 1 mx m   mx = device code x = n for 151 o for 152 m = date code*  = pb?free package (note: microdot may be in either location) *date code orientation may vary depending upon manufacturing location.
M1MA151WAT1, m1ma152wat1 http://onsemi.com 2 electrical characteristics (t a = 25 c) characteristic symbol condition min max unit reverse voltage leakage current M1MA151WAT1 m1ma152wat1 i r v r = 35 v v r = 75 v ? 0.1  adc forward voltage v f i f = 100 ma ? 1.2 vdc reverse breakdown voltage M1MA151WAT1 m1ma152wat1 v r i r = 100  a 40 80 ? vdc diode capacitance c d v r = 0, f = 1.0 mhz ? 15 pf reverse recovery time (figure 1) t rr (note 2) i f = 10 ma, v r = 6.0 v, r l = 100  , i rr = 0.1 i r ? 10 ns 2. t rr test circuit a r l t r t p t 10% 90% v r t p = 2  s t r = 0.35 ns i f t rr t i rr = 0.1 i r i f = 10 ma v r = 6 v r l = 100  recovery time equivalent test circuit input pulse output pulse figure 1. reverse recovery time equivalent test circuit
M1MA151WAT1, m1ma152wat1 http://onsemi.com 3 100 0.2 0.4 v f , forward voltage (volts) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 10 20 30 40 50 1.75 0 v r , reverse voltage (volts) 1.5 1.25 1.0 0.75 c d , diode capacitance (pf) 246 8 i f , forward current (ma) figure 2. forward voltage figure 3. leakage current figure 4. capacitance t a = ?40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , reverse current ( a)
M1MA151WAT1, m1ma152wat1 http://onsemi.com 4 package dimensions sc?59 case 318d?04 issue g e a1 b a e d 1 3 2 c l notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 2.4 0.094 0.95 0.037 0.95 0.037 1.0 0.039 0.8 0.031  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e dim a min nom max min millimeters 1.00 1.15 1.30 0.039 inches a1 0.01 0.06 0.10 0.001 b 0.35 0.43 0.50 0.014 c 0.09 0.14 0.18 0.003 d 2.70 2.90 3.10 0.106 e 1.30 1.50 1.70 0.051 e 1.70 1.90 2.10 0.067 l 0.20 0.40 0.60 0.008 2.50 2.80 3.00 0.099 0.045 0.051 0.002 0.004 0.017 0.020 0.005 0.007 0.114 0.122 0.059 0.067 0.075 0.083 0.016 0.024 0.110 0.118 nom max h e on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 M1MA151WAT1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of M1MA151WAT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X