Part Number Hot Search : 
SF088 6X223U TA123 SS34A M48Z30Y STK66083 4528B R3020
Product Description
Full Text Search
 

To Download IDT72401L10DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2003 ? 2003 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. dsc-2747/8 idt and the idt logo are registered trademarks of integrated device technology, inc. fast is a trademark of national semiconductor, inc. military and commercial temperature ranges 1 idt72401 idt72402 idt72403 idt72404 cmos parallel fifo 64 x 4 and 64 x 5 features: ? ? ? ? ? first-ln/first-out dual-port memory ? ? ? ? ? 64 x 4 organization (idt72401/72403) ? ? ? ? ? 64 x 5 organization (idt72402/72404) ? ? ? ? ? ram-based fifo with low fali-through time ? ? ? ? ? low-power consumption ? active: 175mw (typ.) ? ? ? ? ? maximum shift rate ? 45mhz ? ? ? ? ? high data output drive capability ? ? ? ? ? asynchronous and simultaneous read and write ? ? ? ? ? fully expandable by bit width ? ? ? ? ? fully expandable by word depth ? ? ? ? ? idt72403/72404 have output enable pin to enable output data ? ? ? ? ? high-speed data communications applications ? ? ? ? ? high-performance cmos technology ? ? ? ? ? available in cerdip, plastic dip and soic ? ? ? ? ? military product compliant to mll-std-883, class b ? ? ? ? ? standard military drawing #5962-86846 and 5962-89523 is listed on this function. ? ? ? ? ? industrial temperature range (?40 c to +85 c) is available (plastic packages only) description: the idt72401 and idt72403 are asynchronous high-performance first-ln/first-out memories organized 64 words by 4 bits. the idt72402 and idt72404 are asynchronous high-performance first-ln/first-out memories organized as 64 words by 5 bits. the idt72403 and idt72404 also have an output enable ( oe ) pin. the flfos accept 4-bit or 5-bit data at the data input (d 0 -d 3 , 4 ). the stored data stack up on a first-in/first-out basis. a shift out (so) signal causes the data at the next to last word to be shifted to the output while all other data shifts down one location in the stack. the input ready (ir) signal acts like a flag to indicate when the input is ready for new data (ir = high) or to signal when the fifo is full (ir = low). the ir signal can also be used to cascade multiple devices together. the output ready (or) signal is a flag to indicate that the output remains valid data (or = high) or to indicate that the fifo is empty (or = low). the or can also be used to cascade multiple devices together. width expansion is accomplished by logically anding the ir and or signals to form composite signals. depth expansion is accomplished by tying the data inputs of one device to the data outputs of the previous device. the ir pin of the receiving device is connected to the so pin of the sending device and the or pin of the sending device is connected to the shift in (si) pin of the receiving device. reading and writing operations are completely asynchronous allowing the fifo to be used as a buffer between two digital machines of widely varying operating frequencies. the 45mhz speed makes these flfos ideal for high- speed communication and controller applications. military grade product is manufactured in compliance with the latest revision of mil-std-883, class b. functional block diagram write pointer input control logic 2747 drw01 si data in master reset write multiplexer memory array read pointer read multiplexer ir d 0-3 d 4 (idt72402 and idt72404) mr output enable data in master reset so or q 4 (idt72402 and idt72404) q 0-3 oe (idt72403 and idt72404)
military and commercial temperature ranges idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 2 pin configurations notes: 1. pin 1: nc - no connection idt72401, oe - idt72403 2. pin 1: nc - no connection idt72402, oe - idt72404 3. idt72402 is not available in cerdip (d18-1) idt72401/idt72403 plastic dip (p18-1, order code: p) cerdip (d18-1, order code: d) soic (so18-1, order code: so) top view idt72402 (3) /idt72404 plastic dip (p16-1, order code: p) cerdip (d16-1, order code: d) soic (so16-1, order code: so) top view symbol rating commercial military unit v term terminal voltage with ?0.5 to +7.0 ?0.5 to +7.0 v respect to gnd t stg storage temp. ?55 to +125 ?65 to +150 c i out dc output current ?50 to +50 ?50 to +50 ma symbol parameter min. typ. max. unit v cc supply voltage commercial/military 4.5 5.0 5.5 v gnd supply voltage 0 0 0 v v ih input high voltage 2.0 ? ? v v il (1) input high voltage ? ? 0.8 v t a operating temperature commercial 0 ? 70 c t a operating temperature military ?55 ? 125 c dc electrical characteristics (commercial: v cc = 5.0v 10%, t a = 0c to +70c; military: v cc = 5.0v 10%, t a = ?55c to +125c) idt72401 idt72401 idt72402 idt72403 idt72403 (5) idt72404 idt72404 (5) commercial military f in = 45, 35, 25, 15, 10 mhz f in = 35, 25, 15, 10 mhz symbol parameter test conditions min. max. min. max. unit i il low-level input current v cc = max., gnd v i v cc ?10 ? ?10 ? a i ih high-level input current v cc = max., gnd v i v cc ?10?10a v ol low-level output voltage v cc = min., i ol = 8ma ? 0.4 ? 0.4 v v oh high-level output voltage v cc = min., i oh = ?4ma 2.4 ? 2.4 ? v i os (1) output short-circuit current v cc = max., v o = gnd ?20 ?110 ?20 ?110 ma i hz (2) high impedance output current v cc = max., v o = 2.4v ? 20 ? 20 a i lz (2) low impedance output current v cc = max., v o = 0.4v ?20 ? ?20 ? a i cc (3,4) active supply current v cc = max., f = 10mhz ? 35 ? 45 ma notes: 1. not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. guarant eed but not tested. 2. idt72403 and idt72404 only. 3. tested with outputs open (i out = 0). oe is high for idt72403/72404. 4. for frequencies greater than 10mhz, i cc = 35ma + (1.5ma x [f ?10mhz]) commercial, and i cc = 45ma + (1.5ma x [f ?10mhz]) military. 5. military availability for idt72403 is 10mhz, 35mhz, for idt72404 is 15mhz, 35mhz. idt72401 is available for all mhz. absolute maximum ratings (1) recommended operating conditions 5 6 7 8 nc/ oe (1) ir 1 2 3 4 16 15 14 13 12 11 10 9 vcc si d 0 gnd so or q 0 mr 2747 drw 02 q 1 q 2 q 3 d 1 d 2 d 3 5 6 7 8 9 1 2 3 4 18 17 16 15 14 13 12 11 10 ir vcc si gnd so or mr 2747 drw 03 d 0 q 0 q 1 q 2 q 3 d 1 d 2 d 3 q 4 d 4 nc/ oe (2) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. 1.5v undershoots are allowed for 10ns once per cycle.
3 idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 military and commercial temperature ranges operating conditions (commercial: v cc = 5.0v 10%, t a = 0c to +70c; military: v cc = 5.0v 10%, t a = ?55c to +125c) commercial commercial and military (5) idt72401l45 idt72401l35 idt72401l25 idt72401l15 idt72401l10 idt72402l45 idt72402l35 idt72402l25 idt72402l15 idt72402l10 idt72403l45 idt72403l35 idt72403l25 idt72403l15 idt72403l10 idt72404l45 idt72404l35 idt72404l25 idt72404l15 idt72404l10 symbol parameter figure min. max. min. max. min. max. min. max. min. max. unit t sih (1) shift in high time 2 9 ? 9 ? 11 ? 11 ? 11 ? ns t sil shift in low time 2 11 ? 17 ? 24 ? 25 ? 30 ? ns t ids input data set-up 2 0 ? 0 ? 0 ? 0 ? 0 ? ns t idh input data hold time 2 13 ? 15 ? 20 ? 30 ? 40 ? ns t soh (1) shift out high time 5 9 ? 9 ? 11 ? 11 ? 11 ? ns t sol shift out low time 5 11 ? 17 ? 24 ? 25 ? 25 ? ns t mrw master reset pulse 8 20 ? 25 ? 25 ? 25 ? 30 ? ns t mrs master reset pulse to si 8 10 ? 10 ? 10 ? 25 ? 35 ? ns t sir data set-up to ir 4 3 ? 3 ? 5 ? 5 ? 5 ? ns t hir data hold from ir 4 13 ? 15 ? 20 ? 30 ? 30 ? ns t sor (4) data set-up to or high 7 0 ? 0 ? 0 ? 0 ? 0 ? ns ac electrical characteristics (commercial: v cc = 5.0v 10%, t a = 0c to +70c; military: v cc = 5.0v 10%, t a = ?55c to +125c) commercial commercial and military (5) idt72401l45 idt72401l35 idt72401l25 idt72401l15 idt72401l10 idt72402l45 idt72402l35 idt72402l25 idt72402l15 idt72402l10 idt72403l45 idt72403l35 idt72403l25 idt72403l15 idt72403l10 idt72404l45 idt72404l35 idt72404l25 idt72404l15 idt72404l10 symbol parameter figure min. max. min. max. min. max. min. max. min. max. unit f in shift in rate 2 ? 45 ? 35 ? 25 ? 15 ? 10 m h z t irl (1) shift in to input ready low 2 ? 18 ? 18 ? 21 ? 35 ? 40 ns t irh (1) shift in to input ready high 2 ? 18 ? 20 ? 28 ? 40 ? 45 ns f out shift out rate 5 ? 45 ? 35 ? 25 ? 15 ? 10 m h z t orl (1) shift out to output ready low 5 ? 18 ? 18 ? 19 ? 35 ? 40 ns t orh (1) shift out to output ready high 5 ? 19 ? 20 ? 34 ? 40 ? 55 ns t odh output data hold (previous word) 5 5 ? 5 ? 5 ? 5 ? 5 ? ns t ods output data shift (next word) 5 ? 19 ? 20 ? 34 ? 40 ? 55 ns t pt data throughput or "fall-through" 4, 7 ? 30 ? 34 ? 40 ? 65 ? 65 ns t mrorl master reset to or low 8 ? 25 ? 28 ? 35 ? 35 ? 40 ns t mrirh master reset to ir high 8 ? 25 ? 28 ? 35 ? 35 ? 40 ns t mrq master reset to data output low 8 ? 20 ? 20 ? 25 ? 35 ? 40 ns t ooe (3) output valid from oe low 9 ? 12 ? 15 ? 20 ? 30 ? 35 ns t hzoe (3,4) output high-z from oe high 9 ? 12 ? 12 ? 15 ? 25 ? 30 ns t iph (2,4) input ready pulse high 4 9 ? 9 ? 11 ? 11 ? 11 ? ns t oph (2,4) output ready pulse high 7 9 ? 9 ? 11 ? 11 ? 11 ? ns notes: 1. since the fifo is a very high-speed device, care must be excercised in the design of the hardware and timing utilized within the design. device grounding and decoupling are crucial to correct operation as the fifo will respond to very small glitches due to long reflective lines, high capacitance s and/or poor supply decoupling and grounding. a monolithic ceramic capacitor of 0.1f directly between v cc and gnd with very short lead length is recommended. 2. this parameter applies to fifos communicating with each other in a cascaded mode. idt fifos are guaranteed to cascade with o ther idt fifos of like speed grades. 3. idt72403 and idt72404 only. 4. guaranteed by design but not currently tested. 5. military availability for idt72403 is 10mhz, 35mhz, for idt72404 is 15mhz, 35mhz. idt72401 is available for all mhz.
military and commercial temperature ranges idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 4 560 ? 30pf* 1.1k ? 5v output 2747 drw 05 input pulse levels gnd to 3.0v input rise/fall times 3ns input timing reference levels 1.5v output reference levels 1.5v output load see figure 1 all input pulses: signal descriptions inputs: data input (d 0 - 3 , 4 ) data input lines. the idt72401 and idt72403 have a 4-bit data input. the idt72402 and idt72404 have a 5-bit data input. controls: shift in (si) shift in controls the input of the data into the fifo. when si is high, data can be written to the fifo via the d 0 - 3 , 4 lines. shift out (so) shift out controls the output of data of the fifo. when so is high, data can be read from the fifo via the data output (q 0 - 3 , 4 ) lines. master reset ( mr ) master reset clears the fifo of any data stored within. upon power up, the fifo should be cleared with a mr . mr is active low. input ready (ir) when input ready is high, the fifo is ready for new input data to be written to it. when ir is low the fifo is unavailable for new input data. ir is also used to cascade many flfos together, as shown in figures 10 and 11. output ready (or) when output ready is high, the output (q 0 - 3 , 4 ) contains valid data. when or is low, the fifo is unavailable for new output data. or is also used to cascade many flfos together, as shown in figures 10 and 11. output enable ( oe ) (idt72403 and idt72404 only) output enable is used to read fifo data onto a bus. oe is active low. outputs: data output (q 0 - 3 , 4 ) data output lines. the idt72401 and idt72403 have a 4-bit data output. the idt72402 and idt72404 have a 5-bit data output. or equivalent circuit figure 1. ac test load *including scope and jig symbol parameter conditions max. unit c in input capacitance v in = 0v 5 pf c out output capacitance v out = 0v 7 pf note : 1. characterized values, not currently tested. 2747 drw 04 gnd 3.0v 90% 10% 90% 10% <3ns <3ns ac test conditions capacitance (t a = +25c, f = 1.0mhz)
5 idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 military and commercial temperature ranges functional description these 64 x 4 and 64 x 5 fifos are designed using a dual port ram architecture as opposed to the traditional shift register approach. this fifo architecture has a write pointer, a read pointer and control logic, which allow simultaneous read and write operations. the write pointer is incremented by the falling edge of the shift in (sl) control; the read pointer is incremented by the falling edge of the shift out (so). the input ready (ir) signals when the fifo has an available memory location; output ready (or) signals when there is valid data on the output. output enable ( oe ) provides the capability of three- stating the fifo outputs. fifo reset the fifo must be reset upon power up using the master reset ( mr ) signal. this causes the flfo to enter an empty state, signified by output ready (or) being low and input ready (ir) being high. in this state, the data outputs (q 0 - 3 , 4 ) will be low. data input data is shifted in on the low-to-hlgh transition of shift in (sl). this loads input data into the first word location of the fifo and causes input ready (ir) to go low. on the hlgh-to-low transition of si, the write pointer is moved to the next word position and ir goes high, indicating the readiness to accept new data. if the fifo is full, ir will remain low until a word of data is shifted out. data output data is shifted out on the hlgh-to-low transition of shift out (so). this causes the internal read pointer to be advanced to the next word location. if data is present, valid data will appear on the outputs and output ready (or) will go high. if data is not present, or will stay low indicating the fifo is empty. the last valid word read from the fifo will remain at the flfos output when it is empty. when the fifo is not empty, or goes low on the low-to-high transition of so. previous data remains on the output until the high-to-low transition of so). fall through mode the fifo operates in a fall-through mode when data gets shifted into an empty fifo. after a fall-through delay the data propagates to the output. when the data reaches the output, the output ready (or) goes high. fall-through mode also occurs when the fifo is completely full. when data is shifted out of the full fifo, a location is available for new data. after a fall-through delay, the input ready (ir) goes high. if shift in (si) is high, the new data can be written to the fifo. since these flfos are based on an internal dual-port ram architecture with separate read and write pointers, the fall-through time (t pt ) is one cycle long. a word may be written into the fifo on a clock cycle and can be accessed on the next clock cycle. figure 3. the mechanism of shifting data into the fifo notes: 1. ir high indicates space is available and a si pulse may be applied. 2. input data is loaded into the first word. 3. ir goes low indicating the first word is full. 4. the write pointer is incremented. 5. the fifo is ready for the next word. 6. if the fifo is full then the ir remains low. 7. si pulses applied while ir is low will be ignored (see figure 4). figure 2. input timing si ir input data 2747 drw 06 1/f in t sih t sil t idh t ids 1/f in t irh t irl si ir input data stable data (2) (3) (5) 2747 drw 07 (6) (4) (1) (7)
military and commercial temperature ranges idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 6 figure 6. the mechanism of shifting data out of the fifo notes: 1. or high indicates that data is available and a so pulse may be applied. 2. so goes high causing the next step. 3. or goes low. 4. the read pointer is incremented. 5. or goes high indicating that new data (b) is now available at the fifo outputs. 6. if the fifo has only one word loaded (a data) then or stays low and the a data remains unchanged at the outputs. 7. so pulses applied when or is low will be ignored. figure 5. output timing stable data so si ir input data (2) (3) (1) t iph t pt (4) (5) 2747 drw 08 t hir t sir notes: 1. fifo is initially full. 2. so pulse is applied. 3. si is held high. 4. as soon as ir becomes high the input data is loaded into the fifo. 5. the write pointer is incremented. si should not go low until (t pt + t iph ). figure 4. data is shifted in whenever shift in and input ready are both high so or output data a- data (2) (3) (5) 2747 drw 10 (6) (4) (1) (7) a or b b- data so or output data t orl 2747 drw 09 1/f out 1/f out t soh t sol t odh t orh c-data b-data a-data t ods (2) (1) notes: 1. this data is loaded consecutively a, b, c. 2. data is shifted out when so makes a high to low transition.
7 idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 military and commercial temperature ranges figure 7. t pt and t oph specification figure 8. master reset timing figure 9. output enable timing, idt72403 and idt72404 only note: 1. high-z transitions are referenced to the steady-state v oh ?500mv and v ol +500mv levels on the output. t hzoe is tested with 5pf load capacitance instead of 30pf as shown in figure 1. 2747 drw 14 ir si q 0 so or mr d 0 d 1 d 2 d 3 ir si q 0 q 1 q 2 q 3 so or mr shift in input ready data in mr output ready shift out data out q 1 q 2 q 3 d 0 d 1 d 2 d 3 note: 1. fifos can be easily cascaded to any desired path. the handshaking and associated timing between the fifos are handled by the inherent timing of the devices. figure 10. 128 x 4 depth expansion si so or (1) t oph t pt 2747 drw 11 data output data valid t sor hzoe t 2747 drw 13 oe data out t ooe note: 1. fifo initially empty. mr ir or t mrw 2747 drw 12 si data output t mrirh t mrq (1) (1) t mrorl t mrs note: 1. worst case, fifo initially full.
military and commercial temperature ranges idt72401/72402/72403/72404 cmos parallel fifo 64 x 4, 64 x 5 8 notes: 1. when the memory is empty, the last word will remain on the outputs until the mr is strobed or a new data word falls through to the output. however, or will remain low, indicating data at the output is not valid. 2. when the output data changes as a result of a pulse on so, the or signal always goes low before there is any change in output data and stays low until the new data has appeared on the outputs. anytime or is high, there is valid stable data on the outputs. 3. if so is held high while the memory is empty and a word is written into the input, that word will appear at the output after a fall-through time. or will go high for one internal cycle (at least t orl ) and then go back low again. the stored word will remain on the outputs. if more words are written into the fifo, they will line up behind the first word and will not appear on the outputs until so has been brought low. 4. when the mr is brought low, the outputs are cleared to low, ir goes high and or goes low. if si is high when the mr goes high, the data on the inputs will be written into the memory and ir will return to the low state until si is brought low. if si is low when the mr is ended, ir will go high, but the data in the inputs will not enter the memory until si goes high. 5. fifos are expandable on depth and width. however, in forming wider words, two external gates are required to generate compos ite input and or flags. this is due to the variation of delays of the fifos. figure 11. 192 x 12 depth and width expansion 2747 drw 15 ir si so or si ir or so si ir or so si ir or so shift out composite output ready mr shift in composite input ready ir si so or ir si so or ir si so or ir si so or ir si so or mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3 mr q 0 q 1 q 2 q 3 d 0 d 1 d 2 d 3
corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 e-mail: fifohelp@idt.com santa clara, ca 95054 fax: 408-492-8674 phone: (408) 330-1753 www.idt.com 9 ordering information idt xxxxx device type x speed x power x package x process/ temperature range blank b p d so l 72401 72402 (1) 72403 72404 45 35 25 15 10 commercial (0 c to+70 c) military (-55 c to+125 c) compliant to mil-std-883, class b plastic dip cerdip small outline ic commercial only commercial and military>72401, 72403 & 72404 only commercial and military>72401 only commercial and military>72401 & 72404 only commercial and military>72401 & 72403 only low power 64 x 4 fifo 64 x 5 fifo 64 x 4 fifo 64 x 5 fifo shift frequency (fs) speed in mhz 2747 drw 16 300 mil, p16-1 300 mil, d16-1 soic, so16-1 300 mil, p18-1 300 mil, d18-1 soic, so18-1 72401/72403 72402 (1) /72404 notes: 1. idt72402 is not available in military and cerdip. 2. industrial temperature range is available by special order. datasheet document history 07/10/2003 pgs. 2, 3, and 9.


▲Up To Search▲   

 
Price & Availability of IDT72401L10DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X