Part Number Hot Search : 
100HS DS1707 20M250 TLN113 ST7285C NTE584 SAMSUNG 12400
Product Description
Full Text Search
 

To Download HS-508BRH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 file number 4824 HS-508BRH radiation hardened 8 channel cmos analog multiplexer with overvoltage protection the HS-508BRH is a dielectrically isolated, radiation hardened, cmos analog multiplexer incorporating an important feature; it withstands analog input voltages much greater than the supplies. this is essential in any system where the analog inputs originate outside the equipment. they can withstand a continuous input up to 10v greater than either supply, which eliminates the possibility of damage when supplies are off, but input signals are present. equally important, it can withstand brief input transient spikes of several hundred volts; which otherwise would require complex external protection networks. necessarily, on resistance is somewhat higher than similar unprotected devices, but very low leakage current combine to produce low errors. reference application notes 520 and 521 for further information on the HS-508BRH multiplexer in general. the HS-508BRH has been speci?ally designed to meet exposure to radiation environments. operation from -55 o cto 125 o c is guaranteed. features electrically screened to smd # 5962-96742 qml quali?d per mil-prf-38535 requirements radiation environment - gamma dose ( ) . . . . . . . . . . . . . . . . . 3 x 10 5 rad(si) - dielectrically isolated device islands - sep >100 mev-mg/cm 2 analog/digital overvoltage protection esd rated to 3kv fail safe with power loss (no latchup) break-before-make switching dtl/ttl and cmos compatible analog signal range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15v fast access time supply current at 1mhz address toggle . . . . . .4ma (typ) standby power . . . . . . . . . . . . . . . . . . . . . . . .7.5mw (typ) speci?ations for rad hard qml devices are controlled by the defense supply center in columbus (dscc). the smd numbers listed here must be used when ordering. detailed electrical speci?ations for these devices are contained in smd 5962-96742. a ?ot-link?is provided on our homepage for downloading. www.intersil.com/spacedefense/newsafclasst.asp pinouts hs1-508brh 16 lead sidebraze dip mil-std-1835, cdip2-t16 top view hs9-508brh 16 lead flatpack mil-std-1835, cdfp4-f16 top view ordering information ordering number internal mkt. number temp. range ( o c) 5962r9674202qec hs1-508brh-8 -55 to 125 5962r9674202qxc hs9-508brh-8 -55 to 125 5962r9674202vec hs1-508brh-q -55 to 125 5962r9674202vxc hs9-508brh-q -55 to 125 hs1-508brh/proto hs1-508brh/proto -55 to 125 hs9-508brh/proto hs9-508brh/proto -55 to 125 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 ao en -vsup in 1 in 2 in 3 out in 4 a1 gnd +vsup in 5 in 6 in 7 in 8 a2 2 3 4 5 6 7 8 116 15 14 13 12 11 10 9 en in1 in2 in3 in4 out gnd in5 in6 in7 in8 a0 a1 a2 +vsup -vsup data sheet december 1999 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | copyright intersil corporation 1999
2 functional diagram n p en in 1 out in 8 digital address decoders address input buffer and level shifter multiplex switches 1 8 a0 a1 a2 n p truth table a2 a1 a0 en ?n?channel x x x l none lllh 1 llhh 2 lhlh 3 lhhh 4 hllh 5 hlhh 6 hhlh 7 hhhh 8 HS-508BRH
3 all intersil semiconductor products are manufactured, assembled and tested under iso9000 quality systems certi?ation. intersil semiconductor products are sold by description only. intersil corporation reserves the right to make changes in circuit design and/or spec ifications at any time with- out notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is b elieved to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of th ird parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see web site www.intersil.com die characteristics die dimensions: 120 mils x 93 mils x 19 mils interface materials: glassivation: type: phosphorus silicon glass (psg) thickness: 8k ? 1k ? top metallization: type: alsicu thickness: 16k ? 2k ? substrate: rad hard silicon gate dielectric isolation backside finish: silicon assembly related information: substrate potential: unbiased (di) additional information: worst case current density: 6.68e04 a/cm 2 transistor count: 506 metallization mask layout HS-508BRH in3 in4 out in8 in7 in6 in5 +v gnd en a0 a1 a2 in2 in1 -v HS-508BRH


▲Up To Search▲   

 
Price & Availability of HS-508BRH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X