Part Number Hot Search : 
BUY92 LBS7002L TN0635N3 MM3ZB12H IPTG06 PS2653L2 C16C5 VV80R1L
Product Description
Full Text Search
 

To Download FDN361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDN361an FDN361an, rev. c FDN361an n-channel, logic level, powertrench ? ? ? ? ? general description this n-channel logic level mosfet is produced using fairchild semiconductor's powertrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. april 1999 features ? 1.8 a, 30 v. r ds(on) = 0.100 ? @ v gs = 10 v r ds(on) = 0.150 ? @ v gs = 4.5 v.  low gate charge ( 2.1nc typical ).  fast switching speed.  high performance trench technology for extremely low r ds(on) .  high power version of industry standard sot-23 package. identical pin out to sot-23 with 30% higher power handling capability. ? 1998 fairchild semiconductor corporation absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter FDN361an units v dss drain-source voltage 30 v v gss gate-source voltage - continuous 20 v i d drain current - continuous ( note 1a ) 1.8 a - pulsed 8 p d power dissipation for sin g le operation ( note 1a ) 0.5 ( note 1b ) 0.46 w t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 250 c/w r jc thermal resistance, junction-to-case (note 1) 75 c/w package marking and ordering information device marking device reel size tape width quantity 361 FDN361an 7 ?? 8mm 3000 units applications  dc/dc converter  load switch  motor drives d s g g d s supersot -3 tm
FDN361an FDN361an, rev. c dmos electrical characteristics t a = 25 c unless otherwise noted bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a30 v ? bv dss ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c24mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gssf gate-body leakage, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate-body leakage, reverse v gs = -20 v, v ds = 0 v -100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a11.83v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = 250 a, referenced to 25 c-4.2mv/ c 0.072 0.107 r ds(on) static drain-source on-resistance v gs = 10 v, i d = 1.8 a v gs = 10 v, i d = 1.8 a, t j = 125 c v gs = 4.5 v, i d = 1.4 a 0.105 0.1 0.16 0.15 ? i d(on) on-state drain current v gs = 10 v, v ds = 5 v 8 a g fs forward transconductance v ds = 10 v, i d = 1.8 a 5 s c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 220 pf c oss output capacitance 50 pf c rss reverse transfer capacitance 20 pf t d(on) turn-on delay time v dd = 15 v, i d = 1 a, 3 6 ns t turn-on rise time v gs = 10 v, r gen = 6.0 ? 11 22 ns t d(off) turn-off delay time 7 14 ns t f turn-off fall time 3 6 ns q g total gate charge v ds = 15 v, i d = 1.8 a, 2.1 4 nc q gs gate-source charge v gs = 5 v 0.8 nc q gd gate-drain charge 0.7 nc i s maximum continuous drain-source diode forward current 0.42 a v sd drain-source diode forward voltage v gs = 0 v, i s = 0.42 a (note 2) 0.75 1.2 v dynamic characteristics switching characteristics (note 2) off characteristics on characteristics (note 2) drain-source diode characteristics and maximum ratings symbol parameter test conditions min typ max units notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ja is determined by the user's board design. scale 1 : 1 on letter size paper 2. pulse test: pulse width 300 s, duty cycle 2.0% a) 250 c/w when mounted on a 0.02 in 2 pad of 2 oz. cu. b) 270 c/w when mounted on a mininum pad.
FDN361an FDN361an, rev. c figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage. figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. typical characteristics (continued) 0246810 0.5 1 1.5 2 2.5 i , drain current (a) drain-source o n-resistance v = 3.5v gs 5.0v 7.0v 4.5v d 10v 4.0v r , n or mali zed ds( on ) -50 -25 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 t , junction temperat ure ( c) drain-so urce on-resistance j v = 10 v gs i = 1.8 a d r , nor m ali zed ds(on) 246810 0 0. 05 0. 1 0. 15 0. 2 0. 25 0. 3 v , gate to source voltage (v) gs r , on-resistance (ohm) ds(on) t = 25 c a i = 0.9a d t = 125 c a 0.2 0.4 0.6 0.8 1 1.2 0.001 0. 0 1 0. 1 1 10 v , body diode forward voltage (v) i , reverse drain current (a) -55 c v = 0v gs sd s t = 125 c j 25 c 12345 0 2 4 6 8 v , gate to source voltage (v) i , drain current (a) v =5.0v ds gs d t = -55 c j 25 c 125 c 00.5 11.5 22.5 3 0 2 4 6 8 v , drain -so urce vo ltage (v) i , drain -source c urrent (a) v = 10v gs 3.5v 3.0v 4.0v 6.0v 4.5v ds d
FDN361an FDN361an, rev. c figure 7. gate-charge characteristics. figure 8. capacitance characteristics. figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. typical characteristics (continued) 01234 0 2 4 6 8 10 q , ga te charge (nc) v , g ate - sou r c e v ol tag e (v ) g gs i = 1.8a d v = 5 v ds 10 v 15 v 0. 1 0. 2 0. 5 1 2 5 10 30 10 20 50 100 200 500 v , d ra in to sou r c e vo l tage ( v ) capacit ance (pf) ds c iss f = 1 m h z v = 0 v g s c oss c rss 0.1 0.2 0.5 1 2 5 10 20 30 50 0.01 0.03 0.1 0.3 1 3 10 30 v , drain-source voltag e (v) i , drain current (a) ds d rd s(o n) l imit v = 10v single pul se r =270 c/w t = 25 c gs a ja dc 1s 10 ms 100 ms 10 s 1ms figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1b. transient themal response will change depending on the circuit board design. 0.0001 0. 001 0. 01 0.1 1 10 100 300 0 10 20 30 40 50 si n gl e pu l s e ti me ( se c ) power (w) single pulse r =270 c/w t = 25 c ja a 0.0001 0.0 01 0.01 0.1 1 10 100 300 0.0 01 0.0 02 0.0 05 0. 0 1 0. 0 2 0. 0 5 0.1 0.2 0.5 1 t , ti me (s ec) transien t the rmal resistanc e r ( t ) = r ( t ) * r r = 2 70 c/w ja ja ja t - t = p * r ( t ) j a a j p(p k ) t 1 t 2 r(t), no rmali ze d effectiv e 1 s i n g l e p u l s e d = 0. 5 0. 1 0. 05 0. 02 0. 01 0. 2 d u t y c y c l e, d = t / t 1 2
ssot-3 packaging configuration: figure 1.0 components leader tape 500mm minimum or 125 empty pockets trailer tape 300mm minimum or 75 empty pockets ssot-3 tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option ssot-3 std packaging information standard (no flow code) d87z packaging type reel size tnr 7" dia tnr 13" qty per reel/tube/bag 3,000 10,000 box dimension (mm) 187x107x183 343x343x64 max qty per box 24,000 30,000 weight per unit (gm) 0.0097 0.0097 weight per reel (kg) 0.1230 0.4150 human readable label human readable label sample 343mm x 342mm x 64mm intermediate box for d87z option human readable label 187mm x 107mm x 183mm intermediate box for standard option ssot-3 std unit orientation 3p 3p 3p 3p customize label human readable label embossed carrier tape antistatic cover tape packaging description: ssot-3 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 3,000 units per 7" or 177cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 10,000 units per 13" or 330cm diameter reel. this and some other options are described in the packaging information table. these full reels are individually labeled and placed inside a standard intermediate made of recyclable corrugated brown paper with a fairchild logo printing. one pizza box contains eight reels maximum. and these intermediate boxes are placed inside a labeled shipping box which comes in different sizes depending on the number of parts shipped. supersot tm -3 tape and reel data and package dimensions august 1999, rev. c
dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc ssot-3 (8mm) 3.15 +/-0.10 2.77 +/-0.10 8.0 +/-0.3 1.55 +/-0.05 1.125 +/-0.125 1.75 +/-0.10 6.25 min 3.50 +/-0.05 4.0 +/-0.1 4.0 +/-0.1 1.30 +/-0.10 0.228 +/-0.013 5.2 +/-0.3 0.06 +/-02 dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 8mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 8mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed ssot-3 embossed carrier tape configuration: figure 3.0 ssot-3 reel configuration: figure 4.0 p1 a0 d1 f w e1 e2 tc wc k0 t b0 d0 p0 p2 supersot tm -3 tape and reel data and package dimensions, continued july 1999, rev. c
supersot ? -3 (fs pkg code 32) 1 : 1 scale 1:1 on letter size paper di mensions shown below are in: inches [mil limeters] part weight per unit (gram): 0.0097 supersot tm -3 tape and reel data and package dimensions, continued september 1998, rev. a
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. syncfet? tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 ? rev. d


▲Up To Search▲   

 
Price & Availability of FDN361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X