Part Number Hot Search : 
00003 N4121 440SH AN7015S XXXJD SM76299 P2155 SKKH72H4
Product Description
Full Text Search
 

To Download ESH1PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor esh1pb, esh1pc & ESH1PD document number: 88895 revision: 25-jun-07 www.vishay.com 1 new product high current density surface mount ultrafast rectifiers features ? very low profile - typical height of 1.0 mm ? ideal for automated placement ? glass passivated chip junction ? ultrafast recovery times for high frequency ? low forward voltage drop, low power loss ? low thermal resistance ? meets msl level 1 per j-std-020c, lf max peak of 260 c ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in secondary rectification and freewheeling for ultrafast switching speeds of ac-to-ac and dc-to-dc converters in high temperature conditions for both consumer and automotive applications. mechanical data case: do-220aa (smp) epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end do-220aa (smp) esmp tm series major ratings and characteristics i f(av) 1 a v rrm 100 v, 150 v, 200 v t rr 25 ns v f 0.90 v t j max. 175 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol esh1pb esh1pc ESH1PD unit device marking code pb pc pd maximum repetitive peak reverse voltage v rrm 100 150 200 v maximum average forward rectified current (fig. 1) i f(av) 1.0 a peak forward surge current 10 ms single half sine- wave superimposed on rated load i fsm 50 a operating junction and storage temperature range t j , t stg - 55 to + 175 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage (1) at i f = 0.7 a, t j = 25 c at i f = 1 a, t j = 25 c v f 0.86 0.90 v maximum reverse current at rated v r (1) voltage t j = 25 c t j = 125 c i r 1.0 25 a maximum reverse current at v r = 20 v, t j = 150 c i r 50 a
www.vishay.com 2 document number: 88895 revision: 25-jun-07 vishay general semiconductor esh1pb, esh1pc & ESH1PD new product note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) thermal resistance from junction to ambient and junction to lead mounted on p.c.b. with 5.0 x 5.0 mm copper pad areas. r jl is measured at the terminal of cathode band. r jc is measured at the top centre of the body note: (1) automotive grade aec q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) maximum reverse recovery time at i f = 0.5 a, i r = 1 a, i rr = 0.25 a t rr 25 ns typical reverse recovery time at i f = 1.0 a, v r = 30 v di/dt = 50 a/s, i rr = 10 % i rm t j = 25 c at i f = 1.0 a, v r = 30 v di/dt = 50 a/s, i rr = 10 % i rm t j = 100 c t rr 25 35 ns typical reverse recovery time at i f = 1.0 a, v r = 30 v di/dt = 50 a/s, i rr = 10 % i rm t j = 25 c at i f = 1.0 a, v r = 30 v di/dt = 50 a/s, i rr = 10 % i rm t j = 100 c q rr 10 15 nc typical junction capacitance at 4.0 v, 1 mhz c j 25 pf electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol value unit thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol esh1pb esh1pc ESH1PD unit typical thermal resistance (1) r ja r jl r jc 105 15 20 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode esh1pb-e3/84a 0.024 84a 3000 7" diameter plastic tape & reel esh1pb-e3/85a 0.024 85a 10000 13" diameter plastic tape & reel esh1pbhe3/84a (1) 0.024 84a 3000 7" diameter plastic tape & reel esh1pbhe3/85a (1) 0.024 85a 10000 13" diameter plastic tape & reel figure 1. forward current derating curve 0 1.2 95 105 115 125 135 145 155 165 0. 8 1.0 0.2 0.4 0.6 175 t l meas u red at the cathode b and terminal lead temperat u re (c) a v erage for w ard rectified c u rrent (a) figure 2. maximum non-repetitive peak forward surge current 1 10 100 10 20 30 0 40 50 nu m b er of cycles at 50 hz peak for w ard s u rge c u rrent (a)
document number: 88895 revision: 25-jun-07 www.vishay.com 3 esh1pb, esh1pc & ESH1PD vishay general semiconductor new product package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical revers e leakage characteristics 0.4 0.6 0. 8 1.2 1.4 0.1 10 1 100 0.01 1.0 0.2 1.6 t j = 150 c t j = 125 c t j = 175 c t j = 25 c instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 20 40 60 8 0 100 0.1 1 10 100 10 30 50 70 90 0.01 1000 t j = 150 c t j = 125 c t j = 175 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance figure 6. typical transient thermal impedance 0.1 10 1 100 1 100 10 1000 re v erse v oltage ( v ) j u nction capacitance (pf) 0.01 10 1 100 1 10 100 0.1 1000 t - p u lse d u ration (s) transient thermal impedance (c/ w ) 0.000 (0.00) 0.012 (0.30) 0.013 (0.35) 0.004 (0.10) 0.01 8 (0.45) 0.006 (0.15) 0.045 (1.15) 0.033 (0. 8 5) 0.036 (0.91) 0.024 (0.61) 0.016 (0.40) 0.032 (0. 8 0) 0.053 (1.35) 0.041 (1.05) 0.012 (0.30) ref 0.105 (2.67) 0.025 (0.635) 0.100 (2.54) 0.030 (0.762) 0.050 (1.27) cathode b and 0.142 (3.61) 0.126 (3.19) 0.15 8 (4.00) 0.146 (3.70) 0.0 8 6 (2.1 8 ) 0.074 (1. 88 ) 0.0 8 7 (2.20) 0.103 (2.60) do-220aa (smp)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of ESH1PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X