Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download DB102G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 db(s)101g - db(s)107g single phase 1.0 amp. glass passivated bridge rectifiers db dbs .404(10.3) .386(9.80) .255(6.5) .245(6.2) .013(0.33) .0088(0.22) .013(0.33) .003(0.076) .060(1.53) .040(1.02) .205(5.2) .195(5.0) .047(1.20) .040(1.02) .335(8.51) .320(8.13) 0 45 .130(3.30) .120(3.05) features  ul recognized file # e-96005  glass passivated junction  ideal for printed circuit board  reliable low cost construction utilizing molded plastic technique  high temperature soldering guaranteed: 260 o c / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension  small size, simple installation pure tin plated, lead free. leads solderable per mil-std-202, method 208  high surge current capability maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% db 101g db 102g db 103g db 104g db 105g db 106g db 107g type number symbol dbs 101g dbs 102g dbs 103g dbs 104g dbs 105g dbs 106g dbs 107g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 40 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 1.0a v f 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 500 ua ua typical thermal resistance ( note 1 ) r ja r jl 40 15 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. thermal resistance from junction to amb ient and from junction to lead mounted on p.c.b. with 0.2? x 0.2? (5mm x 5mm) copper pads. 2. dbs for surface mount package.
r a ting s an d characteristi c cu r ve s (db(s)101 g thr u db(s)107g) fig.2 - typica l revers e characteristics pe r bridg e element 0 2 0 4 0 6 0 8 0 10 0 12 0 140 100 0.01 0.1 1 10 percen t o f r a te d pea k revers e vo l t age . (%) tj=125 c 0 tj=25 c 0 fig.5- typical forward characteristics per bridge element instantaneous for ward current . (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 forward voltage. (v) fig.4- typical junction capacitance per bridge element capacitance.(pf) 1 10 100 1 10 100 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.1- maximum derating curve for output rectified current average for ward current . (a) 20 40 60 80 100 120 140 150 0 0.5 1.0 ambient temperature. ( c) o 60hz resistive or inductive load instantaneous reverse current .( a) tj=25 c pulse width-300 s 2% duty cycle 0 fig.3- maximum non-repetitive peak forward surge current peak for ward surge current . (a) 1 2 4 6 10 20 100 60 40 0 10 40 60 50 20 30 number of cycles at 60hz single sine - wave (jedec method) version: a06 copper pauls .51" x .51" (13mm x 13mm) .06" (1.5mm) pcb


▲Up To Search▲   

 
Price & Availability of DB102G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X