Part Number Hot Search : 
TB30N0 5MTCX BR1008S VNQ6004 E4920 E4920 VNQ6004 PSZ201
Product Description
Full Text Search
 

To Download USG1105-50M-010-10PPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type usg ultra-stable precision high voltage resistors lowest tc high voltage resistor, 10 ppm/ ? c from -40 ? c to +85 ? c reference to +25 ? c 0.10% tolerance, three body sizes providing voltage ratings of 5kv, 10kv, and 15kv the very highest performance high voltage applications require the best possible temperature coefficient and long term stability from the high voltage resistors that are used in these applications. to meet these demanding requirements caddock introduces the t ype usg ultra-stable precision high voltage resistors. utilizing our proven tetrinox ? resistance film system, these type usg resistors were developed to optimize low temperature coefficient performance and long term stability performance. by utilizing specific ceramic core materials with optimum tetrinox ? processing we are able to control, very tightly in manufacturing, the important ultra-stable performance parameters in operating temperatures from -40 ? c to +85 ? c. this unique process is offered in specific resistance values in three body sizes. the extraordinary operating stability of the type usg resistors will improve the performance of your high voltage system. the performance features of the type usg ultra stable precision high voltage resistors are: ? t emperature coefficient: 10 ppm/ ? c from -40 ? c to +85 ? c. ? t olerance: 0.10% ? t ypical load life stability of 0.025% per 1,000 hours at +85 ? c, 0.05% per 1000 hrs. maximum. ? three body sizes provide continuous voltage ratings of 5kv, 10kv, and 15kv. ? the specific resistances that are offered in each body size, have been selected for produceability of optimum performance. ? the ultra low temperature coefficient minimizes self heating (warm-up) drift following the application of high voltage or resulting from a change in the applied high voltage. ? custom low tc hv strings are available: 50kv, 100kv, etc. part number (model-value-tol.-tc) usg1105 - 50m - 0.10%-10ppm 0.10% 5 kv t olerance max. continuous operating voltage 50 meg dimensions in inches and (millimeters) a b c resistance ( ? ) tc ppm/ ? c ambient max. operating t emperature 10 ppm/ ?c 85 ? c dielectric strength 1,000 usg1105 - 75m - 0.10%-10ppm usg1110 - 100m - 0.10%-10ppm usg1110 - 150m - 0.10%-10ppm usg1115 - 150m - 0.10%-10ppm usg1115 - 200m - 0.10%-10ppm 5 kv 10 kv 10 kv 15 kv 15 kv 75 meg 100 meg 150 meg 150 meg 200 meg 0.10% 0.10% 0.10% 0.10% 0.10% 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 85 ? c 85 ? c 85 ? c 85 ? c 85 ? c 1,000 1,000 1,000 1,000 1,000 .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) 1 2 specifications: (numbers inside circles reference columns in part number table above) 1 2 tolerance: ? 0.1% measured at room temperature (23 ? c ? 2 ? c) at 100 vdc temperature coefficient: 10ppm/ ? c, refer- enced to 25 ? c. ? r taken at -40 ? c and +85 ? c, measured at 50% of rated voltage insulation resistance: 10,000 megohms, min. overvoltage: 1.5 times maximum continuous operating voltage for 5 seconds, ? r 0.05% max. thermal shock: mil-std-202, method 107, condition a, ? r 0.05% max. moisture resistance: mil-std-202, method 106, ? r 0.05% max. load life: 1000 hrs at +85 ? c at rated voltage, ? r 0.025% typical, ? r 0.05% max. solderable leads encapsulation: high temperature silicone conformal storage temperature: -40 ? c to +105 ? c dimensions in inches and (millimeters) 1.500 ? .125 (38.10 ? 3.18) a b c precise low tc voltage division precise voltage division ratio performance can be formed using type usg ultra-stable high voltage resistors together with caddock's type usf ultra-stable precision film resistors or "matched" with selected type tk low tc precision radial-lead resistors. consult caddock applications engineering to optimize voltage division ratio performance for your application. the low tc of the type usg resistors minimizes temperature related drift due to temperature gradients that may exist due to the placement of the resistor components in the high voltage assembly. low absolute tc, ultra-precision tolerance, with type usf resistors special matched resistors for lowest ratio tc with type tk low tc radial lead resistors tel: +44/01883 717988 fax: +44/01883 712938 email: sales@rhopointcomponents.com website http://www.rhopointcomponents.com rhopoint components ltd holland road, hurst green, oxted, surrey, rh8 9ax england rhopoint components ltd ? 2003 caddock electronics, inc. l-358.0103 sales and corporate of?ce 1717 chicago avenue riverside, california 92507-2364 phone: (951) 788-1700 fax: (951) 369-1151 applications engineering 17271 north umpqua hwy. roseburg, oregon 97470-9422 phone: (541) 496-0700 fax: (541) 496-0408 e-mail: caddock@caddock.com ? web: www.caddock.com for caddock distributors listed by country see caddock.com/contact/dist.html ? 2004 caddock electronics, inc. ca d k do c type mg precision high voltage resistors speci?cations: resistance tolerance: resistance range t olerance ?1% ?1%, ?0.5%, ?0.25%, ?0.1% standar d st'd with "-15" ratin g extended range ?1% resistance range overload/overvoltage, ? r n/a 0.5% max. standard st'd with "-15" rating extended range 0.8% max. models with low inductance construction are in shaded areas. models with caddock's non-inductive resistance pattern are in non-shaded areas. standard and st'd with "-15" ratin g ?80 ppm/ ?c from +25 ?c to +105 ?c, -200 ppm/ ?c to +50 ppm/ ?c from -15 ?c to +25 ?c. resistanc e range ?80 ppm/ ?c from -15 ?c to +105 ?c, referenced to +25 ?c. tc specifications extended range resistance range load life, ? r 0.8% max. 0.5% max. standard st'd with "-15" rating extended range 0.8% max. dielect. strength max. continuous oper . v olt. w att- age model no. a b c dimensions in inches and (millimeters) resistance standard max. extended max. min. mg 650 .313 ?.020 (7.95 ?.51) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 655 .313 ?.030 (7.95 ?.76) .109 ?.025 (2.77 ?.64) .025 ?.002 (.64 ?.05) mg 660 .500 ?.030 (12.70 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 680 .750 ?.030 (19.05 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 710 1.000 ?.040 (25.40 ?1.02) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 712 .400 ?.060 (10.16 ?.152) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 714 .562 ?.060 (14.27 ?1.52) .150 ?.030 (3.81 ?.76) .032 ?.002 (.81 ?.05) mg 715 .750 ?.060 (19.05 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 716 1.000 ?.060 (25.40 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 717 .710 ?.050 (18.03 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 720 1.500 ?.080 (38.10 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 721 1.000 ?.050 (25.40 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 725 2.000 ?.080 (50.80 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 730 1.500 ?.080 (38.10 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 731 1.000 ? .060 (25.40 ? 1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 735 2.000 ?.080 (50.80 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 740 1.500 ?.060 (38.10 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 745 3.000 ?.100 (76.20 ?2.54) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 750 2.125 ?.060 (53.98 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 780 3.125 ?.060 (79.38 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 785 4.000 ?.120 (101.60 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 810 5.000 ?.120 (127.00 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 815 6.000 ?.120 (152.40 ?3.05) .350 ?.040 (8.89 ?1.02) .040 ?.002 (1.02 ?.05) 0. 5 0.5 0. 6 0. 8 1.0 0. 6 1.0 1. 0 1. 5 1.5 2. 0 2.0 2. 5 3. 0 2.6 3. 6 3.6 5. 0 5. 0 7.5 8. 0 10.0 15. 0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 ? 200 ? 400 ? 600 ? 800 ? 800 ? 200 ? 400 ? 600 ? 600 ? 1 k 200 ? 1.5 k 500 ? 200 ? 750 ? 300 ? 1 k 400 ? 600 ? 800 ? 1 k 1 k 5 meg 8 meg 10 meg 20 meg 50 meg 20 meg 20 meg 50 meg 75 meg 75 meg 150 meg 100 meg 200 meg 250 meg 150 meg 300 meg 300 meg 500 meg 500 meg 750 meg 1,000 meg 1,250 meg 2,000 meg n/ a n/a n/ a n/ a n/a n/ a n/a n/ a n/ a 225 m n/ a 300 m n/ a 750 m 750 m 1,000 m 1,500 m 1,500 m 2,500 m 3,750 m 5,000 m 6,250 m 10,000 m -15 min. 6.5 meg n/ a n/a n/ a n/ a n/a n/ a 26 meg 70 meg 17 meg n/ a 51 meg n/ a 77 meg 40 meg 178 meg 64 meg 288 meg 128 meg 192 meg 320 meg 400 meg 384 meg overload rating t ype 1 t ype 1 t ype 1 t ype 1 t ype 1 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 now with extended resistance range to 10,000 megohms and additional models temperature coef?cient as tight as 80 ppm/c, combined with excellent long-term stability and precision tolerances. caddock's micronox ? resistance ?lms are the source of the type mg precision high voltage resistors' outstanding combination of performance features: ? single-resistor values as high as 10,000 megohms. ? maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). ? overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). ? resistance tolerances from 1.0% to 0.1%. ? temperature coef?cient, for standard resistance range, of 80 ppm/c in combination with resistance tolerances as tight as 0.1%. ? type mg resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. this exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including twt amplifiers, x-ray systems, geophysical instruments, and medical electronics. preconditioning for power and voltage ratings all power ratings and maximum operating voltage ratings are for continuous duty. these ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. maximum operating voltages 60% higher than the values listed in the table may be speci?ed by adding "-15" to the model number (example: mg750-15). note that overload and overvoltage ratings do not apply to the "-15" resistors. resistance ranges for "-15" resistors shown in the table are from "-15 min." to "standard max." non-inductive performance most models are manufactured with caddock's non-inductive design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of ?ux ?elds over the entire length of the resistor. this ef?cient non-inductive construction is accomplished without derating of any performance advantages. insulation resistance: 10,000 megohms, min. overload/overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . type 1: dc voltage type 2: dc voltage or v rms ac thermal shock: mil-std-202, method 107, cond. c, r 0.25% max. moisture resistance: mil-std-202, method 106, r 0.4% max. load life: 1,000 hours at +125c at rated voltage, not to exceed rated power. solderable leads encapsulation: high temperature silicone conformal. temperature coef?cient: page 1 of 2 28_il110.1004 sales and corporate of?ce 1717 chicago avenue riverside, california 92507-2364 phone: (951) 788-1700 fax: (951) 369-1151 applications engineering 17271 north umpqua hwy. roseburg, oregon 97470-9422 phone: (541) 496-0700 fax: (541) 496-0408 e-mail: caddock@caddock.com ? web: www.caddock.com for caddock distributors listed by country see caddock.com/contact/dist.html ? 2004 caddock electronics, inc. ca d k do c type mg precision high voltage resistors speci?cations: resistance tolerance: resistance range t olerance ?1% ?1%, ?0.5%, ?0.25%, ?0.1% standar d st'd with "-15" ratin g extended range ?1% resistance range overload/overvoltage, ? r n/a 0.5% max. standard st'd with "-15" rating extended range 0.8% max. models with low inductance construction are in shaded areas. models with caddock's non-inductive resistance pattern are in non-shaded areas. standard and st'd with "-15" ratin g ?80 ppm/ ?c from +25 ?c to +105 ?c, -200 ppm/ ?c to +50 ppm/ ?c from -15 ?c to +25 ?c. resistanc e range ?80 ppm/ ?c from -15 ?c to +105 ?c, referenced to +25 ?c. tc specifications extended range resistance range load life, ? r 0.8% max. 0.5% max. standard st'd with "-15" rating extended range 0.8% max. dielect. strength max. continuous oper . v olt. w att- age model no. a b c dimensions in inches and (millimeters) resistance standard max. extended max. min. mg 650 .313 ?.020 (7.95 ?.51) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 655 .313 ?.030 (7.95 ?.76) .109 ?.025 (2.77 ?.64) .025 ?.002 (.64 ?.05) mg 660 .500 ?.030 (12.70 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 680 .750 ?.030 (19.05 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 710 1.000 ?.040 (25.40 ?1.02) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 712 .400 ?.060 (10.16 ?.152) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 714 .562 ?.060 (14.27 ?1.52) .150 ?.030 (3.81 ?.76) .032 ?.002 (.81 ?.05) mg 715 .750 ?.060 (19.05 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 716 1.000 ?.060 (25.40 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 717 .710 ?.050 (18.03 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 720 1.500 ?.080 (38.10 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 721 1.000 ?.050 (25.40 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 725 2.000 ?.080 (50.80 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 730 1.500 ?.080 (38.10 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 731 1.000 ? .060 (25.40 ? 1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 735 2.000 ?.080 (50.80 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 740 1.500 ?.060 (38.10 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 745 3.000 ?.100 (76.20 ?2.54) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 750 2.125 ?.060 (53.98 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 780 3.125 ?.060 (79.38 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 785 4.000 ?.120 (101.60 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 810 5.000 ?.120 (127.00 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 815 6.000 ?.120 (152.40 ?3.05) .350 ?.040 (8.89 ?1.02) .040 ?.002 (1.02 ?.05) 0. 5 0.5 0. 6 0. 8 1.0 0. 6 1.0 1. 0 1. 5 1.5 2. 0 2.0 2. 5 3. 0 2.6 3. 6 3.6 5. 0 5. 0 7.5 8. 0 10.0 15. 0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 ? 200 ? 400 ? 600 ? 800 ? 800 ? 200 ? 400 ? 600 ? 600 ? 1 k 200 ? 1.5 k 500 ? 200 ? 750 ? 300 ? 1 k 400 ? 600 ? 800 ? 1 k 1 k 5 meg 8 meg 10 meg 20 meg 50 meg 20 meg 20 meg 50 meg 75 meg 75 meg 150 meg 100 meg 200 meg 250 meg 150 meg 300 meg 300 meg 500 meg 500 meg 750 meg 1,000 meg 1,250 meg 2,000 meg n/ a n/a n/ a n/ a n/a n/ a n/a n/ a n/ a 225 m n/ a 300 m n/ a 750 m 750 m 1,000 m 1,500 m 1,500 m 2,500 m 3,750 m 5,000 m 6,250 m 10,000 m -15 min. 6.5 meg n/ a n/a n/ a n/ a n/a n/ a 26 meg 70 meg 17 meg n/ a 51 meg n/ a 77 meg 40 meg 178 meg 64 meg 288 meg 128 meg 192 meg 320 meg 400 meg 384 meg overload rating t ype 1 t ype 1 t ype 1 t ype 1 t ype 1 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 now with extended resistance range to 10,000 megohms and additional models temperature coef?cient as tight as 80 ppm/c, combined with excellent long-term stability and precision tolerances. caddock's micronox ? resistance ?lms are the source of the type mg precision high voltage resistors' outstanding combination of performance features: ? single-resistor values as high as 10,000 megohms. ? maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). ? overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). ? resistance tolerances from 1.0% to 0.1%. ? temperature coef?cient, for standard resistance range, of 80 ppm/c in combination with resistance tolerances as tight as 0.1%. ? type mg resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. this exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including twt amplifiers, x-ray systems, geophysical instruments, and medical electronics. preconditioning for power and voltage ratings all power ratings and maximum operating voltage ratings are for continuous duty. these ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. maximum operating voltages 60% higher than the values listed in the table may be speci?ed by adding "-15" to the model number (example: mg750-15). note that overload and overvoltage ratings do not apply to the "-15" resistors. resistance ranges for "-15" resistors shown in the table are from "-15 min." to "standard max." non-inductive performance most models are manufactured with caddock's non-inductive design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of ?ux ?elds over the entire length of the resistor. this ef?cient non-inductive construction is accomplished without derating of any performance advantages. insulation resistance: 10,000 megohms, min. overload/overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . type 1: dc voltage type 2: dc voltage or v rms ac thermal shock: mil-std-202, method 107, cond. c, r 0.25% max. moisture resistance: mil-std-202, method 106, r 0.4% max. load life: 1,000 hours at +125c at rated voltage, not to exceed rated power. solderable leads encapsulation: high temperature silicone conformal. temperature coef?cient: page 1 of 2 28_il110.1004 sales and corporate of?ce 1717 chicago avenue riverside, california 92507-2364 phone: (951) 788-1700 fax: (951) 369-1151 applications engineering 17271 north umpqua hwy. roseburg, oregon 97470-9422 phone: (541) 496-0700 fax: (541) 496-0408 e-mail: caddock@caddock.com ? web: www.caddock.com for caddock distributors listed by country see caddock.com/contact/dist.html ? 2004 caddock electronics, inc. ca d k do c type mg precision high voltage resistors speci?cations: resistance tolerance: resistance range t olerance ?1% ?1%, ?0.5%, ?0.25%, ?0.1% standar d st'd with "-15" ratin g extended range ?1% resistance range overload/overvoltage, ? r n/a 0.5% max. standard st'd with "-15" rating extended range 0.8% max. models with low inductance construction are in shaded areas. models with caddock's non-inductive resistance pattern are in non-shaded areas. standard and st'd with "-15" ratin g ?80 ppm/ ?c from +25 ?c to +105 ?c, -200 ppm/ ?c to +50 ppm/ ?c from -15 ?c to +25 ?c. resistanc e range ?80 ppm/ ?c from -15 ?c to +105 ?c, referenced to +25 ?c. tc specifications extended range resistance range load life, ? r 0.8% max. 0.5% max. standard st'd with "-15" rating extended range 0.8% max. dielect. strength max. continuous oper . v olt. w att- age model no. a b c dimensions in inches and (millimeters) resistance standard max. extended max. min. mg 650 .313 ?.020 (7.95 ?.51) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 655 .313 ?.030 (7.95 ?.76) .109 ?.025 (2.77 ?.64) .025 ?.002 (.64 ?.05) mg 660 .500 ?.030 (12.70 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 680 .750 ?.030 (19.05 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 710 1.000 ?.040 (25.40 ?1.02) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 712 .400 ?.060 (10.16 ?.152) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 714 .562 ?.060 (14.27 ?1.52) .150 ?.030 (3.81 ?.76) .032 ?.002 (.81 ?.05) mg 715 .750 ?.060 (19.05 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 716 1.000 ?.060 (25.40 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 717 .710 ?.050 (18.03 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 720 1.500 ?.080 (38.10 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 721 1.000 ?.050 (25.40 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 725 2.000 ?.080 (50.80 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 730 1.500 ?.080 (38.10 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 731 1.000 ? .060 (25.40 ? 1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 735 2.000 ?.080 (50.80 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 740 1.500 ?.060 (38.10 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 745 3.000 ?.100 (76.20 ?2.54) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 750 2.125 ?.060 (53.98 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 780 3.125 ?.060 (79.38 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 785 4.000 ?.120 (101.60 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 810 5.000 ?.120 (127.00 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 815 6.000 ?.120 (152.40 ?3.05) .350 ?.040 (8.89 ?1.02) .040 ?.002 (1.02 ?.05) 0. 5 0.5 0. 6 0. 8 1.0 0. 6 1.0 1. 0 1. 5 1.5 2. 0 2.0 2. 5 3. 0 2.6 3. 6 3.6 5. 0 5. 0 7.5 8. 0 10.0 15. 0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 ? 200 ? 400 ? 600 ? 800 ? 800 ? 200 ? 400 ? 600 ? 600 ? 1 k 200 ? 1.5 k 500 ? 200 ? 750 ? 300 ? 1 k 400 ? 600 ? 800 ? 1 k 1 k 5 meg 8 meg 10 meg 20 meg 50 meg 20 meg 20 meg 50 meg 75 meg 75 meg 150 meg 100 meg 200 meg 250 meg 150 meg 300 meg 300 meg 500 meg 500 meg 750 meg 1,000 meg 1,250 meg 2,000 meg n/ a n/a n/ a n/ a n/a n/ a n/a n/ a n/ a 225 m n/ a 300 m n/ a 750 m 750 m 1,000 m 1,500 m 1,500 m 2,500 m 3,750 m 5,000 m 6,250 m 10,000 m -15 min. 6.5 meg n/ a n/a n/ a n/ a n/a n/ a 26 meg 70 meg 17 meg n/ a 51 meg n/ a 77 meg 40 meg 178 meg 64 meg 288 meg 128 meg 192 meg 320 meg 400 meg 384 meg overload rating t ype 1 t ype 1 t ype 1 t ype 1 t ype 1 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 now with extended resistance range to 10,000 megohms and additional models temperature coef?cient as tight as 80 ppm/c, combined with excellent long-term stability and precision tolerances. caddock's micronox ? resistance ?lms are the source of the type mg precision high voltage resistors' outstanding combination of performance features: ? single-resistor values as high as 10,000 megohms. ? maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). ? overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). ? resistance tolerances from 1.0% to 0.1%. ? temperature coef?cient, for standard resistance range, of 80 ppm/c in combination with resistance tolerances as tight as 0.1%. ? type mg resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. this exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including twt amplifiers, x-ray systems, geophysical instruments, and medical electronics. preconditioning for power and voltage ratings all power ratings and maximum operating voltage ratings are for continuous duty. these ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. maximum operating voltages 60% higher than the values listed in the table may be speci?ed by adding "-15" to the model number (example: mg750-15). note that overload and overvoltage ratings do not apply to the "-15" resistors. resistance ranges for "-15" resistors shown in the table are from "-15 min." to "standard max." non-inductive performance most models are manufactured with caddock's non-inductive design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of ?ux ?elds over the entire length of the resistor. this ef?cient non-inductive construction is accomplished without derating of any performance advantages. insulation resistance: 10,000 megohms, min. overload/overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . type 1: dc voltage type 2: dc voltage or v rms ac thermal shock: mil-std-202, method 107, cond. c, r 0.25% max. moisture resistance: mil-std-202, method 106, r 0.4% max. load life: 1,000 hours at +125c at rated voltage, not to exceed rated power. solderable leads encapsulation: high temperature silicone conformal. temperature coef?cient: page 1 of 2 28_il110.1004 uk & ireland distributors hurst green ? surrey ? rh8 9ax ? uk email ? sales@rhopointcomponents.com web ? www.rhopointcomponents.com tel: +44 (0) 870 608 1188 sales and corporate of?ce 1717 chicago avenue riverside, california 92507-2364 phone: (951) 788-1700 fax: (951) 369-1151 applications engineering 17271 north umpqua hwy. roseburg, oregon 97470-9422 phone: (541) 496-0700 fax: (541) 496-0408 e-mail: caddock@caddock.com ? web: www.caddock.com for caddock distributors listed by country see caddock.com/contact/dist.html ? 2004 caddock electronics, inc. ca d k do c type mg precision high voltage resistors speci?cations: resistance tolerance: resistance range t olerance ?1% ?1%, ?0.5%, ?0.25%, ?0.1% standar d st'd with "-15" ratin g extended range ?1% resistance range overload/overvoltage, ? r n/a 0.5% max. standard st'd with "-15" rating extended range 0.8% max. models with low inductance construction are in shaded areas. models with caddock's non-inductive resistance pattern are in non-shaded areas. standard and st'd with "-15" ratin g ?80 ppm/ ?c from +25 ?c to +105 ?c, -200 ppm/ ?c to +50 ppm/ ?c from -15 ?c to +25 ?c. resistanc e range ?80 ppm/ ?c from -15 ?c to +105 ?c, referenced to +25 ?c. tc specifications extended range resistance range load life, ? r 0.8% max. 0.5% max. standard st'd with "-15" rating extended range 0.8% max. dielect. strength max. continuous oper . v olt. w att- age model no. a b c dimensions in inches and (millimeters) resistance standard max. extended max. min. mg 650 .313 ?.020 (7.95 ?.51) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 655 .313 ?.030 (7.95 ?.76) .109 ?.025 (2.77 ?.64) .025 ?.002 (.64 ?.05) mg 660 .500 ?.030 (12.70 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 680 .750 ?.030 (19.05 ?.76) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 710 1.000 ?.040 (25.40 ?1.02) .094 ?.015 (2.39 ?.38) .025 ?.002 (.64 ?.05) mg 712 .400 ?.060 (10.16 ?.152) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 714 .562 ?.060 (14.27 ?1.52) .150 ?.030 (3.81 ?.76) .032 ?.002 (.81 ?.05) mg 715 .750 ?.060 (19.05 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 716 1.000 ?.060 (25.40 ?1.52) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 717 .710 ?.050 (18.03 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 720 1.500 ?.080 (38.10 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 721 1.000 ?.050 (25.40 ?1.27) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 725 2.000 ?.080 (50.80 ?2.03) .140 ?.030 (3.56 ?.76) .025 ?.002 (.64 ?.05) mg 730 1.500 ?.080 (38.10 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 731 1.000 ? .060 (25.40 ? 1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 735 2.000 ?.080 (50.80 ?2.03) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 740 1.500 ?.060 (38.10 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 745 3.000 ?.100 (76.20 ?2.54) .240 ?.030 (6.10 ?.76) .040 ?.002 (1.02 ?.05) mg 750 2.125 ?.060 (53.98 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 780 3.125 ?.060 (79.38 ?1.52) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 785 4.000 ?.120 (101.60 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 810 5.000 ?.120 (127.00 ?3.05) .315 ?.030 (8.00 ?.76) .040 ?.002 (1.02 ?.05) mg 815 6.000 ?.120 (152.40 ?3.05) .350 ?.040 (8.89 ?1.02) .040 ?.002 (1.02 ?.05) 0. 5 0.5 0. 6 0. 8 1.0 0. 6 1.0 1. 0 1. 5 1.5 2. 0 2.0 2. 5 3. 0 2.6 3. 6 3.6 5. 0 5. 0 7.5 8. 0 10.0 15. 0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 ? 200 ? 400 ? 600 ? 800 ? 800 ? 200 ? 400 ? 600 ? 600 ? 1 k 200 ? 1.5 k 500 ? 200 ? 750 ? 300 ? 1 k 400 ? 600 ? 800 ? 1 k 1 k 5 meg 8 meg 10 meg 20 meg 50 meg 20 meg 20 meg 50 meg 75 meg 75 meg 150 meg 100 meg 200 meg 250 meg 150 meg 300 meg 300 meg 500 meg 500 meg 750 meg 1,000 meg 1,250 meg 2,000 meg n/ a n/a n/ a n/ a n/a n/ a n/a n/ a n/ a 225 m n/ a 300 m n/ a 750 m 750 m 1,000 m 1,500 m 1,500 m 2,500 m 3,750 m 5,000 m 6,250 m 10,000 m -15 min. 6.5 meg n/ a n/a n/ a n/ a n/a n/ a 26 meg 70 meg 17 meg n/ a 51 meg n/ a 77 meg 40 meg 178 meg 64 meg 288 meg 128 meg 192 meg 320 meg 400 meg 384 meg overload rating t ype 1 t ype 1 t ype 1 t ype 1 t ype 1 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 t ype 2 now with extended resistance range to 10,000 megohms and additional models temperature coef?cient as tight as 80 ppm/c, combined with excellent long-term stability and precision tolerances. caddock's micronox ? resistance ?lms are the source of the type mg precision high voltage resistors' outstanding combination of performance features: ? single-resistor values as high as 10,000 megohms. ? maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). ? overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). ? resistance tolerances from 1.0% to 0.1%. ? temperature coef?cient, for standard resistance range, of 80 ppm/c in combination with resistance tolerances as tight as 0.1%. ? type mg resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. this exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including twt amplifiers, x-ray systems, geophysical instruments, and medical electronics. preconditioning for power and voltage ratings all power ratings and maximum operating voltage ratings are for continuous duty. these ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. maximum operating voltages 60% higher than the values listed in the table may be speci?ed by adding "-15" to the model number (example: mg750-15). note that overload and overvoltage ratings do not apply to the "-15" resistors. resistance ranges for "-15" resistors shown in the table are from "-15 min." to "standard max." non-inductive performance most models are manufactured with caddock's non-inductive design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of ?ux ?elds over the entire length of the resistor. this ef?cient non-inductive construction is accomplished without derating of any performance advantages. insulation resistance: 10,000 megohms, min. overload/overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . type 1: dc voltage type 2: dc voltage or v rms ac thermal shock: mil-std-202, method 107, cond. c, r 0.25% max. moisture resistance: mil-std-202, method 106, r 0.4% max. load life: 1,000 hours at +125c at rated voltage, not to exceed rated power. solderable leads encapsulation: high temperature silicone conformal. temperature coef?cient: page 1 of 2 28_il110.1004 rhopoint components ltd. holland road hurst green oxted, surrey, rh8 9ax tel: +44 (0)1883 717988 fax: +44 (0)1883 712938 e-mail: sales@rhopointcomponents.com web: www.rhopointcomponents.com rhopoint components ltd. il-110.019 c b a 1.500 .125 (38.10 3.18) rated power or rated voltage, % ambient temperature, c 100 80 60 40 20 0 25 75 125 175 225 275 for immediate engineering assistance in developing low ratio tc matched high voltage resistor sets, call or write our applications engineering and we will be pleased to offer the best solution from our high voltage resistor product capabilities. derating curve: dimensions in inches and (millimeters) design assistance in developing high voltage resistor sets with low tc tracking. ordering information : mg750 -100m - 1% model number: resistor value: tolerance mg 680 mg 712 mg 714 mg 715 mg 725 mg 720 mg 660 mg 716 mg 721 mg 745 mg 810 mg 815 mg 735 mg 730 mg 717 mg 785 mg 731 mg 740 most models are available with caddock's non-inductive serpentine pattern mg 650 mg 710 mg 750 mg 780 certain products shown in this catalog are covered by one or more patents, there are also patents pending. n non-inductive performance with caddock's exclusive design mg 655 type mg precision high voltage resistors page 2 of 2 rhopoint components ltd. holland road hurst green oxted, surrey, rh8 9ax tel: +44 (0)1883 717988 fax: +44 (0)1883 712938 e-mail: sales@rhopointcomponents.com web: www.rhopointcomponents.com rhopoint components ltd. il-110.019 c b a 1.500 .125 (38.10 3.18) rated power or rated voltage, % ambient temperature, c 100 80 60 40 20 0 25 75 125 175 225 275 for immediate engineering assistance in developing low ratio tc matched high voltage resistor sets, call or write our applications engineering and we will be pleased to offer the best solution from our high voltage resistor product capabilities. derating curve: dimensions in inches and (millimeters) design assistance in developing high voltage resistor sets with low tc tracking. ordering information : mg750 -100m - 1% model number: resistor value: tolerance mg 680 mg 712 mg 714 mg 715 mg 725 mg 720 mg 660 mg 716 mg 721 mg 745 mg 810 mg 815 mg 735 mg 730 mg 717 mg 785 mg 731 mg 740 most models are available with caddock's non-inductive serpentine pattern mg 650 mg 710 mg 750 mg 780 certain products shown in this catalog are covered by one or more patents, there are also patents pending. n non-inductive performance with caddock's exclusive design mg 655 type mg precision high voltage resistors page 2 of 2 type usg ultra-stable precision high voltage resistors lowest tc high voltage resistor, 10 ppm/ ? c from -40 ? c to +85 ? c reference to +25 ? c 0.10% tolerance, three body sizes providing voltage ratings of 5kv, 10kv, and 15kv the very highest performance high voltage applications require the best possible temperature coefficient and long term stability from the high voltage resistors that are used in these applications. to meet these demanding requirements caddock introduces the t ype usg ultra-stable precision high voltage resistors. utilizing our proven tetrinox ? resistance film system, these type usg resistors were developed to optimize low temperature coefficient performance and long term stability performance. by utilizing specific ceramic core materials with optimum tetrinox ? processing we are able to control, very tightly in manufacturing, the important ultra-stable performance parameters in operating temperatures from -40 ? c to +85 ? c. this unique process is offered in specific resistance values in three body sizes. the extraordinary operating stability of the type usg resistors will improve the performance of your high voltage system. the performance features of the type usg ultra stable precision high voltage resistors are: ? t emperature coefficient: 10 ppm/ ? c from -40 ? c to +85 ? c. ? t olerance: 0.10% ? t ypical load life stability of 0.025% per 1,000 hours at +85 ? c, 0.05% per 1000 hrs. maximum. ? three body sizes provide continuous voltage ratings of 5kv, 10kv, and 15kv. ? the specific resistances that are offered in each body size, have been selected for produceability of optimum performance. ? the ultra low temperature coefficient minimizes self heating (warm-up) drift following the application of high voltage or resulting from a change in the applied high voltage. ? custom low tc hv strings are available: 50kv, 100kv, etc. part number (model-value-tol.-tc) usg1105 - 50m - 0.10%-10ppm 0.10% 5 kv t olerance max. continuous operating voltage 50 meg dimensions in inches and (millimeters) a b c resistance ( ? ) tc ppm/ ? c ambient max. operating t emperature 10 ppm/ ?c 85 ? c dielectric strength 1,000 usg1105 - 75m - 0.10%-10ppm usg1110 - 100m - 0.10%-10ppm usg1110 - 150m - 0.10%-10ppm usg1115 - 150m - 0.10%-10ppm usg1115 - 200m - 0.10%-10ppm 5 kv 10 kv 10 kv 15 kv 15 kv 75 meg 100 meg 150 meg 150 meg 200 meg 0.10% 0.10% 0.10% 0.10% 0.10% 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 85 ? c 85 ? c 85 ? c 85 ? c 85 ? c 1,000 1,000 1,000 1,000 1,000 .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) 1 2 specifications: (numbers inside circles reference columns in part number table above) 1 2 tolerance: ? 0.1% measured at room temperature (23 ? c ? 2 ? c) at 100 vdc temperature coefficient: 10ppm/ ? c, refer- enced to 25 ? c. ? r taken at -40 ? c and +85 ? c, measured at 50% of rated voltage insulation resistance: 10,000 megohms, min. overvoltage: 1.5 times maximum continuous operating voltage for 5 seconds, ? r 0.05% max. thermal shock: mil-std-202, method 107, condition a, ? r 0.05% max. moisture resistance: mil-std-202, method 106, ? r 0.05% max. load life: 1000 hrs at +85 ? c at rated voltage, ? r 0.025% typical, ? r 0.05% max. solderable leads encapsulation: high temperature silicone conformal storage temperature: -40 ? c to +105 ? c dimensions in inches and (millimeters) 1.500 ? .125 (38.10 ? 3.18) a b c precise low tc voltage division precise voltage division ratio performance can be formed using type usg ultra-stable high voltage resistors together with caddock's type usf ultra-stable precision film resistors or "matched" with selected type tk low tc precision radial-lead resistors. consult caddock applications engineering to optimize voltage division ratio performance for your application. the low tc of the type usg resistors minimizes temperature related drift due to temperature gradients that may exist due to the placement of the resistor components in the high voltage assembly. low absolute tc, ultra-precision tolerance, with type usf resistors special matched resistors for lowest ratio tc with type tk low tc radial lead resistors tel: +44/01883 717988 fax: +44/01883 712938 email: sales@rhopointcomponents.com website http://www.rhopointcomponents.com rhopoint components ltd holland road, hurst green, oxted, surrey, rh8 9ax england rhopoint components ltd ? 2003 caddock electronics, inc. l-358.0103 type usg ultra-stable precision high voltage resistors lowest tc high voltage resistor, 10 ppm/ ? c from -40 ? c to +85 ? c reference to +25 ? c 0.10% tolerance, three body sizes providing voltage ratings of 5kv, 10kv, and 15kv the very highest performance high voltage applications require the best possible temperature coefficient and long term stability from the high voltage resistors that are used in these applications. to meet these demanding requirements caddock introduces the t ype usg ultra-stable precision high voltage resistors. utilizing our proven tetrinox ? resistance film system, these type usg resistors were developed to optimize low temperature coefficient performance and long term stability performance. by utilizing specific ceramic core materials with optimum tetrinox ? processing we are able to control, very tightly in manufacturing, the important ultra-stable performance parameters in operating temperatures from -40 ? c to +85 ? c. this unique process is offered in specific resistance values in three body sizes. the extraordinary operating stability of the type usg resistors will improve the performance of your high voltage system. the performance features of the type usg ultra stable precision high voltage resistors are: ? t emperature coefficient: 10 ppm/ ? c from -40 ? c to +85 ? c. ? t olerance: 0.10% ? t ypical load life stability of 0.025% per 1,000 hours at +85 ? c, 0.05% per 1000 hrs. maximum. ? three body sizes provide continuous voltage ratings of 5kv, 10kv, and 15kv. ? the specific resistances that are offered in each body size, have been selected for produceability of optimum performance. ? the ultra low temperature coefficient minimizes self heating (warm-up) drift following the application of high voltage or resulting from a change in the applied high voltage. ? custom low tc hv strings are available: 50kv, 100kv, etc. part number (model-value-tol.-tc) usg1105 - 50m - 0.10%-10ppm 0.10% 5 kv t olerance max. continuous operating voltage 50 meg dimensions in inches and (millimeters) a b c resistance ( ? ) tc ppm/ ? c ambient max. operating t emperature 10 ppm/ ?c 85 ? c dielectric strength 1,000 usg1105 - 75m - 0.10%-10ppm usg1110 - 100m - 0.10%-10ppm usg1110 - 150m - 0.10%-10ppm usg1115 - 150m - 0.10%-10ppm usg1115 - 200m - 0.10%-10ppm 5 kv 10 kv 10 kv 15 kv 15 kv 75 meg 100 meg 150 meg 150 meg 200 meg 0.10% 0.10% 0.10% 0.10% 0.10% 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 10 ppm/ ? c 85 ? c 85 ? c 85 ? c 85 ? c 85 ? c 1,000 1,000 1,000 1,000 1,000 .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 2.000 ?.080 (50.80 ?2.03) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 3.000 ?.090 (76.20 ?2.29) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) .040 ?.002 (1.02 ?.05) .350 ?.040 (8.89 ?1.02) 1.250 ?.070 (31.75 ?1.78) 1 2 specifications: (numbers inside circles reference columns in part number table above) 1 2 tolerance: ? 0.1% measured at room temperature (23 ? c ? 2 ? c) at 100 vdc temperature coefficient: 10ppm/ ? c, refer- enced to 25 ? c. ? r taken at -40 ? c and +85 ? c, measured at 50% of rated voltage insulation resistance: 10,000 megohms, min. overvoltage: 1.5 times maximum continuous operating voltage for 5 seconds, ? r 0.05% max. thermal shock: mil-std-202, method 107, condition a, ? r 0.05% max. moisture resistance: mil-std-202, method 106, ? r 0.05% max. load life: 1000 hrs at +85 ? c at rated voltage, ? r 0.025% typical, ? r 0.05% max. solderable leads encapsulation: high temperature silicone conformal storage temperature: -40 ? c to +105 ? c dimensions in inches and (millimeters) 1.500 ? .125 (38.10 ? 3.18) a b c precise low tc voltage division precise voltage division ratio performance can be formed using type usg ultra-stable high voltage resistors together with caddock's type usf ultra-stable precision film resistors or "matched" with selected type tk low tc precision radial-lead resistors. consult caddock applications engineering to optimize voltage division ratio performance for your application. the low tc of the type usg resistors minimizes temperature related drift due to temperature gradients that may exist due to the placement of the resistor components in the high voltage assembly. low absolute tc, ultra-precision tolerance, with type usf resistors special matched resistors for lowest ratio tc with type tk low tc radial lead resistors tel: +44/01883 717988 fax: +44/01883 712938 email: sales@rhopointcomponents.com website http://www.rhopointcomponents.com rhopoint components ltd holland road, hurst green, oxted, surrey, rh8 9ax england rhopoint components ltd ? 2003 caddock electronics, inc. l-358.0103


▲Up To Search▲   

 
Price & Availability of USG1105-50M-010-10PPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X