Part Number Hot Search : 
DRR4016 SM16G48A SMBJ54 SP6019D LC7942K IFD08855 7474N SMBJ54
Product Description
Full Text Search
 

To Download UF1000F-UF1008F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf1000f ? uf1008f 1 of 2 ? 2000 won-top electronics uf1000f ? uf1008f 10a isolation ultrafast glass passivated rectifier features ! glass passivated die construction b ! ultra-fast switching ! high current capability c ! low reverse leakage current ! high surge current capability g a ! plastic material has ul flammability classification 94v-o pin1 2  d mechanical data f e ! case: ito-220a full molded plastic ! terminals: plated leads solderable per p mil-std-202, method 208 ! polarity: see diagram i ! weight: 2.24 grams (approx.) l ! mounting position: any h ! marking: type number pin 1 + j pin 2 - k maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol uf 1000f uf 1001f uf 1002f uf 1003f uf 1004f uf 1006f uf 1008f unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 300 400 600 800 v rms reverse voltage v r(rms) 35 70 140 210 280 420 560 v average rectified output current @t c = 100c i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage @i f = 10a v fm 1.0 1.3 1.7 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 125c i rm 10 500 a reverse recovery time (note 1) t rr 50 100 ns typical junction capacitance (note 2) c j 80 50 pf operating and storage temperature range t j , t stg -65 to +150 c note: 1. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors ito-220a dim min max a 14.9 15.1 b ? 10.5 c 2.62 2.87 d 3.56 4.06 e 13.46 14.22 f 0.68 0.94 g 3.74? 3.91? h 5.84 6.86 i 4.44 4.70 j 2.54 2.79 k 0.35 0.64 l 1.14 1.40 p 4.95 5.20 all dimensions in mm
3 0 6 0 90 0 1 2 0 1 5 0 1 8 0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse voltage (v) fig. 4 typical junction capacitance r 10 0 6 f - 10 0 8 f 10 0 0 f - 10 0 4 f c , capacitance (pf) j 0 2 4 6 8 10 0 5 0 100 150 i , a verag e fo r w ar d curren t (a) (av) t , case temperature ( c) fig. 1 forward current derating curve c 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m 10 0 6 f - 100 8 f 10 0 3 f - 10 04 f 10 0 0 f - 1 0 0 2 f uf1000f ? uf1008f 2 of 2 ? 2000 w on- t op e l e c t ron i cs


▲Up To Search▲   

 
Price & Availability of UF1000F-UF1008F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X