Part Number Hot Search : 
30002 T480002 136274 L8022 3D3A2 D13003B PIC33FJ 40FDR12A
Product Description
Full Text Search
 

To Download T85B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5x7 mm tcvcxo T85B series www.bliley.com description : the T85B temperature compensated voltage controllable crystal oscillator (tcvcxo) series products provide stratum iii level frequency stability with voltage controlled frequency adjust in a miniature 5 x 7 mm ceramic smd package. features : ? available in frequencies from 5 to 26 mhz with 10 mhz, 12.8 mhz, 25 mhz, and other frequencies as standards ? +/-4.6 ppm overall frequency stability including 20 years aging ? +/-5 ppm frequency pull range ? cmos and clipped sine wave available ? standard 5 x 7 mm ceramic smd package ? rohs-6 / lead-free compliant ? tri-state control frequency range, operating temp erature, and frequency stability: frequency range operating temperature product code frequency stability stability (overall)* product code -20 to +70 c c +/- 0.28 ppm +/- 4.6 ppm a -40 to +85 c d +/- 0.50 ppm +/- 4.6 ppm b +/- 1.00 ppm -+/-4.6 ppm c 5 to 26 mhz ? add +/- 1ppm setting calibration @ +25 c ; +/- 0.6 ppm for supply and load variation ; +/- 2.0 ppm for aging ? to achieve +/- 4.6 ppm overall stability or better ? for frequency stabilities >= +/- 0.5 ppm with a clipped sinewave output the tv85b product should be selected ? +/- 0.28 ppm is not available from ?40 to 85 c aging: (typical at 10mhz after 30 days continuous operation) frequency timeframe aging product code 10 mhz 20 years +/- 2.5 ppm n/a phase noise: frequency offset phase noise (typ.) product code 1 hz - 60 dbc/hz 10 hz - 90 dbc/hz 100 hz -120 dbc/hz 1 khz -140 dbc/hz 10 khz -155 dbc/hz 10.0 mhz 100 khz -155 dbc/hz n/a 2545 west grandview blvd erie, pa. 16506 tel (814) 838-3 571 page 1 o f 4 rev 1.2
5x7 mm tcvcxo T85B series supply voltage (vs): supply voltage (vs): power supply (vs) power supply (vs) +3.3 vdc +/-10% +3.3 vdc +/-10% +5.0 vdc +/-10% +5.0 vdc +/-10% product code c d current consumption: cmos clipped sine wave supply current 6 ma 3.5 ma environmental: storage temperature -55 to +125 c output waveform: cmos clipped sine wave hcmos output levels (15pf load) "0" < 0.1(vs); "1" > 0.9(vs) output level 0.8 v p-p min. rise / fall time <10ns (10% to 90%) duty cycle 45 to 55% @ 50% logic 1 product code a b pulling range: tuning range none (tcxo) +/- 5 ppm product code a b *note: only +/- 5 ppm minimum pull is available as a tcvcxo ordering options: operating temperature frequency stability supply voltage output waveform pulling range operating frequency c a c a a d b d b b c xx.xxxxmhz www.bliley.com 2545 west grandview blvd erie, pa. 16506 tel (814) 838-3 571 T85B c a c a b 10.0000mhz product selection code (ref er to the above example): this part is rohs co mpliant; -20 to +70 c, +/- 0.28 ppm, 3.3 volt cmos out put with +/- 5 ppm pull, 10mhz operating frequency ** not all combinations are available in this product. outline drawing & pin out: page 2 o f 4 rev 1.2
5x7 mm tcvcxo T85B series www.bliley.com 2545 west grandview blvd erie, pa. 16506 tel (814) 838-3 571 page 3 o f 4 rev 1.2
5x7 mm tcvcxo T85B series how to order this product: contact bliley technologies with product select ion code from ordering options section above. attn: sales @ bliley fax: 814-833-2712 phone: 814-838-3571 email: info@bliley.com web: www.bliley.com date: ____________ from: name: ____________________ company: ___________________ fax: ______________________ phone: _____________________ email: _________________________________________________ quantities to quote: ______________ target price: $___________ application / reference #: _________________________________ www.bliley.com page 4 o f 4 rev 1.2 2545 west grandview blvd erie, pa. 16506 tel (814) 838-3 571


▲Up To Search▲   

 
Price & Availability of T85B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X