Part Number Hot Search : 
MRF957 HEF4086B CA3162 IL7905 MS12R1 SLP2040 MBRF10 MSAU102
Product Description
Full Text Search
 

To Download SRR0906-5R6ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 1 4 8 5 3.0 (.118) 9.5 0.3 (.374 .012) marking (pin 1 side) start finish 11.0 0.5 (.433 .020) 12.5 0.5 (.492 .020) 10.5 (.413) 6.0 0.3 (.236 .012) 2.5 0.3 (.098 .012) 2.5 0.3 (.098 .012) 2.5 0.3 (.098 .012) 0.7 0.1 (.028 .004) 101 srr0906 series - smd shielded power inductors features available in e6 series high inductance up to 10 mh low 6.0 mm profile gull wing leads rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout electrical schematic general specifications test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core.....................ferrite dr and ri core wire .............................enameled copper base..................................................lcp terminal ....................................cu/ni/sn adhesive ..............................epoxy resin rated current .ind. drop 10 % typ. at isat temperature rise .........................40 ? max. at rated irms packaging.....................600 pcs. per reel 1 4 2.2 (.087) 14.7 (.578) 2.2 (.087) 10.3 (.406) 2.5 (.098) 1.0 (.039) inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) srr0906-2r7ml 2.7 20 23 7.96m 85.0 0.032 3.20 5.80 srr0906-3r5ml 3.5 20 23 7.96m 80.0 0.036 2.90 5.20 srr0906-4r7ml 4.7 20 23 7.96m 40.0 0.040 2.70 4.30 SRR0906-5R6ML 5.6 20 23 7.96m 57.0 0.046 2.50 4.20 srr0906-6r8ml 6.8 20 23 7.96m 38.0 0.050 2.30 3.40 srr0906-8r2ml 8.2 20 23 7.96m 30.0 0.055 2.10 3.20 srr0906-100ml 10 20 35 2.52m 29.0 0.080 1.80 2.70 srr0906-120ml 12 20 35 2.52m 26.0 0.085 1.70 2.60 srr0906-150ml 15 20 35 2.52m 23.0 0.100 1.60 2.40 srr0906-180ml 18 20 35 2.52m 22.0 0.110 1.50 2.00 srr0906-220ml 22 20 35 2.52m 19.0 0.130 1.40 1.90 srr0906-270ml 27 20 35 2.52m 17.0 0.140 1.30 1.80 srr0906-330ml 33 20 35 2.52m 15.0 0.150 1.20 1.60 srr0906-390ml 39 20 35 2.52m 14.0 0.160 1.10 1.40 srr0906-470ml 47 20 35 2.52m 12.0 0.180 1.00 1.30 srr0906-560ml 56 20 35 2.52m 12.0 0.300 0.93 1.20 srr0906-680ml 68 20 40 2.52m 9.0 0.350 0.85 1.00 srr0906-820ml 82 20 40 2.52m 8.0 0.370 0.78 0.90 srr0906-101yl 100 ?5 40 0.796m 7.5 0.420 0.70 0.90 srr0906-121yl 120 ?5 40 0.796m 7.0 0.480 0.65 0.75 srr0906-151yl 150 ?5 40 0.796m 6.0 0.550 0.60 0.70 srr0906-181yl 180 ?5 40 0.796m 5.5 0.820 0.52 0.70 srr0906-221yl 220 ?5 40 0.796m 5.0 1.000 0.48 0.60 srr0906-271yl 270 ?5 40 0.796m 5.0 1.100 0.44 0.55 srr0906-331yl 330 ?5 40 0.796m 4.5 1.300 0.40 0.51 srr0906-391yl 390 ?5 40 0.796m 4.2 1.400 0.38 0.50 srr0906-471yl 470 ?5 40 0.796m 4.0 1.600 0.35 0.40 srr0906-561yl 560 ?5 60 0.796m 3.2 2.700 0.28 0.35 srr0906-681yl 680 ?5 60 0.796m 2.7 3.200 0.25 0.33 srr0906-821yl 820 ?5 85 0.796m 2.6 3.500 0.23 0.30 srr0906-102yl 1000 ?5 100 0.252m 2.3 4.000 0.22 0.26 srr0906-122yl 1200 ?5 100 0.252m 2.3 4.400 0.20 0.24 srr0906-152yl 1500 ?5 100 0.252m 2.0 5.200 0.18 0.22 srr0906-182yl 1800 ?5 100 0.252m 1.7 7.000 0.17 0.20 srr0906-222yl 2200 ?5 100 0.252m 1.5 8.500 0.16 0.18 srr0906-272yl 2700 ?5 100 0.252m 1.4 9.200 0.14 0.17 srr0906-332yl 3300 ?5 100 0.252m 1.3 11.000 0.12 0.15 srr0906-392yl 3900 ?5 100 0.252m 1.2 16.000 0.11 0.13 srr0906-472yl 4700 ?5 100 0.252m 1.0 19.000 0.10 0.11 srr0906-562yl 5600 ?5 100 0.252m 0.9 21.000 0.09 0.11 srr0906-682yl 6800 ?5 100 0.252m 0.9 24.000 0.09 0.10 srr0906-822yl 8200 ?5 100 0.252m 0.8 31.000 0.08 0.09 srr0906-103yl 10000 ?5 100 0.0796m 0.7 38.000 0.07 0.08 multiple windings possible (up to four windings). dimensions: mm (inches) *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr0906 series - shielded power inductors user direction of feed 200 (7.874) no component no component components 9600 (378.2) 400 (15.748) start 4 (.157) 16 (.63) 6.85 (.27) 24 (.945) end qty: 600 pcs. per reel 18 (.709) 22.4 (.882) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 .8 (.827 .031) packaging specifications embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) rev. 05/05


▲Up To Search▲   

 
Price & Availability of SRR0906-5R6ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X