Part Number Hot Search : 
0DX103J9 BC169B MAX739 68HC11 2SC4463 ST211108 SK223 EL5167
Product Description
Full Text Search
 

To Download SMP550G-FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 9.1 ? 0.45 lead 13 nom . 6 .1 2 3 1 1 2 3 cathode anode case 5.08 2.1 SMP550G-FN prelim. 7 /9 7 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical d a t a dimensions in mm. p .i.n. ph o t odiode description the SMP550G-FN is a silicon p.i.n. photodiode incorporated in a lensed, hermetic metal can package. the electrical terminations are via two leads of diameter 0.018" on a pitch centre diameter of 0.2". the photodiode is electrically isolated from the package, which has a separate earth lead. the larger photodiode active area provides greater sensitivity than the smp400 range of devices, with a corresponding reduction in speed. the photodiode structure has been optimised for high sensitivity, light measurement applications. the narrow viewing angles provide better coupling to on-axis illumination sources. the metal can, isolated photodiode and optional screening mesh ensure a rugged device with a high degree of immunity to conducted and radiated electrical interference. t o-39 p a c k age operating temperature range storage temperature range t emperature coefficient of responsi v ely t emperature coefficient of da r k current r e v erse breakd o wn v oltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c r ise 60v absolute maximum r a tings (t case = 25c unles s otherwise stated) fe a tures ? nar r o w receiving angles ? ph o t odiode isol a ted f r om p a ck a ge ? excellent linearity ? l o w noise ? wide spectral response ? wide intrinsic b an d width ? l o w leak a ge current ? l o w ca p a ci t ance ? integral optical fi l ter option note 1 ? t o39 hermetic me t al can p a ck a ge ? emi screening mesh av ailable note 1 contact semelab plc f or filter options pin 1 C anode pin 2 C cathode pin 3 C case
SMP550G-FN prelim. 7 /9 7 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsi v ely acti v e area da r k current breakd o wn v oltage capacitance rise time nep l at 900nm e = 0 da r k 1v r e v erse e = 0 da r k 10v r e v erse e = 0 da r k 10a r e v erse e = 0 da r k 0v r e v erse e = 0 da r k 20v r e v erse 30v r e v erse 50 w 900nm 0.45 0.55 5.19 2 4 16 22 60 80 55 10 9 19x10 -14 0.45 a/w mm 2 na v pf ns w/ ? hz char a cteristic s (t amb =25c unles s otherwise stated) s p ec t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%)


▲Up To Search▲   

 
Price & Availability of SMP550G-FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X