Part Number Hot Search : 
8A218 ADCMP350 RF316506 GV2SN35 RC806 SG2540Y BTLV3 VP553
Product Description
Full Text Search
 

To Download SMP550G-FK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 1 3 20 3 . 8 0 . 2 ? 9 . 1 0 . 2 ? 8 . 1 0 . 1 w i ndow ? 5 . 9 0 . 1 5 . 08 0 . 2 sens i t i v e sur fac e ? 0 . 4 5 l e ad SMP550G-FK prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical data dimensions in mm. p.i.n. photodiode description the SMP550G-FK is a silicon p.i.n. photodiode incorporated in a hermetic metal can package. the package window has greater ultra-violet light transmission, thus extending the useful spectral range of the device. the electrical terminations are via two leads of diameter 0.018" on pitch centre diameter of 0.2". the photodiode is electrically isolated from the package, which has a separate earth lead. the larger photodiode active area provides greater sensitivity than the smp400 range of devices, with a corresponding reduction in speed. the photodiode structure has been optimised for high sensitivity, light measurement applications across the infra-red to ultra-violet spectrum. inclusion of a suitable optical filter into the package can produce a device that responds only to ultra-violet light. the metal can, isolated photodiode and optional screening mesh ensure a rugged device with a high degree of immunity to conducted and radiated electrical interference. to-39 package operating temperature range storage temperature range temperature coefficient of responsively temperature coefficient of dark current reverse breakdown voltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c rise 60v absolute maximum ratings (t case = 25c unless otherwise stated) features ? widest spectral response ? enhanced uv sensitivity ? photodiode isolated from package ? excellent linearity ? low noise ? low leakage current ? low capacitance ? integral optical filter option note 1 ? to39 hermetic metal can package ? emi screening mesh available note 1 contact semelab plc for filter options pin 1 C anode pin 2 C cathode pin 3 C case
SMP550G-FK prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsiv ely activ e area dar k current breakdo wn v oltage capacitance rise time nep l at 900nm e = 0 dar k 1v re v erse e = 0 dar k 10v re v erse e = 0 dar k 10a re v erse e = 0 dar k 0v re v erse e = 0 dar k 20v re v erse 30v re v erse 50 w 900nm 0.45 0.55 5.19 2 4 16 22 60 80 55 10 9 19x10 -14 0.45 a/w mm 2 na v pf ns w/ ? hz chara cteristics (t amb =25c unless otherwise stated) d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 2 0 . 4 0 . 6 0 . 8 1 0 0 . 2 0 . 4 0 . 6 0 . 8 1 n o r m a l i s e d i n c i d e n t p o w e r 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n s p e c t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%) normalised incident power


▲Up To Search▲   

 
Price & Availability of SMP550G-FK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X