Part Number Hot Search : 
E13007 SK18SA MA338 ICS840 130HF160 00MHZ LD7202A NTE3037
Product Description
Full Text Search
 

To Download SG-8002CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  recommended soldering pattern (uni t : mm) no. 1 oe or st 2 gnd 3 out 4 v dd 5.08 1.8 2.0 4.2 7.0 0.2 5.08 5.0 0.2 # 4 # 3 # 1 # 2 e 125.000 phc724a 1.4 -0.15 +0.1 external dimensions specifications (characteristics) (unit: mm) pin terminal programmable high-frequency c r ys t al oscill a tor sg - 8002ca series item output frequency range power source voltage temperature range soldering condition frequency stability current consumption output disable current standby current duty high output voltage low output voltage output load condition (fan out) output enable/disable input voltage output rise time output fall time oscillation start up time aging shock resistance symbol f 0 v dd -gnd v dd t stg t opr t sol d f/f 0 iop i oe i st t w /t v oh v ol n c l v ih v il t tlh t thl t osc fa s.r. ttl c-mos c-mos level ttl level c-mos level ttl level pt/st ph/sh pc/sc specifications -0.5v to +7.0v 5.0v?.5v 2.7v to 3.6v -55?c to +125?c -20?c to +70?c (-40?c to +85?c) -40?c to +85?c twice at under 260?c within 10 sec. or under 230?c within 3 min. b: ?0ppm c: 100ppm m: ?00ppm(-40?c to +85?c) 45ma max. 25ma max. 30ma max. 15ma max. 40% to 60% 40% to 60% v d d -0.4v min. 0.4v max. 5ttl max. 15pf max. 25pf max. 15pf max. 2.0v min. 0.7 v d d min. 0.8v max. 0.2 v d d max. 4ns max. 4ns max. 4ns max. 4ns max. 10ms max. ?ppm / year max. ?0ppm max. remarks operating voltage range -20?c to +70?c no load condition, max. frequency range oe=gnd st=gnd c-mos load: 1/2v d d level ttl load: 1.4v level i oh =-16ma(pt/st,ph/sh),-8ma(pc/sc) i ol = 16ma(pt/st,ph/sh), 8ma(pc/sc) max. frequency and max. operating voltage range st _ , oe terminal c-mos load: 20 % ? 80 % v dd ttl load: 0.4v ? 2.4v c-mos load: 80 % ? 20 % v dd ttl load: 2.4v ? 0.4v time at operating voltag e to be 0 sec. ta= 25?c, v d d = 5.0v/3.3v(pc/sc) three drops on a hard board from 75 cm or excitation test with 3000g x 0.3ms x 1/2sine wave in 3 directions note: ? please contact us for inquiries about operating temperature(-40?c to +85?c), usagle frequencies, duty and output load conditions. max. supply voltage operating voltage storage temperature operating temperature 50? max. ? wide frequency range from 1mhz to 125mhz. ? quick delivery of samples and short lead time by mass production. ? use of c-mos ic assures low current consumption. excellent shock resistance and environmental capability. ? output enable function (oe) and stand-by function (st) can be used for low current consumption applications. 1.0000 mhz to 125.0000 mhz 1.0000 mhz to 90.0000 mhz actual size http://www.spezial. c z - - - spezial @ spezial . c z - - - hotlines: tel ( 02 ) 24 34 22 00 - - - fax (02) 2434 3 200


▲Up To Search▲   

 
Price & Availability of SG-8002CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X