Part Number Hot Search : 
05M09 00150 JOC0175 IGT0550 D37F0F0T 48355111 MBT44 K2828
Product Description
Full Text Search
 

To Download SDR0805-7R5ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0805 series - smd power inductors features available in e12 series small design of only 7.8 mm maximum diameter rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communications equipment ? camcorders ? lcd tvs ? cd-players ? car radios electrical specifications general specifications test frequency ..............................1 khz test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ................................ferrite dr core wire .....................enameled copper wire terminal.....................................ag/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise .......................40? max. at rated irms packaging...................1000 pcs. per reel product dimensions recommended layout 7.8 (.307) max. 5.3 (.209) max. dimensions: mm (inches) typical part marking 101 start finish 7.8 (.307) max. 2.6 (.102) typ. 8.0 (.315) max. 2.6 (.102) max. 8.0 (.315) max. inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0805-1r5ml 1.5 20 32 7.96 120 0.02 6.00 9.10 sdr0805-2r5ml 2.5 20 32 7.96 70 0.02 5.00 7.20 sdr0805-3r3ml 3.3 20 32 7.96 55 0.02 4.50 6.30 sdr0805-3r9ml 3.9 20 32 7.96 45 0.02 4.40 5.70 sdr0805-4r7ml 4.7 20 31 7.96 38 0.03 3.70 5.00 sdr0805-5r6ml 5.6 20 31 7.96 34 0.04 3.50 4.60 sdr0805-6r8ml 6.8 20 30 7.96 33 0.04 3.20 4.10 SDR0805-7R5ML 7.5 20 29 7.96 30 0.05 2.80 3.70 sdr0805-100ml 10 20 25 2.52 22 0.07 2.30 3.20 sdr0805-120ml 12 20 25 2.52 20 0.08 2.00 3.00 sdr0805-150ml 15 20 25 2.52 16 0.09 1.80 2.70 sdr0805-180ml 18 20 20 2.52 15 0.10 1.60 2.60 sdr0805-220ml 22 20 20 2.52 13 0.11 1.50 2.30 sdr0805-270kl 27 20 20 2.52 12 0.12 1.30 2.10 sdr0805-330kl 33 10 15 2.52 10 0.14 1.20 1.90 sdr0805-390kl 39 10 15 2.52 10 0.16 1.10 1.70 sdr0805-470kl 47 10 15 2.52 9 0.20 1.00 1.60 sdr0805-560kl 56 10 15 2.52 9 0.24 0.94 1.50 sdr0805-680kl 68 10 15 2.52 8 0.30 0.85 1.30 sdr0805-820kl 82 10 12 2.52 7 0.37 0.78 1.20 sdr0805-101kl 100 10 12 0.796 7 0.45 0.72 1.10 sdr0805-121kl 120 10 12 0.796 6 0.48 0.66 1.00 sdr0805-151kl 150 10 12 0.796 6 0.68 0.58 0.85 sdr0805-181kl 180 10 12 0.796 5 0.77 0.51 0.80 sdr0805-221kl 220 10 12 0.796 5 0.96 0.49 0.80 sdr0805-271kl 270 10 12 0.796 5 1.11 0.42 0.66 sdr0805-331kl 330 10 12 0.796 4 1.26 0.40 0.58 sdr0805-391kl 390 10 12 0.796 4 1.77 0.36 0.55 sdr0805-471kl 470 10 12 0.796 4 1.96 0.34 0.50 sdr0805-561kl 560 10 30 0.796 4 2.50 0.30 0.46 sdr0805-681kl 680 10 29 0.796 3 2.80 0.28 0.42 sdr0805-821kl 820 10 28 0.796 3 4.00 0.23 0.35 sdr0805-102kl 1000 10 27 0.252 3 4.50 0.21 0.34 sdr0805-122kl 1200 10 28 0.252 2 6.80 0.17 0.28 sdr0805-152kl 1500 10 27 0.252 2 8.00 0.15 0.26 sdr0805-182kl 1800 10 30 0.252 2 9.20 0.14 0.23 sdr0805-222kl 2200 10 29 0.252 2 10.00 0.13 0.20 sdr0805-272kl 2700 10 31 0.252 1 11.80 0.12 0.18 sdr0805-332kl 3300 10 28 0.252 1 16.50 0.10 0.17 sdr0805-392kl 3900 10 28 0.252 1 18.00 0.09 0.16 sdr0805-472kl 4700 10 30 0.252 1 21.00 0.08 0.15 *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0805 series - smd power inductors rev. 05/05 2.0 0.5 (.079 .020) 50.0 (1.969) 18 (.709) 22.4 (.883) 330 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 0.8 (.827 .039) 165 to 180 base tape top cover tape the force for tearing off cover tape is 10 to 130 grams in the arrow direction. strength of cover tape packaging specifications materials paper plastics embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) end start user direction of feed 200 (7.874) no component no component components 12000 (472.441) 400 (15.748) 4 (.157) 12 (.472) 16 (.63) t = .35 (.014) 6.2 .244 qty: 1000 pcs. per reel


▲Up To Search▲   

 
Price & Availability of SDR0805-7R5ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X