Part Number Hot Search : 
ETX500T TM266DUB 2N5115TX CHV37H64 LO4135 15MQ040 CHV37H64 CHV37H64
Product Description
Full Text Search
 

To Download SD5000I-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SD5000I-2 vishay siliconix document number: 70296 s-02889?rev. j, 21-dec-00 www.vishay.com 1 n-channel lateral dmos fets (available only in extended hi-rel flow)  
 v (br)ds min (v) v gs(th) max (v) r ds(on) max (  ) c rss max (pf) t on max (ns) 20 1.5 70 @ v gs = 5 v 0.5 2        quad spst switch with zener input protection  low interelectrode capacitance and leakage  ultra-high speed switching?t on : 1 ns  ultra-low reverse capacitance: 0.2 pf  low guaranteed r ds @ 5 v  low turn-on threshold voltage  high-speed system performance  low insertion loss at high frequencies  low transfer signal loss  simple driver requirement  single supply operation  fast analog switch  fast sample-and-holds  pixel-rate switching  video switch  multiplexer  dac deglitchers  high-speed driver   the SD5000I-2 monolithic switch features four individual double-diffused enhancement-mode mosfets built on a common substrate. this bidirectional device provides low on-resistance and low interelectrode capacitances to minimize insertion loss and crosstalk. built on vishay siliconix? proprietary dmos process, the SD5000I-2 ut ilizes lateral construction to achieve low capacitance and ultra-fast switching speeds. for manufacturing reliability, these devices feature poly-silicon gates protected by zener diodes. the sd5000i is available only in the ??2? extended hi-rel flow. the vishay siliconix ??2? flow complies with the requirements of mil-prf-19500 for jantx discrete devices. s 2 s 1 substrate nc g 2 g 1 d 2 d 1 d 3 g 3 s 3 d 4 g 4 s 4 dual-in-line sidebraze top view 11 12 13 14 2 3 4 1 8 9 10 5 6 7 applications information?see applications note an502
SD5000I-2 vishay siliconix www.vishay.com 2 document number: 70296 s-02889 ? rev. j, 21-dec-00  


        gate-drain, gate-source voltage +30 v/ ? 25 v . . . . . . . . . . . . . . . . . . . . . . . . . . . gate-substrate voltage +30 v/ ? 0.3 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . drain-source voltage 20 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . drain-source-substrate voltage 25 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . drain current 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . lead temperature ( 1 / 16 ? from case for 10 seconds) 300  c . . . . . . . . . . . . . . storage temperature ? 65 to 150  c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating junction temperature ? 55 to 150  c . . . . . . . . . . . . . . . . . . . . . . . . power dissipation a, b : (package) 500 mw . . . . . . . . . . . . . . . . . . . . . . . . . . (each device) 300 mw . . . . . . . . . . . . . . . . . . . . . . . notes: a. derate 4 mw/  c above 25  c     limits parameter symbol b test conditions b min typ c max unit static drain-source breakdown voltage v (br)ds v gs = v bs = ? 5 v, i d = 10 na 20 30 source-drain breakdown voltage v (br)sd v gd = v bd = ? 5 v, i s = 10 na 20 22 drain-substrate breakdown voltage v (br)dbo v gb = 0 v, i d = 10 na, source open 25 35 v source-substrate breakdown voltage v (br)sbo v gb = 0 v, i s = 10  a, drain open 25 35 v ds = 10 v 0.4 drain-source leakage i ds(off) v gs = v bs = ? 5 v v ds = 15 v 0.7 ds(off) gs bs v ds = 20 v 0.9 10 v sd = 10 v 0.5 na source-drain leakage i sd(off) v gd = v bd = ? 5 v v sd = 15 v 0.8 sd(off) gd bd v sd = 20 v 1 10 gate leakage i gbs v db = v sb = 0 v, v gb = 30v 0.01 100 threshold voltage v gs(th) v ds = v gs , i d = 1  a, v sb = 0 v 0.1 0.8 1.5 v v gs = 5 v 58 70 v gs = 10 v 38 drain-source on-resistance r ds(on) v sb = 0 v i = 1 ma v gs = 15 v 30  i d = 1 ma v gs = 20 v 26 resistance match  r ds(on) v gs = 5 v 1 5 dynamic forward transconductance g fs v ds = 10 v, v sb = 0 v, i d = 20 ma, f = 1 khz 10 12 ms gate-node capacitance c (gs+gd+gb) 2.5 3.5 drain-node capacitance c (gd+db) v ds = 10 v, f = 1 mhz 2.0 3 source-node capacitance c (gs+sb) v ds = 10 v, f = 1 mhz v gs = v bs = ? 15 v 3.7 5 pf reverse transfer capacitance c rss 0.2 0.5 crosstalk f= 3 khz ? 107 db switching t d(on) 0.5 1 turn-on time t r v sb = 5 v, v in 0 to 5 v, r g = 25  0.6 1 t d(off) v sb = 5 v, v in 0 to 5 v, r g = 25  v dd = 5 v, r l = 680  2 ns turn-off time t f 6 notes: a. t a = 25  c unless otherwise noted. dmca b. b is is the body (substrate) and v (br) is breakdown. c. typical values are for design aid only, not guaranteed nor subject to production testing.
SD5000I-2 vishay siliconix document number: 70296 s-02889 ? rev. j, 21-dec-00 www.vishay.com 3           on-resistance vs. t emperature on-resistance vs. gate-source voltage common-source forward transconductance vs. drain current 300 04812 20 240 180 60 0 16 120 5 v 10 v 1 100 20 16 12 8 4 0 10 25  c v ds = 15 v v bs = 0 v t a = 55  c 125  c 100 ? 60 60 20 ? 20 100 140 80 60 40 20 0 t a ? temperature (  c) i d ? drain current (ma) leakage current vs. applied voltage applied voltage (v) 020 10 na 1 na 100 pa 10 pa 1 pa leakage 4 8 12 16 v gs = 4 v i gss (diode) i d(off) i sbo i s(off) id (off) @ vgs = vbg = ? 5 v is(off) @ vgd = vbd = ? 5v isbo @ vgb = 0 v, drain open i d = 5 ma, v bs = 0 v v gs = 5 v 15 v 10 v 20 v g fs ? forward transconductance (ms) v sb ? source-substrate breakdown voltage (v) ? on-resistance ( r ds(on)  ) ? on-resistance ( r ds(on)  ) threshold voltage vs. substrate-source voltage leakage current vs. t emperature 5 0 ? 4 ? 20 4 3 2 1 0 h l v gs = v ds = v th i d = 1 ma t a = 25  c 100 10 1 25 50 75 100 125 i gss (diode) t a ? temperature (  c) ? 8 ? 12 ? 16 ? gate-source threshold voltage (v) v gs(th) i d(off) @ v gs = v bs = ? 5 v, v ds = 10 v i s(off) @ v gd = v bd = ? 5 v, v sd = 10 v i gss @ v gs = 10 v i sbo @ v sb = 10 v drain open leakage (na) i sbo i d(off) i s(off) v bs ? body-source voltage (v)
SD5000I-2 vishay siliconix www.vishay.com 4 document number: 70296 s-02889 ? rev. j, 21-dec-00           body leakage current vs. drain-body voltage 01216 8 420 ? body leakage i b v bs ? body-source voltage (v) input admittance forward admittance capacitance vs. gate-source v oltage 10 04 20 8 6 4 2 0 v ds = 10 v, f = 1 mhz v gs = v bs capacitance (pf) 100 10 1 0.1 100 1000 b is g is (ms) v ds = 10 v i d = 10 ma t a = 25  c 100 10 1 0.1 100 1000 (ms) v ds = 10 v i d = 10 ma t a = 25  c v gs ? gate-source voltage (v) f ? frequency (mhz) f ? frequency (mhz) 81216 200 500 200 500 i d = 13 ma 1 ma 100  a 100 na 1 na 100 pa 1 pa 10  a 1  a 10 na 10 pa g fs ? b fs c (gs+sb) c (gs+gd+gb) c (gd+db) c (dg) reverse admittance output admittance 1 0.1 0.01 0.001 100 1000 (ms) v ds = 10 v i d = 10 ma t a = 25  c 100 10 1 0.1 100 1000 (ms) v ds = 10 v i d = 10 ma t a = 25  c f ? frequency (mhz) f ? frequency (mhz) 200 500 200 500 b rs +g rg ? g rg b og g og
SD5000I-2 vishay siliconix document number: 70296 s-02889 ? rev. j, 21-dec-00 www.vishay.com 5           output conductance vs. drain current switching characteristics output characteristics 700 600 500 0 01 7 400 300 200 100 256 t f ? fall time (ns) r l ( 50 04 20 40 30 20 10 0 v bs = 0 v t a = 25  c 1.0 020 4 0.8 0.6 0.4 0.2 0 v bs = 0 v f = 1 khz v ds ? drain-source voltage (v) i d ? drain current (ma) ? drain current (ma) i d 81216 81216 threshold v oltage vs. t emperature 5 ? 60 60 100 20 ? 20 140 4 3 2 1 0 t a ? temperature (  c) 4 v 3 v 2 v v gs = 5 v g os ? output conductance (ms) ? gate-source threshold voltage (v) v gs(th) v ds = 5 v 10 v 15 v v gs = v ds = v th i d = 1 ma ? 5 v ? 1 v ? 0.5 v 0 v v bs = ? 10 v )  
  510  r l 51  v in to scope +v dd v out to scope 0 v 50% 10% 90% t d(on) t d(off) t r t f +5 v 0 v +v dd v in v out input pulse: td, tr < 1 ns pulse width: 100 ns rep rate: 1 mhz sampling scope tr < 360 ps rin = 1 m  cin = 2 pf bw = 500 mhz 50%


▲Up To Search▲   

 
Price & Availability of SD5000I-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X