Part Number Hot Search : 
SSD25 AO4840 SZ5B28SM CDT3332 TA44912W 5300H3 74F50728 FR201
Product Description
Full Text Search
 

To Download P271-SF32R10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model p270/271/272 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 1 of 4 bi technologies 27mm rotary potentiometer long life - 1 million cycles conductive plastic element heavy duty applications sealed unit available rohs compliant model styles panel, solder lugs, single gang p270 panel, solder lugs, with center tap p271 panel, solder lugs, dual gang p272 electrical 1 resistance range, ohms 200-1m (for ?b? taper) 1k-1m (for other tapers) standard resistance tolerance 10% residual resistance 6 ? max. input voltage, maximum 500 vdc not to exceed power rating power rating, watts 2 watts @ 70c for ?b? taper, 1 watt for all others dielectric strength 1000vac, i minute insulation resistance, minimum 50m ohms at 500vdc sliding noise 100mv max. actual electrical travel, nominal 300 electrical continuity, nominal 312 mechanical total mechanical travel 312 5 static stop strength, maximum 200 oz-in rotational torque, (single gang) dust proof : 1.0. oz-in. max. sealed : 1.0 to 2.5 oz-in rotational torque, maximum (dual gang) dust pr oof : 3.0.oz-in. sealed : 5.0 oz-in panel nut tightening torque 25 lb-in environmental operating temperature range -55 c to +120 c rotational load life 1m cycles (10% r) 1 specifications subjec t to change without notice.
model p270/271/272 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 2 of 4 bi technologies ordering information 2 shaft types f-type shaft ? bushing combinations shaft length (l) bushing length (m) flat length (t) (1) = .625 (1) = .250 .315 (1) = .625 (2) = .375 .180 (1) = .625 (3) = .500 not available (2) = .875 (3) = .500 .315 all other combinations .375 standard resistance values, ohms 1k 2k 5k 10k 20k 50k 100k 200k 500k 1meg 2 contact our customer service for custom designs and features. p270 ? s p 2 2 a r100 k model series total resistance shaft type: see below bushing length (m) 1= .250? 2 =.375? 3 = .500? shaft length (l) 1 = .625? 2 = .875? 3 = 1.000? 4 = 2.000? seal type s = sealed d = dust proof taper blank = b taper a = a taper c = c taper
model p270/271/272 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 3 of 4 bi technologies p270 (without center tap) p271 (with voltage center tap) p272 (dual gang) model 270 .562 .031 m l .109 .016 .250 +.000 -.002 min .125 1.050 .875 .031 .546 .015 .125 .018 .015 .078 .047 2x 20 5 .394 .158 .512 () 1.4 3x .057 x .088 slot 3/8-32 nef-2a thread marking panel layout circuit diagram outline drawing
model p270/271/272 bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com may 1, 2009 page 4 of 4 bi technologies model 271 (center tap) min .125 .250 +.000 -.002 .562 .031 .109 .016 m l 1.050 .125 .018 .015 .546 .015 .875 .031 .078 .047 .875 .031 .394 .158 .512 () 1.4 panel layout 3/8-32 nef-2a thread marking 3x .057 x .088 slot center tap terminal model 272 (dual gang) .394 2x .158 .512 .078 .010 .047 l .562 .016 .109 .016 min .125 .250 +.000 -.002 1.050 .016 .125 .018 .015 .546 .015 .875 .031 2x 20 5 m .582 1.161.016 () 1.4 panel layout 3/8-32 nef-2a thread marking 3x slot


▲Up To Search▲   

 
Price & Availability of P271-SF32R10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X