Part Number Hot Search : 
SMV1812A MA4P505 1N4933G TM7759 81KZF DI150 100N10 DI150
Product Description
Full Text Search
 

To Download MSC1090M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d v a n c e d s e m i c o n d u c t o r, i n c. rev. c 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1200 ? fax (818) 765-3004 1/1 specifications are subjec t to change without notice. characteristics t c = 25 c symbol none test conditions minimum typical maximum units bv cbo i c = 1 ma 65 v bv cer i c = 5 ma r be = 10 ? 65 v bv ebo i e = 1 ma 3.5 v i ces v ce = 50 v 6.3 ma h fe v ce = 5.0 v i c = 100 ma 5 --- p g c v cc = 50 v p out = 90 w f = 1025 - 1150 mhz p in = 13 w 8.4 35 db % npn silicon rf power transistor MSC1090M description: the asi MSC1090M is a common base class c transistor, designed for avionics, dme applications from 1025 to 1150 mhz. features: ? internal input matching network ? p g = 8.4 db at 90 w/1150 mhz ? omnigold ? metalization system maximum ratings i c 250 ma v cc 50 v p diss 290 w @ t c = 25 c t j -65 c to +200 c t stg -65 c to +150 c jc 0.60 c/w package style .250 2l flg(b) 1 = collector 2 = emitter 3 & 4 = base minimum inches / mm 1.050 / 26.67 .120 / 3.05 .245 / 6.22 .552 / 14.02 .790 / 20.07 b c d e f g a maximum .255 / 6.48 .572 / 14.53 .810 / 20.57 .140 / 3.56 inches / mm h .003 / 0.08 .007 / 0.18 dim k i j .052 / 1.32 .072 / 1.83 .130 / 3.30 .088 x 45 chamfer a b ? d e f g h i k c j .100 x 45 .095 / 2.41 .105 / 2.67 .285 / 7.24 .210 / 5.33 .120 / 3.05 1 2 3 4


▲Up To Search▲   

 
Price & Availability of MSC1090M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X