Part Number Hot Search : 
1N4935 CSLA1EL 4044B ADM1030 RF2494 TD1145C 20200CT 2SC5951
Product Description
Full Text Search
 

To Download MMDT3906-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30124 rev. 9 - 2 1 of 4 mmdt3906 www.diodes.co m ? diodes incorporated epitaxial planar die construction ideal for low power amplification and swi tching ultra-small surface mount package lead free /rohs co mpliant (note 3 ) features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l d b c h k g f c 2 b 1 e 1 e 2 e 2 b 2 b 2 c 1 c 1 c 2 b 1 e 1 mechanical data case: sot-363 case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking (see page 2): k3n ordering information: see below date code information: see page 2 weight: 0.006 grams (approximate) mmdt3906 dual pnp small si gnal surface m ount transi stor characteristic symbol value unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -40 v emitter-base voltage v ebo -5.0 v collector current - continuous i c -200 ma power dissipation (note 1) p d 200 mw thermal resistance, j unction to ambient r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c notes: 1. device mounted on fr-4 pc b; pad layout as shown on diodes inc. sugges ted pad layout document ap02001, which can be found on our website at htt p://www.diodes.com/datasheets/ap02001. pdf. 2. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . 3. no purposefully added lead. device packaging shipping MMDT3906-7-F sot-363 3000/tape & reel orderi ng inform ation (note 2) sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 a 0 8 all dimensions in m m lead-free
ds30124 rev. 9 - 2 2 of 4 mmdt3906 www.diodes.co m electri cal character isti cs @ t a = 25 c unless otherwise s pecified characteristic symbol min max unit test condition off characteristics (note 4) collector-base breakdown voltage v (br) cbo -40 ? v i c = -10 m a, i e = 0 collector-emitter breakdown voltage v (br)ceo -40 ? v i c = -1.0ma, i b = 0 emitter-base breakdown voltage v (br) ebo -5.0 ? v i e = -10 m a, i c = 0 collector cutoff current i cex ? -50 na v ce = -30v, v eb (off) = -3.0v base cutoff current i bl ? -50 na v ce = -30v, v eb (off) = -3.0v on characteristics (note 4) dc current gain h fe 60 80 100 60 30 ? ? 300 ? ? ? i c = -100a, v ce = -1.0v i c = -1.0ma, v ce = -1.0v i c = -10ma, v ce = -1.0v i c = -50ma, v ce = -1.0v i c = -100ma, v ce = -1.0v collector-emitter saturation voltage v ce (sat) ? -0.25 -0.40 v i c = -10ma, i b = -1.0ma i c = -50ma, i b = -5.0ma base-emitter saturation voltage v be (sat) -0.65 ? -0.85 -0.95 v i c = -10ma, i b = -1.0ma i c = -50ma, i b = -5.0ma small signal characteristics output capacitance c obo ? 4.5 pf v cb = -5.0v, f = 1.0mhz, i e = 0 input capacitance c ibo ? 10 pf v eb = -0.5v, f = 1.0mhz, i c = 0 input impedance h ie 2.0 12 k w v ce = 10v, i c = 1.0ma, f = 1.0khz voltage feedback ratio h re 0.1 10 x 10 -4 small si gnal current gain h fe 100 400 ? output admittance h oe 3.0 60 m s current gain-bandwidth product f t 250 ? mhz v ce = -20v, i c = -10ma, f = 100mhz noise figure nf ? 4.0 db v ce = -5.0v, i c = -100 m a, r s = 1.0k w, f = 1.0khz switching characteristics delay time t d ? 35 ns v cc = -3.0v, i c = -10ma, v be (off) = 0.5v, i b1 = -1.0ma rise time t r ? 35 ns storage time t s ? 225 ns v cc = -3.0v, i c = -10ma, i b1 = i b2 = -1.0ma fall t ime t f ? 75 ns notes: 4. short duration t est pulse used to minimize s elf-heating. month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key k3n = product type mark ing code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september k 3 n y m k 3 n y m marking i nformat ion year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code j k l m n p r s t u v w x y z
ds30124 rev. 9 - 2 3 of 4 mmdt3906 www.diodes.co m 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 . 0 1 1 0 1 0 0 v , b a s e - e m i t t e r ( v ) b e ( s a t ) s a t u r a t i o n v o l t a g e i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 5 , ty p i c a l b a s e - e m i t t e r s a t u r a t i o n vo l t a g e v s . c o l l e c t o r c u r r e n t i c i b = 1 0 0 . 0 1 0 . 1 1 0 1 1 1 0 1 0 0 1 0 0 0 v , c o l l e c t o r - e m i t t e r ( v ) c e ( s a t ) s a t u r a t i o n v o l t a g e i , c o l l e c t o r c u r r e n t ( m a ) c f ig . 4 , t y p ic a l c o ll e c t o r - e m it t e r s a t u r a t io n v o lt a g e v s . c o ll e c t o r c u r r e n t i c i b = 1 0 1 1 0 1 0 0 0 1 0 0 0 . 1 1 1 0 1 0 0 0 1 0 0 h , d c c u r r e n t g a i n f e i , c o l l e c t o r c u r r e n t ( m a ) c f ig . 3 , t y p ic a l d c c u r r e n t g a in v s c o ll e c t o r c u r r e n t t = - 2 5 c a t = + 2 5 c a t = 1 2 5 c a v = 1 .0 v c e 1 1 0 0 1 0 0 . 1 1 1 0 1 0 0 c , i n p u t c a p a c i t a n c e ( p f ) i b o c , o u t p u t c a p a c i t a n c e ( p f ) o b o v , c o l l e c t o r - b a s e v o l t a g e ( v ) c b f i g . 2 , i n p u t a n d o u t p u t c a p a c i t a n c e v s . c o l l e c t o r - b a s e v o l t a g e f = 1 m h z c ib o c o b o 0 5 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 2 0 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 , m a x p o w e r d i s s i p a t i o n v s a m b i e n t t e m p e r a t u r e 1 0 0 1 5 0 2 0 0 0 n o t e 1
ds30124 rev. 9 - 2 4 of 4 mmdt3906 www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of MMDT3906-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X