Part Number Hot Search : 
AK2307LV 120EI 2SK1748 3KP120 9926B 2SB1631 SXX18 UHEPBF
Product Description
Full Text Search
 

To Download LO566TBG4-60G-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   d a t a s h e e t : c l d - c t 0 9 8 . 0 0 0 cree ? 5-mm oval led model # lo566tbg4-60g-a data sheet 60-degree oval led lamp in cyan color with tinted, diffused lens and stopper applications variable-message signs message boards absolute maximum ratings (t a = 25c) items symbol absolute maximum rating unit forward current i f 25 ma peak forward current note i fp 100 ma reverse voltage v r 5 v power dissipation p d 100 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max. 260c for 3 sec. max. (3 mm from the base of the epoxy bulb) note: pulse width 0.1 msec, duty 1/10. typical electrical & optical characteristics (t a = 25c) characteristics symbol condition unit minimum typical maximum forward voltage v f i f = 20 ma v 3.4 4.0 forward voltage v f i f = 1.0 a v 1.7 2.5 reverse current i r v r = 5 v a 100 dominant wavelength d i f = 20 ma nm 500 505 515 luminous intensity i v i f = 20 ma mcd 1520 2400 50% power angle 2?h-h i f = 20 ma deg 60 2?v-v i f = 20 ma deg 35 ? ? subject to change without notice. www.cree.com/ledlamps
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 2 cld-ct098.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps standard bins for lo566tbg4-60g-a (i f = 20 ma) lamps are sorted to luminous intensity (i v ) and dominant wavelength ( d ) bins shown. orders for LO566TBG4-60G-A1 may be flled with any or all bins contained as below. all luminous intensity (i v ) and dominant wavelength ( d ) values shown and specifed are at i f = 20 ma. x3 x4 x5 x or above w v u important notes: all ranks will be included per delivery; rank ratio will be based on the dice distribution. pb content <1000 ppm. tolerance of measurement of luminous intensity is 15%. tolerance of measurement of dominant wavelength is 1 nm. tolerance of measurement of v f is 0.05 v. packaging methods are available for selection; please refer to the cree led lamp packaging standard docu - ment. please refer to the cree led lamp reliability test standards document for reliability test conditions. please refer to the cree led lamp soldering & handling document for information about how to use this led product safely. 1. 2. 3. 4. 5. 6. 7. 8. luminous intensity (i v ) 510 nm 500 nm 505 nm 515 nm dominant wavelength ( d ) 4180 mcd 3000 mcd 2130 mcd 1520 mcd
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc.  cld-ct098.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps graphs 4/4 format #: cotco-d-074 rev.4 document no. spe/LO566TBG4-60G-A1 rev. no. 03 g g r r a a p p h h s s items signatures date revision history prepared by liuzm 2006-04-07 rev. no date change description checked by majf 2006-04-07 02 2005-12-08 release. wd add x5, iv(typ)2200 to 2400mcd. approved by david 2006-04-07 03 2006-04-07 cancel vf bin. fcn# fcn20060099 data is subject to change without prior notice; pleas e refer to cotco website for the latest version. copyright@2002 cotco international ltd.
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 4 cld-ct098.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps mechanical dimensions all dimensions are in mm. tolerance is 0.25 mm unless otherwise noted. an epoxy meniscus may extend about 1.5 mm down the leads. burr around bottom of epoxy may be 0.5 mm max. notes rohs compliance the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu direc - tive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. vision advisory claim users should be cautioned not to stare at the light of this led product. the bright light can damage the eye. 2/4 format #: cotco-d-074 rev.4 document no. spe/LO566TBG4-60G-A1 rev. no. 03 a a p p p p l l i i c c a a t t i i o o n n s s : : d d i i m m e e n n s s i i o o n n d d r r a a w w i i n n g g - variable message signs - message board a a b b s s o o l l u u t t e e m m a a x x i i m m u u m m r r a a t t i i n n g g s s a a t t t t a a = = 2 2 5 5c items symbol absolute maximum rating unit forward current i f 25 ma peak forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 100 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max.260 c for 3 sec max. (3mm from the base of the epoxy bulb) *pulse width <=0.1msec duty <=1/10 t t y y p p i i c c a a l l e e l l e e c c t t r r i i c c a a l l & & o o p p t t i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s ( ( t t a a = = 2 2 5 5 c ) ) items symbol condition min. typ. max. unit forward voltage v f i f = 20ma --- 3.4 4.0 v forward voltage v f i f = 1.0  a 1.7 --- 2.5 v reverse current i r v r = 5v --- --- 100 p a dominant wavelength o d i f = 20ma 500 505 515 nm luminous intensity i v i f = 20ma 1520 2400 --- mcd 2 t ? h-h i f = 20ma --- 60 --- deg 50% power angle 2 t ? v-v i f = 20ma --- 35 --- deg
copyright ? 2007 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 5 cld-ct098.000 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps kit number system cree led lamps are tested and sorted into performance bins. a bin is specifed b y ranges of color, forward voltage, and brightness. sorted leds are packaged for shipping in various convenient options. please refer to the cree led lamp packaging standard document for more information about shipping and packaging options. cree leds are sold by order codes in combinations of bins called kits. order codes are confgured in the following manner: * contact your cree sales representative for ordering information. standard available kits* kit number description LO566TBG4-60G-A1-00001 5mm oval 60 bluish green 505nm, full rank, bulk pack LO566TBG4-60G-A1-00002 5mm oval 60 bluish green 505nm, x3, x4, bulk pack * please contact your cree representative about the availability of non-standard kits. aaaaaaaaa-aaa-aa- x x x x x wd/color 1: full-color distribution 2~9, a~z . . . : special request * i v 0: full luminous intensity distribution 1~9, a~z . . . : special request * v f 0: full forward v oltage distribution 1~9, a~z . . . : special request * pa cking type 0: standard = bulk pack 1~9, a~z . . . : special request * standard/custom 0: standard c: custom product p/n


▲Up To Search▲   

 
Price & Availability of LO566TBG4-60G-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X