Part Number Hot Search : 
LVC138A DR01BP 90100 307009 A558D BZY97 AOD2922 SEMH10
Product Description
Full Text Search
 

To Download K9F2808U0C-VIB0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k9f2816u0c-ycb0,yib0 flash memory 1 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 document title 16m x 8 bit , 8m x 16 bit nand flash memory revision history the attached datasheets are prepared and approved by samsung electronics. samsung electronics co., ltd. reserve the right to change the specifications. samsung electronics will evaluate and reply to your requests and questions about device. if you ha ve any questions, please contact the samsung branch office near you. revision no. 0.0 1.0 2.0 2.1 2.2 2.3 2.4 remark advance advance preliminary history initial issue. tbga pkg dimension change 48-ball, 6.0mm x 8.5mm --> 63-ball, 9.0mm x 11.0mm 1.a3 pin assignment of tbga package is changed.(page 4) (before) nc --> (after) vss 2. add the rp vs tr ,tf & rp vs ibusy graph for 1.8v device (page 32) 3. add the data protection vcc guidence for 1.8v device - below about 1.1v. (page 33) the min. vcc value 1.8v devices is changed. k9f28xxq0c : vcc 1.65v~1.95v --> 1.70v~1.95v pb-free package is added. k9f2808u0c-fcb0,fib0 k9f2808q0c-hcb0,hib0 k9f2816u0c-hcb0,hib0 k9f2816u0c-pcb0,pib0 k9f2816q0c-hcb0,hib0 k9f2808u0c-hcb0,hib0 k9f2808u0c-pcb0,pib0 some ac parameter is changed(k9f28xxq0c). twc twh twp trc treh trp trea tcea before 45 15 25 50 15 25 30 45 after 60 20 40 60 20 40 40 55 new definition of the number of invalid blocks is added. (minimum 502 valid blocks are guaranteed for each contiguous 64mb memory space) draft date apr. 15th 2002 sep. 5th 2002 dec.10th 2002 mar. 6th 2003 mar. 13rd 2003 mar. 26th 2003 may. 24th 2003 note : for more detailed features and specifications including faq, please refer to samsung?s flash web site. http://www.intl.samsungsemi.com/memory/flash/datasheets.html
k9f2816u0c-ycb0,yib0 flash memory 2 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 general description features voltage supply - 1.8v device(k9f28xxq0c) : 1.7~1.95v - 3.3v device(k9f28xxu0c) : 2.7 ~ 3.6 v organization - memory cell array - x8 device(k9f2808x0c) : (16m + 512k)bit x 8bit - x16 device(k9f2816x0c) : (8m + 256k)bit x 16bit - data register - x8 device(k9f2808x0c) : (512 + 16)bit x 8bit - x16 device(k9f2816x0c) : (256 + 8)bit x16bit automatic program and erase - page program - x8 device(k9f2808x0c) : (512 + 16)byte - x16 device(k9f2816x0c) : (256 + 8)word - block erase : - x8 device(k9f2808x0c) : (16k + 512)byte - x16 device(k9f2816x0c) : ( 8k + 256)word page read operation - page size - x8 device(k9f2808x0c) : (512 + 16)byte - x16 device(k9f2816x0c) : (256 + 8)word - random access : 10 m s(max.) - serial page access : 50ns(min.) 16m x 8 bit / 8m x 16 bit nand flash memory fast write cycle time - program time : 200 m s(typ.) - block erase time : 2ms(typ.) command/address/data multiplexed i/o port hardware data protection - program/erase lockout during power transitions reliable cmos floating-gate technology - endurance : 100k program/erase cycles - data retention : 10 years command register operation unique id for copyright protection package - k9f28xxu0c-ycb0/yib0 48 - pin tsop i (12 x 20 / 0.5 mm pitch) - k9f28xxu0c-pcb0/pib0 48 - pin tsop i (12 x 20 / 0.5 mm pitch) - pb-free package - k9f28xxx0c-dcb0/dib0 63 - ball tbga ( 9 x 11 /0.8mm pitch , width 1.0 mm) - k9f28xxx0c-hcb0/hib0 63 - ball tbga ( 9 x 11 /0.8mm pitch , width 1.0 mm) - pb-free package - k9f2808u0c-vcb0/vib0 48 - pin wsop i (12x17x0.7mm) - k9f2808u0c-fcb0/fib0 48 - pin wsop i (12x17x0.7mm) - pb-free package * k9f2808u0c-v/f(wsopi ) is the same device as k9f2808u0c-y/p(tsop1) except package type. offered in 16mx8bit or 8mx16bit, the k9f28xxx0c is 128m bit with spare 4m bit capacity. the device is offered in 1.8v or 3.3v v cc. its nand cell provides the most cost-effective solution for the solid state mass storage market. a program operation can be per - formed in typical 200 m s on the 528-byte(x8 device) or 264-word(x16 device) page and an erase operation can be performed in typ- ical 2ms on a 16k-byte(x8 device) or 8k-word(x16 device) block. data in the page can be read out at 50ns cycle time per word. the i/o pins serve as the ports for address and data input/output as well as command input. the on-chip write control automates al l pro- gram and erase functions including pulse repetition, where required, and internal verification and margining of data. even the write- intensive systems can take advantage of the k9f28xxx0c?s extended reliability of 100k program/erase cycles by providing ecc(error correcting code) with real time mapping-out algorithm. the k9f28xxx0c is an optimum solution for large nonvolatile storage applications such as solid state file storage and other port able applications requiring non-volatility. product list part number vcc range organization pkg type k9f2808q0c-d,h 1.7 ~ 1.95v x8 tbga k9f2816q0c-d,h x16 k9f2808u0c-y,p 2.7 ~ 3.6v x8 tsop1 k9f2808u0c-d,h tbga k9f2808u0c-v,f wsop1 k9f2816u0c-y,p x16 tsop1 k9f2816u0c-d,h tbga
k9f2816u0c-ycb0,yib0 flash memory 3 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 pin configuration (tsop1) k9f28xxu0c-ycb0,pcb0/yib0,pib0 n.c n.c n.c n.c n.c gnd r/ b re ce n.c n.c vcc vss n.c n.c cle ale we wp n.c n.c n.c n.c n.c vss i/o15 i/o7 i/o14 i/o6 i/o13 i/o5 i/o12 i/o4 n.c n.c vcc n.c n.c n.c i/o11 i/o3 i/o10 i/o2 i/o9 i/o1 i/o8 i/o0 vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 n.c n.c n.c n.c n.c gnd r/ b re ce n.c n.c vcc vss n.c n.c cle ale we wp n.c n.c n.c n.c n.c n.c n.c n.c n.c i/o7 i/o6 i/o5 i/o4 n.c n.c n.c vcc vss n.c n.c n.c i/o3 i/o2 i/o1 i/o0 n.c n.c n.c n.c x8 x16 x16 x8 package dimensions 48-pin lead/lead free plastic thin small out-line package type(i) 48 - tsop1 - 1220f unit :mm/inch 0.787 0.008 20.00 0.20 #1 #24 0 . 2 0 + 0 . 0 7 - 0 . 0 3 0 . 0 0 8 + 0 . 0 0 3 - 0 . 0 0 1 0 . 5 0 0 . 0 1 9 7 #48 #25 0 . 4 8 8 1 2 . 4 0 m a x 1 2 . 0 0 0 . 4 7 2 0 . 1 0 0 . 0 0 4 m a x 0 . 2 5 0 . 0 1 0 ( ) 0.039 0.002 1.00 0.05 0.002 0.05 min 0.047 1.20 max 0.45~0.75 0.018~0.030 0.724 0.004 18.40 0.10 0~8 0 . 0 1 0 0 . 2 5 t y p 0 . 1 2 5 + 0 . 0 7 5 0 . 0 3 5 0 . 0 0 5 + 0 . 0 0 3 - 0 . 0 0 1 0.50 0.020 ( )
k9f2816u0c-ycb0,yib0 flash memory 4 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 k9f28xxx0c-dcb0,hcb0/dib0,hib0 r/b /we /ce vss ale /wp /re cle nc nc nc nc vcc nc nc i/o0 i/o1 nc nc vccq i/o5 i/o7 vss i/o6 i/o4 i/o3 i/o2 vss nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc dnu dnu dnu nc nc nc nc nc nc nc nc r/b /we /ce vss ale /wp /re cle i/o7 i/o5 i/o12 io14 vcc i/o10 i/o8 i/o1 i/o9 i/o0 i/o3 vccq i/o6 i/o15 vss i/o13 i/o4 i/o11 i/o2 vss nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc x16 x8 pin configuration (tbga) (top view) (top view) 63-ball tbga (measured in millimeters) package dimensions 9.00 0.10 #a1 side view top view 0 . 9 0 0 . 1 0 0.45 0.05 4 3 2 1 a b c d g bottom view 1 1 . 0 0 0 . 1 0 63- ? 0.45 0.05 0 . 8 0 x 7 = 5 . 6 0 1 1 . 0 0 0 . 1 0 0.80 x5= 4.00 0.80 0 . 3 2 0 . 0 5 0.08max b a 2 . 8 0 2.00 9.00 0.10 (datum b) (datum a) 0.20 m a b ? 0 . 8 0 0 . 8 0 x 1 1 = 8 . 8 0 0.80 x9= 7.20 6 5 9.00 0.10 e f h
k9f2816u0c-ycb0,yib0 flash memory 5 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 pin configuration (wsop1) k9f2808u0c-vcb0,fcb0/vib0,fib0 package dimensions 48-pin lead/lead free plastic very very thin small out-line package type (i) 48 - wsop1 - 1217f unit :mm 15.40 0.10 #1 #24 0 . 2 0 + 0 . 0 7 - 0 . 0 3 0 . 1 6 + 0 . 0 7 - 0 . 0 3 0 . 5 0 t y p ( 0 . 5 0 0 . 0 6 ) #48 #25 1 2 . 0 0 0 . 1 0 0 . 1 0 + 0 . 0 7 5 - 0 . 0 3 5 0.58 0.04 0.70 max (0.1min) 17.00 0.20 0 ~ 8 0.45~0.75 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 n.c n.c dnu n.c n.c n.c r/ b re ce dnu n.c vcc vss n.c dnu cle ale we wp n.c n.c dnu n.c n.c n.c n.c dnu n.c i/o7 i/o6 i/o5 i/o4 n.c dnu n.c vcc vss n.c dnu n.c i/o3 i/o2 i/o1 i/o0 n.c dnu n.c n.c
k9f2816u0c-ycb0,yib0 flash memory 6 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 pin description pin name pin function i/o 0 ~ i/o 7 (k9f2808x0c) i/o 0 ~ i/o 15 (k9f2816x0c) data inputs/outputs the i/o pins are used to input command, address and data, and to output data during read operations. the i/o pins float to high-z when the chip is deselected or when the outputs are disabled. i/o8 ~ i/o15 are used only in x16 organization device. since command input and address input are x8 oper- ation, i/o8 ~ i/o15 are not used to input command & address. i/o8 ~ i/o15 are used only for data input and output. cle command latch enable the cle input controls the activating path for commands sent to the command register. when active high, commands are latched into the command register through the i/o ports on the rising edge of the we signal. ale address latch enable the ale input controls the activating path for address to the internal address registers. addresses are latched on the rising edge of we with ale high. ce chip enable the ce input is the device selection control. when the device is in the busy state, ce high is ignored, and the device does not return to standby mode in program or erase opertion. regarding ce control during read operation, refer to ?page read? section of device operation . re read enable the re input is the serial data-out control, and when active drives the data onto the i/o bus. data is valid trea after the falling edge of re which also increments the internal column address counter by one. we write enable the we input controls writes to the i/o port. commands, address and data are latched on the rising edge of the we pulse. wp write protect the wp pin provides inadvertent write/erase protection during power transitions. the internal high voltage generator is reset when the wp pin is active low. r/ b ready/busy output the r/ b output indicates the status of the device operation. when low, it indicates that a program, erase or random read operation is in process and returns to high state upon completion. it is an open drain output and does not float to high-z condition when the chip is deselected or when outputs are disabled. vccq output buffer power v cc q is the power supply for output buffer. vccq is internally connected to vcc, thus should be biased to vcc. vcc power v cc is the power supply for device. vss ground n.c no connection lead is not internally connected. gnd gnd input for enabling spare area to do sequential read mode including spare area , connect this input pin to vss or set to static low state or to do sequential read mode excluding spare area , connect this input pin to vcc or set to static high state. dnu do not use leave it disconnected. note : connect all v cc and v ss pins of each device to common power supply outputs. do not leave v cc or v ss disconnected.
k9f2816u0c-ycb0,yib0 flash memory 7 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 512byte 16 byte figure 1-1. k9f2808x0c (x8) functional block diagram figure 2-1. k9f2808x0c (x8) array organization note : column address : starting address of the register. 00h command(read) : defines the starting address of the 1st half of the register. 01h command(read) : defines the starting address of the 2nd half of the register. * a 8 is set to "low" or "high" by the 00h or 01h command. * the device ignores any additional input of address cycles than reguired. * l must be set to "low". i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 1st cycle a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 2nd cycle a 9 a 10 a 11 a 12 a 13 a 14 a 15 a 16 3rd cycle a 17 a 18 a 19 a 20 a 21 a 22 a 23 l* v cc x-buffers 128m + 4m bit command nand flash array (512 + 16)byte x 32768 y-gating page register & s/a i/o buffers & latches latches & decoders y-buffers latches & decoders register control logic & high voltage generator global buffers output driver v ss a 9 - a23 a 0 - a 7 command ce re we wp i/0 0 i/0 7 v cc/ v ccq v ss a 8 1st half page register (=256 bytes) 2nd half page register (=256 bytes) 32k pages (=1,024 blocks) 512 byte 8 bit 16 byte 1 block =32 pages = (16k + 512) byte i/o 0 ~ i/o 7 1 page = 528 byte 1 block = 528 byte x 32 pages = (16k + 512) byte 1 device = 528bytes x 32pages x 1024 blocks = 132 mbits column address row address (page address) page register cle ale
k9f2816u0c-ycb0,yib0 flash memory 8 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 256word 8 word figure 2-2. k9f2816x0c (x16) array organization note : column address : starting address of the register. * l must be set to "low". i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 i/o8 to 15 1st cycle a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 l* 2nd cycle a 9 a 10 a 11 a 12 a 13 a 14 a 15 a 16 l* 3rd cycle a 17 a 18 a 19 a 20 a 21 a 22 a 23 l* l* page register (=256 words) 32k pages (=1,024 blocks) 256 word 16 bit 8 word 1 block =32 pages = (8k + 256) word i/o 0 ~ i/o 15 1 page = 264 word 1 block = 264 word x 32 pages = (8k + 256) word 1 device = 264words x 32pages x 1024 blocks = 132 mbits column address row address (page address) page register figure 1-2. k9f2816x0c (x16) functional block diagram v cc x-buffers 128m + 4m bit command nand flash array (256 + 8)word x 32768 y-gating page register & s/a i/o buffers & latches latches & decoders y-buffers latches & decoders register control logic & high voltage generator global buffers output driver v ss a 9 - a23 a 0 - a 7 command ce re we wp i/0 0 i/0 15 v cc/ v ccq v ss cle ale
k9f2816u0c-ycb0,yib0 flash memory 9 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 product introduction the k9f28xxx0c is a 132mbit(138,412,032 bit) memory organized as 32,768 rows(pages) by 528(x8 device) or 264(x16 device) columns. spare eight columns are located from column address of 512~527(x8 device) or 256~263(x16 device). a 528-byte(x8 device) or 264-word(x16 device) data register is connected to memory cell arrays accommodating data transfer between the i/o buffers and memory during page read and page program operations. the memory array is made up of 16 cells that are serially con- nected to form a nand structure. each of the 16 cells resides in a different page. a block consists of two nand structures. a n and structure consists of 16 cells. total 16896 nand cells reside in a block. the array organization is shown in figure 2-1,2-2. the pro- gram and read operations are executed on a page basis, while the erase operation is executed on a block basis. the memory array consists of 1024 separately erasable 16k-byte(x8 device) or 8k-word(x16 device) blocks. it indicates that the bit by bit erase oper- ation is prohibited on the k9f28xxx0c. the k9f28xxx0c has addresses multiplexed into 8 i/os(x16 device case : lower 8 i/os). k9f2816x0c allows sixteen bit wide data transport into and out of page registers. this scheme dramatically reduces pin counts while providing high performance and allow s systems upgrades to future densities by maintaining consistency in system board design. command, address and data are all writte n through i/o?s by bringing we to low while ce is low. data is latched on the rising edge of we . command latch enable(cle) and address latch enable(ale) are used to multiplex command and address respectively, via the i/o pins. some commands require one bus cycle. for example, reset command, read command, status read command, etc require just one cycle bus. some other com- mands like page program and copy-back program and block erase, require two cycles: one cycle for setup and the other cycle for execution. the 16k-byte(x8 device) or 32k-word(x16 device) physical space requires 24 addresses, thereby requiring three cycles for word-level addressing: column address, low row address and high row address, in that order. page read and page program need the same three address cycles following the required command input. in block erase operation, however, only the two row address cycles are used. device operations are selected by writing specific commands into the command register. table 1 defines the specific commands of the k9f28xxx0c. the device includes one block sized otp(one time programmable), which can be used to increase system security or to provide identification capabilities. detailed information can be obtained by contact with samsung. table 1. command sets note : 1. the 00h command defines starting address of the 1st half of registers. the 01h command defines starting address of the 2nd half of registers. after data access on 2nd half of register by the 01h command, start pointer is automatically moved to 1st half register(00h) on the next cycle. function 1st. cycle 2nd. cycle acceptable command during busy read 1 00h/01h (1) - read 2 50h - read id 90h - reset ffh - o page program 80h 10h block erase 60h d0h read status 70h - o caution : any undefined command inputs are prohibited except for above command set of table 1.
k9f2816u0c-ycb0,yib0 flash memory 10 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 dc and operating characteristics (recommended operating conditions otherwise noted.) parameter symbol test conditions k9f28xxq0c(1.8v) k9f28xxu0c(3.3v) unit min typ max min typ max operat- ing current sequential read i cc 1 trc=50ns, ce =v il i out =0ma - 8 15 - 10 20 ma program i cc 2 - - 8 15 - 10 20 erase i cc 3 - - 8 15 - 10 20 stand-by current(ttl) i sb 1 ce =v ih , wp =0v/v cc - - 1 - - 1 stand-by current(cmos) i sb 2 ce =v cc -0.2, wp =0v/v cc - 10 50 - 10 50 m a input leakage current i li v in =0 to vcc(max) - - 10 - - 10 output leakage current i lo v out =0 to vcc(max) - - 10 - - 10 input high voltage v ih i/o pins v ccq -0.4 - v ccq +0.3 2.0 - v ccq +0.3 v except i/o pins v cc -0.4 - v cc +0.3 2.0 - v cc +0.3 input low voltage, all inputs v il - -0.3 - 0.4 -0.3 - 0.8 output high voltage level v oh k9f28xxq0c :i oh =-100 m a k9f28xxu0c :i oh =-400 m a v cc q-0.1 - - 2.4 - - output low voltage level v ol k9f28xxq0c :i ol =100ua k9f28xxu0c :i ol =2.1ma - - 0.1 - - 0.4 output low current(r/ b ) i ol (r/ b ) k9f28xxq0c :v ol =0.1v k9f28xxu0c :v ol =0.4v 3 4 - 8 10 - ma recommended operating conditions (voltage reference to gnd, k9f28xxx0c-xcb0 : t a =0 to 70 c, k9f28xxx0c-xib0 : t a =-40 to 85 c) parameter symbol k9f28xxq0c(1.8v) k9f28xxu0c(3.3v) unit min typ. max min typ. max supply voltage v cc 1.7 1.8 1.95 2.7 3.3 3.6 v supply voltage v ccq 1.7 1.8 1.95 2.7 3.3 3.6 v supply voltage v ss 0 0 0 0 0 0 v absolute maximum ratings note : 1. minimum dc voltage is -0.6v on input/output pins. during transitions, this level may undershoot to -2.0v for periods <30ns. maximum dc voltage on input/output pins is v cc, +0.3v which, during transitions, may overshoot to v cc +2.0v for periods <20ns. 2. permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for extended perio ds may affect reliability. parameter symbol rating unit k9f28xxq0c(1.8v) k9f28xxu0c(3.3v) voltage on any pin relative to v ss v in/out -0.6 to + 2.45 -0.6 to + 4.6 v v cc -0.2 to + 2.45 -0.6 to + 4.6 v ccq -0.2 to + 2.45 -0.6 to + 4.6 temperature under bias k9f28xxx0c-xcb0 t bias -10 to +125 c k9f28xxx0c-xib0 -40 to +125 storage temperature k9f28xxx0c-xcb0 t stg -65 to +150 c k9f28xxx0c-xib0 short circuit current ios 5 ma
k9f2816u0c-ycb0,yib0 flash memory 11 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 capacitance ( t a =25 c, v cc =1.8v/3.3v, f=1.0mhz) note : capacitance is periodically sampled and not 100% tested. item symbol test condition min max unit input/output capacitance c i/o v il =0v - 10 pf input capacitance c in v in =0v - 10 pf valid block note : 1. the k9f28xxx0c may include invalid blocks when first shipped. additional invalid blocks may develop while being used. the number of valid blocks is presented with both cases of invalid blocks considered. invalid blocks are defined as blocks that contain one or more bad bits . do not erase or program factory-marked bad blocks . refer to the attached technical notes for a appropriate management of invalid blocks. 2. the 1st block, which is placed on 00h block address, is fully guaranteed to be a valid block, does not require error correct ion. 3. minimum 502 valid blocks are guaranteed for each contiguous 64mb memory space. parameter symbol min typ. max unit valid block number n vb 1004 - 1024 blocks program/erase characteristics parameter symbol min typ max unit program time t prog - 200 500 m s number of partial program cycles in the same page main array nop - - 2 cycles spare array - - 3 cycles block erase time t bers - 2 3 ms ac test condition (k9f28xxx0c-xcb0 :ta=0 to 70 c, k9f28xxx0c-xib0:ta=-40 to 85 c k9f28xxq0c : vcc=1.7v~1.95v , k9f28xxu0c : vcc=2.7v~3.6v unless otherwise noted) parameter k9f28xxq0c k9f28xxu0c input pulse levels 0v to vccq 0.4v to 2.4v input rise and fall times 5ns 5ns input and output timing levels vccq/2 1.5v k9f28xxq0c:output load (vccq:1.8v +/-10%) k9f28xxu0c:output load (vccq:3.0v +/-10%) 1 ttl gate and cl=30pf 1 ttl gate and cl=50pf k9f28xxu0c:output load (vccq:3.3v +/-10%) - 1 ttl gate and cl=100pf mode selection note : 1. x can be v il or v ih. 2. wp should be biased to cmos high or cmos low for standby. cle ale ce we re gnd wp mode h l l h x x read mode command input l h l h x x address input(3clock) h l l h x h write mode command input l h l h x h address input(3clock) l l l h l h data input l l l h l x data output l l l h h l x during read(busy) on k9f2808u0c_y,p or k9f2808u0c_v,f x x x x h l x during read(busy) on the devices except k9f2808u0c_y,p and k9f2808u0c_v,f x x x x x l h during program(busy) x x x x x x h during erase(busy) x x (1) x x x x l write protect x x h x x 0v 0v/v cc (2) stand-by
k9f2816u0c-ycb0,yib0 flash memory 12 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 ac timing characteristics for command / address / data input note : 1. if tcs is set less than 10ns, twp must be minimum 35ns, otherwise, twp may be minimum 25ns. parameter symbol k9f2808q0c k9f2808u0c unit min max min max cle set-up time t cls 0 - 0 - ns cle hold time t clh 10 - 10 - ns ce setup time t cs 0 - 0 - ns ce hold time t ch 10 - 10 - ns we pulse width t wp 40 - 25 - ns ale setup time t als 0 - 0 - ns ale hold time t alh 10 - 10 - ns data setup time t ds 20 - 20 - ns data hold time t dh 10 - 10 - ns write cycle time t wc 60 - 45 - ns we high hold time t wh 20 - 15 - ns ac characteristics for operation note : 1. if reset command(ffh) is written at ready state, the device goes into busy for maximum 5us. 2. to break the sequential read cycle, ce must be held high for longer time than tceh. 3. the time to ready depends on the value of the pull-up resistor tied r/ b pin. parameter symbol k9f2808q0c k9f2808u0c unit min max min max data transfer from cell to register t r - 10 - 10 m s ale to re delay t ar 10 - 10 - ns cle to re delay t clr 10 - 10 - ns ready to re low t rr 20 - 20 - ns re pulse width t rp 40 - 25 - ns we high to busy t wb - 100 - 100 ns read cycle time t rc 60 - 50 - ns ce access time t cea - 55 - 45 ns re access time t rea - 40 - 30 ns re high to output hi-z t rhz - 30 - 30 ns ce high to output hi-z t chz - 20 - 20 ns re or ce high to output hold t oh 15 - 15 - ns re high hold time t reh 20 - 15 - ns output hi-z to re low t ir 0 - 0 - ns we high to re low t whr 60 - 60 - ns device resetting time (read/program/erase) t rst - 5/10/500 (1) - 5/10/500 (1) m s k9f2808u0c- y,p,v,f only last re high to busy (at sequential read) t rb - 100 - 100 ns ce high to ready(in case of inter- ception by ce at read) t cry - 50 +tr(r/ b ) (3) - 50 +tr(r/ b ) (3) ns ce high hold time(at the last serial read) (2) t ceh 100 - 100 - ns
k9f2816u0c-ycb0,yib0 flash memory 13 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 nand flash technical notes identifying invalid block(s) invalid block(s) invalid blocks are defined as blocks that contain one or more invalid bits whose reliability is not guaranteed by samsung. the i nfor- mation regarding the invalid block(s) is so called as the invalid block information. devices with invalid block(s) have the same quality level as devices with all valid blocks and have the same ac and dc characteristics. an invalid block(s) does not affect the perf or- mance of valid block(s) because it is isolated from the bit line and the common source line by a select transistor. the system d esign must be able to mask out the invalid block(s) via address mapping. the 1st block, which is placed on 00h block address, is fully guar- anteed to be a valid block, does not require error correction. all device locations are erased(ffh) except locations where the invalid block(s) information is written prior to shipping. the i nvalid block(s) status is defined by the 6th byte(x8 device) or 1st & 6th word(x16 device) in the spare area. samsung makes sure that either the 1st or 2nd page of every invalid block has non-ffh(x8 device) or non-ffffh(x16 device) data at the column address of 517(x8 device) or 256 and 261(x16 device). since the invalid block information is also erasable in most cases, it is impossible to recover the information once it has been erased. therefore, the system must be able to recognize the invalid block(s) based on t he original invalid block information and create the invalid block table via the following suggested flow chart(figure 3). any inte ntional erasure of the original invalid block information is prohibited. * check "ffh" at the column address figure 3. flow chart to create invalid block table. start set block address = 0 check "ffh" ? increment block address last block ? end no yes yes create (or update) no invalid block(s) table of the 1st and 2nd page in the block 517(x8 device) or 256 and 261(x16 device)
k9f2816u0c-ycb0,yib0 flash memory 14 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 nand flash technical notes (continued) program flow chart start i/o 6 = 1 ? write 00h i/o 0 = 0 ? no * if ecc is used, this verification write 80h write address write data write 10h read status register write address wait for tr time verify data no program completed or r/b = 1 ? program error yes no yes * program error yes : if program operation results in an error, map out the block including the page in error and copy the target data to another block. * operation is not needed. error in write or read operation over its life time, the additional invalid blocks may develop with nand flash memory. refer to the qualification report for the actual data.the following possible failure modes should be considered to implement a highly reliable system. in the case of status read fail- ure after erase or program, block replacement should be done. because program status fail during a page program does not affect the data of the other pages in the same block, block replacement can be executed with a page-sized buffer by finding an erased empty block and reprogramming the current target data and copying the rest of the replaced block. to improve the efficiency of memory space, it is recommended that the read or verification failure due to single bit error be reclaimed by ecc without any bl ock replacement. the said additional block failure rate does not include those reclaimed blocks. failure mode detection and countermeasure sequence write erase failure status read after erase --> block replacement program failure status read after program --> block replacement read back ( verify after program) --> block replacement or ecc correction read single bit failure verify ecc -> ecc correction ecc : error correcting code --> hamming code etc. example) 1bit correction & 2bit detection
k9f2816u0c-ycb0,yib0 flash memory 15 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 erase flow chart start i/o 6 = 1 ? i/o 0 = 0 ? no * write 60h write block address write d0h read status register or r/b = 1 ? erase error yes no : if erase operation results in an error, map out the failing block and replace it with another block. * erase completed yes read flow chart start verify ecc no write 00h write address read data ecc generation reclaim the error page read completed yes nand flash technical notes (continued) block replacement * step1 when an error happens in the nth page of the block ?a? during erase or program operation. * step2 copy the nth page data of the block ?a? in the buffer memory to the nth page of another free block. (block ?b?) * step3 then, copy the data in the 1st ~ (n-1)th page to the same location of the block ?b?. * step4 do not further erase block ?a? by creating an ?invalid block? table or other appropriate scheme. buffer memory of the controller. 1st block a block b (n-1)th nth (page) 1 2 { ~ 1st (n-1)th nth (page) { ~ an error occurs.
k9f2816u0c-ycb0,yib0 flash memory 16 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 samsung nand flash has three address pointer commands as a substitute for the two most significant column addresses. ?00h? command sets the pointer to ?a? area(0~255byte), ?01h? command sets the pointer to ?b? area(256~511byte), and ?50h? command sets the pointer to ?c? area(512~527byte). with these commands, the starting column address can be set to any of a whole page(0~527byte). ?00h? or ?50h? is sustained until another address pointer command is inputted. ?01h? command, however, is effec - tive only for one operation. after any operation of read, program, erase, reset, power_up is executed once with ?01h? command, the address pointer returns to ?a? area by itself. to program data starting from ?a? or ?c? area, ?00h? or ?50h? command must be input- ted before ?80h? command is written. a complete read operation prior to ?80h? command is not necessary. to program data starting from ?b? area, ?01h? command must be inputted right before ?80h? command is written. 00h (1) command input sequence for programming ?a? area address / data input 80h 10h 00h 80h 10h address / data input the address pointer is set to ?a? area(0~255), and sustained 01h (2) command input sequence for programming ?b? area address / data input 80h 10h 01h 80h 10h address / data input ?b?, ?c? area can be programmed. it depends on how many data are inputted. ?01h? command must be rewritten before every program operation the address pointer is set to ?b? area(256~512), and will be reset to ?a? area after every program operation is executed. 50h (3) command input sequence for programming ?c? area address / data input 80h 10h 50h 80h 10h address / data input only ?c? area can be programmed. ?50h? command can be omitted. the address pointer is set to ?c? area(512~527), and sustained ?00h? command can be omitted. it depends on how many data are inputted. ?a?,?b?,?c? area can be programmed. pointer operation of k9f2808x0c(x8) table 2. destination of the pointer command pointer position area 00h 01h 50h 0 ~ 255 byte 256 ~ 511 byte 512 ~ 527 byte 1st half array(a) 2nd half array(b) spare array(c) "a" area 256 byte (00h plane) "b" area (01h plane) "c" area (50h plane) 256 byte 16 byte "a" "b" "c" internal page register pointer select commnad (00h, 01h, 50h) pointer figure 4. block diagram of pointer operation
k9f2816u0c-ycb0,yib0 flash memory 17 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 samsung nand flash has two address pointer commands as a substitute for the most significant column address. ?00h? command sets the pointer to ?a? area(0~255word), and ?50h? command sets the pointer to ?b? area(256~263word). with these commands, the starting column address can be set to any of a whole page(0~263word). ?00h? or ?50h? is sustained until another address pointer com- mand is inputted. to program data starting from ?a? or ?b? area, ?00h? or ?50h? command must be inputted before ?80h? command is written. a complete read operation prior to ?80h? command is not necessary. 00h (1) command input sequence for programming ?a? area address / data input 80h 10h 00h 80h 10h address / data input the address pointer is set to ?a? area(0~255), and sustained 50h (2) command input sequence for programming ?b? area address / data input 80h 10h 50h 80h 10h address / data input only ?b? area can be programmed. ?50h? command can be omitted. the address pointer is set to ?b? area(256~263), and sustained ?00h? command can be omitted. it depends on how many data are inputted. ?a?,?b? area can be programmed. pointer operation of k9f2816x0c(x16) table 3. destination of the pointer command pointer position area 00h 50h 0 ~ 255 word 256 ~ 263 word main array(a) spare array(b) "a" area 256 word (00h plane) "b" area (50h plane) 8 word "a" "b" internal page register pointer select command (00h, 50h) pointer figure 5. block diagram of pointer operation
k9f2816u0c-ycb0,yib0 flash memory 18 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 system interface using ce don?t-care. ce we t wp t ch t cs start add.(3cycle) 80h data input ce cle ale we data input ce don?t-care ? ? 10h for an easier system interface, ce may be inactive during the data-loading or sequential data-reading as shown below. the internal 528byte/264word page registers are utilized as seperate buffers for this operation and the system design gets more flexible. in addi- tion, for voice or audio applications which use slow cycle time on the order of u-seconds, de-activating ce during the data-loading and reading would provide significant savings in power consumption. start add.(3cycle) 00h ce cle ale we data output(sequential) ce don?t-care ? r/ b t r re t cea out t rea ce re i/o 0 ~ 15 figure 6. program operation with ce don?t-care. figure 7. read operation with ce don?t-care. on k9f2808u0c_y,p or k9f2808u0c_v,f i/ox i/ox ce must be held low during tr
k9f2816u0c-ycb0,yib0 flash memory 19 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 ce we cle ale i/ox ao~a7 t cls t cs t wc t wp t als t ds t dh t alh t als t wh t wc t wp t ds t dh t alh t als t wh t wp t ds t dh t alh * command latch cycle ce we cle ale i/ox command * address latch cycle t cls t cs t clh t ch t wp t als t alh t ds t dh a17~a23 a9~a16 note : 1. i/o8~15 must be set to "0" during command or address input. 2. i/o8~15 are used only for data bus. device i/o data i/ox data in/out k9f2808x0c(x8 device) i/o 0 ~ i/o 7 ~528byte k9f2816x0c(x16 device) i/o 0 ~ i/o 15 1) ~264word
k9f2816u0c-ycb0,yib0 flash memory 20 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 * input data latch cycle ce cle we din 0 din 1 din n ale t als t clh t wc t ch t ds t dh t ds t dh t ds t dh t wp t wh t wp t wp * serial access cycle after read (cle=l, we =h, ale=l) re ce r/ b dout dout dout t rc t rea t rr t oh t rea t reh t rea t oh t rhz* ? ? ? ? ? ? ? notes : transition is measured 200mv from steady state voltage with load. this parameter is sampled and not 100% tested. i/ox i/ox t rhz* t chz* t rp
k9f2816u0c-ycb0,yib0 flash memory 21 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 t oh * status read cycle ce we cle re i/ox 70h status output t clr t clh t cs t wp t ch t ds t dh t rea t ir t oh t oh t whr t cea t cls read1 operation (read one page) ce cle r/ b we ale re busy read a0~a7 a9~a16 a17~a23 dout n dout n+1 dout n+2 dout n+3 column address page(row) address t wb t ar t r t rc t rr dout m t wc ? ? ? x8 device : m = 528 , read cmd = 00h or 01h x16 device : m = 264 , read cmd = 00h t oh t chz t ceh t rb t cry n address cmd 1) 1) notes : 1) is only valid on k9f2808u0c_y,p or k9f2808u0c_v,f i/ox on k9f2808u0c_y,p or k9f2808u0c_v,f ce must be held low during tr t rhz t chz t rhz
k9f2816u0c-ycb0,yib0 flash memory 22 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 read1 operation (intercepted by ce ) ce cle r/ b we ale re busy dout n dout n+1 dout n+2 dout n+3 page(row) address address column t wb t ar t chz t r t rr t rc read2 operation (read one page) ce cle r/ b we ale re 50h dout dout n+m m address n+m dout n+m+1 selected row start address m n m t ar t r t wb t rr x8 device : a 0 ~a 3 are valid address & a 4 ~a 7 are don t care ? ? x8 device : n = 512, m = 16 x16 device : n = 256, m = 8 n address cmd read i/ox i/ox col. add row add1 row add2 col. add row add1 row add2 on k9f2808u0c_y,p or k9f2808u0c_v,f ce must be held low during tr on k9f2808u0c_y,p or k9f2808u0c_v,f ce must be held low during tr x16 device : a 0 ~a 2 are valid address & a 3 ~a 7 are "l" t oh
k9f2816u0c-ycb0,yib0 flash memory 23 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 page program operation ce cle r/ b we ale re 80h 70h i/o 0 din n din din 10h m n+1 sequential data input command column address page(row) address 1 up to m data serial input program command read status command i/o 0 =0 successful program i/o 0 =1 error in program t prog t wb t wc t wc t wc ? ? ? x8 device : m = 528 byte x16 device : m = 264 word n address sequential row read operation (only for k9f2808u0c-y,p and k9f2808u0c-v,f valid wihin a block) ce cle r/ b i/ox we ale re 00h m output dout n dout n+1 dout n+2 dout 527 dout 0 dout 1 dout 2 dout 527 m+1 output n ? ? ? ? busy busy ready ? ? i/ox col. add row add1 row add2 col. add row add1 row add2
k9f2816u0c-ycb0,yib0 flash memory 24 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 block erase operation (erase one block) ce cle r/ b we ale re 60h auto block erase erase command read status command i/o 0 =1 error in erase doh 70h i/o 0 busy t wb t bers i/o 0 =0 successful erase page(row) address t wc ? setup command i/ox a9~a16 a17~a23
k9f2816u0c-ycb0,yib0 flash memory 25 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 manufacture & device id read operation ce cle we ale re 90h read id command maker code device code 00h t rea address. 1cycle t ar i/ox ech device device device code* k9f2808q0c 33h k9f2808u0c 73h k9f2816q0c xx43h k9f2816u0c xx53h code*
k9f2816u0c-ycb0,yib0 flash memory 26 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 device operation page read upon initial device power up, the device defaults to read1 mode. this operation is also initiated by writing 00h to the command reg- ister along with three address cycles. once the command is latched, it does not need to be written for the following page read o pera- tion. two types of operations are available : random read, serial page read. the random read mode is enabled when the page address is changed. the 528 bytes(x8 device) or 264 words(x16 device) of data within the selected page are transferred to the data registers in less than 10 m s(t r ). the system controller can detect the completion of this data transfer(tr) by analyzing the output of r/ b pin. once the data in a page is loaded into the registers, they may be read out in 50ns cycle time by sequentially pulsing re . high to low transitions of the re clock output the data starting from the selected col- umn address up to the last column address[column 511/ 527(x8 device) 255 /263(x16 device) depending on the state of gnd input pin]. the way the read1 and read2 commands work is like a pointer set to either the main area or the spare area. the spare area of 512 ~527 bytes(x8 device) or 256~263 words(x16 device) may be selectively accessed by writing the read2 command with gnd input pin low. addresses a 0~ a 3 (x8 device) or a 0~ a 2 (x16 device) set the starting address of the spare area while addresses a 4 ~a 7 are ignored in x8 device case or a 3~ a 7 must be "l" in x16 device case. the read1 command is needed to move the pointer back to the main area. figures 8, 9 show typical sequence and timings for each read operation. sequential row read is available only on k9f2808u0c_y,p or k9f2808u0c_v,f : after the data of last column address is clocked out, the next page is automatically selected for sequential row read. waiting 1 0 m s again allows reading the selected page. the sequential row read operation is terminated by bringing ce high. unless the operation is aborted, the page address is automatically incremented for sequential row read as in read1 operation and spare sixteen bytes of each page may be sequentially read. the sequential read 1 and 2 operation is allowed only within a block and after the last pa ge of a block is readout, the sequential read operation must be terminated by bringing ce high. when the page address moves onto the next block, read command and address must be given. figures 8-1, 9-1 show typical sequence and timings for sequential row read operation. figure 8. read1 operation start add.(3cycle) 00h x8 device : a 0 ~ a 7 & a 9 ~ a23 data output(sequential) (00h command) data field spare field ce cle ale r/ b we re t r main array (01h command) data field spare field 1st half array 2st half array note: 1) after data access on 2nd half array by 01h command, the start pointer is automatically moved to 1st half array (00h) at next cycle. 01h command is only available on x8 device(k9f2808x0c). i/ox x16 device : a 0 ~ a 7 & a 9 ~ a23 on k9f2808u0c_y,p or k9f2808u0c_v ,f ce must be held low during tr 1)
k9f2816u0c-ycb0,yib0 flash memory 27 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 figure 9. read2 operation 50h data output(sequential) spare field ce cle ale r/ b we start add.(3cycle) re t r x8 device : a 0 ~ a 3 & a 9 ~ a23 main array data field spare field figure 8-1. sequential row read1 operation (only for k9f2808u0c-y,p and k9f2808u0c-v,f valid wihin a block ) 00h 01h a 0 ~ a 7 & a 9 ~ a23 i/ox r/ b start add.(3cycle) data output data output data output 1st 2nd nth (528 byte) (528 byte) t r t r t r ? (gnd input =l, 00h command) data field spare field (gnd input =l, 01h command) data field spare field (gnd input=h , 00h command) data field spare field 1st half array 2nd half array 1st 2nd nth 1st half array 2nd half array 1st 2nd nth block 1st half array 2nd half array 1st 2nd nth x16 device : a 0 ~ a 2 & a 9 ~ a23 x8 device : a 4 ~ a 7 don?t care x16 device : a 3 ~ a 7 are "l" i/ox on k9f2808u0c_y,p or k9f2808u0c_v ,f ce must be held low during tr
k9f2816u0c-ycb0,yib0 flash memory 28 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 figure 9-1. sequential row read2 operation (gnd input=fixed low) 50h a 0 ~ a 3 & a 9 ~ a23 i/ox r/ b start add.(3cycle) data output data output data output 2nd nth (16byte) (16byte) data field spare field 1st block (a 4 ~ a 7 : don t care) 1st t r t r t r ? nth (only for k9f2808u0c-y,p and k9f2808u0c-v,f valid wihin a block)
k9f2816u0c-ycb0,yib0 flash memory 29 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 page program the device is programmed basically on a page basis, but it does allow multiple partial page programing of a byte/word or consecu tive bytes/words up to 528 (x8 device) or 264 (x16 device) , in a single page program cycle. the number of consecutive partial page program- ming operation within the same page without an intervening erase operation should not exceed 2 for main array and 3 for spare array. the addressing may be done in any random order in a block. a page program cycle consists of a serial data loading period in which up to 528 bytes (x8 device) or 264 words (x16 device) of data may be loaded into the page register, followed by a non-volatile pro- gramming period where the loaded data is programmed into the appropriate cell. about the pointer operation, please refer to the attached technical notes. the serial data loading period begins by inputting the serial data input command(80h), followed by the three cycle address input and then serial data loading. the words other than those to be programmed do not need to be loaded.the page program confirm com- mand(10h) initiates the programming process. writing 10h alone without previously entering the serial data will not initiate the pro- gramming process. the internal write controller automatically executes the algorithms and timings necessary for program and veri fy, thereby freeing the system controller for other tasks. once the program process starts, the read status register command may be entered, with re and ce low, to read the status register. the system controller can detect the completion of a program cycle by monitoring the r/ b output, or the status bit(i/o 6) of the status register. only the read status command and reset command are valid while programming is in progress. when the page program is complete, the write status bit(i/o 0) may be checked(figure 10) . the internal write verify detects only errors for "1"s that are not successfully programmed to "0"s. the command register remain s in read status command mode until another valid command is written to the command register. figure 10. program operation 80h r/ b address & data input i/o 0 pass 10h 70h fail t prog i/ox
k9f2816u0c-ycb0,yib0 flash memory 30 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 figure 11. block erase operation block erase the erase operation is done on a block basis. block address loading is accomplished in two cycles initiated by an erase setup co m- mand(60h). only address a 14 to a 23 is valid while a 9 to a 13 is ignored. the erase confirm command(d0h) following the block address loading initiates the internal erasing process. this two-step sequence of setup followed by execution command ensures that memor y contents are not accidentally erased due to external noise conditions. at the rising edge of we after the erase confirm command input, the internal write controller handles erase and erase-verify. when the erase operation is completed, the write status bit(i/o 0) may be checked. figure 11 details the sequence. 60h block add. : a 9 ~ a 23 r/ b address input(2cycle) i/o 0 pass d0h 70h fail t bers read status the device contains a status register which may be read to find out whether program or erase operation is completed, and whether the program or erase operation is completed successfully. after writing 70h command to the command register, a read cycle output s the content of the status register to the i/o pins on the falling edge of ce or re , whichever occurs last. this two line control allows the system to poll the progress of each device in multiple memory connections even when r/ b pins are common-wired. re or ce does not need to be toggled for updated status. refer to table 4 for specific status register definitions. the command register remains in status read mode until further commands are issued to it. therefore, if the status register is read during a random r ead cycle, a read command(00h or 50h) should be given before sequential page read cycle. table4. read status register definition i/o # status definition i/o 0 program / erase "0" : successful program / erase "1" : error in program / erase i/o 1 reserved for future use "0" i/o 2 "0" i/o 3 "0" i/o 4 "0" i/o 5 "0" i/o 6 device operation "0" : busy "1" : ready i/o 7 write protect "0" : protected "1" : not protected i/o 8~15 not use don?t care i/ox
k9f2816u0c-ycb0,yib0 flash memory 31 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 figure 12. read id operation ce cle ale re we 90h 00h address. 1cycle maker code device code t cea t ar t rea read id the device contains a product identification mode, initiated by writing 90h to the command register, followed by an address inpu t of 00h. two read cycles sequentially output the manufacture code(ech), and the device code respectively. the command register remains in read id mode until further commands are issued to it. figure 12 shows the operation sequence. t whr figure 13. reset operation reset the device offers a reset feature, executed by writing ffh to the command register. when the device is in busy state during rand om read, program or erase mode, the reset operation will abort these operations. the contents of memory cells being altered are no longer valid, as the data will be partially programmed or erased. the command register is cleared to wait for the next command, and the status register is cleared to value c0h when wp is high. refer to table 5 for device status after reset operation. if the device is already in reset state a new reset command will not be accepted by the command register. the r/ b pin transitions to low for trst after the reset command is written. refer to figure 13 below. after power-up after reset operation mode read 1 waiting for next command ffh r/ b table5. device status t rst ech device i/ox i/ox device device code* k9f2808q0c 33h k9f2808u0c 73h k9f2816q0c 43h k9f2816u0c 53h code*
k9f2816u0c-ycb0,yib0 flash memory 32 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 ready/ busy the device has a r/ b output that provides a hardware method of indicating the completion of a page program, erase and random read completion. the r/ b pin is normally high but transitions to low after program or erase command is written to the command reg- ister or random read is started after address loading. it returns to high when the internal controller has finished the operatio n. the pin is an open-drain driver thereby allowing two or more r/ b outputs to be or-tied. because pull-up resistor value is related to tr(r/ b ) and current drain during busy(ibusy) , an appropriate value can be obtained with the following reference chart(fig 14). its val ue can be determined by the following guidance. v cc r/ b open drain output device gnd rp t r , t f [ s ] i b u s y [ a ] rp(ohm) fig 14 rp vs tr ,tf & rp vs ibusy ibusy tr ibusy busy ready vcc @ vcc = 3.3v, ta = 25 c , c l = 100pf voh tf tr 1k 2k 3k 4k 100n 200n 300n 3m 2m 1m 100 tf 200 300 400 3.6 3.6 3.6 3.6 2.4 1.2 0.8 0.6 vol rp(min, 1.8v part) = v cc (max.) - v ol (max.) i ol + s i l = 1.85v 3ma + s i l where i l is the sum of the input currents of all devices tied to the r/ b pin. rp value guidance rp(max) is determined by maximum permissible limit of tr rp(min, 3.3v part) = v cc (max.) - v ol (max.) i ol + s i l = 3.2v 8ma + s i l 1.8v device - v ol : 0.1v, v oh : v cc q-0.1v 3.3v device - v ol : 0.4v, v oh : 2.4v t r , t f [ s ] i b u s y [ a ] rp(ohm) ibusy tr @ vcc = 1.8v, ta = 25 c , c l = 30pf 1k 2k 3k 4k 100n 200n 300n 3m 2m 1m 30 tf 60 90 120 1.7 1.7 1.7 1.7 1.7 0.85 0.57 0.43 c l
k9f2816u0c-ycb0,yib0 flash memory 33 k9f2816u0c-dcb0,dib0 k9f2808u0c-ycb0,yib0 k9f2808u0c-dcb0,dib0 k9f2808q0c-dcb0,dib0 k9f2816q0c-dcb0,dib0 k9f2808u0c-vcb0,vib0 the device is designed to offer protection from any involuntary program/erase during power-transitions. an internal voltage dete ctor disables all functions whenever vcc is below about 1.1v(1.8v device) or 2v(3.3v device). wp pin provides hardware protection and is recommended to be kept at v il during power-up and power-down and recovery time of minimum 10 m s is required before internal circuit gets ready for any command sequences as shown in figure 15. the two step command sequence for program/erase provides additional software protection. figure 15. ac waveforms for power transition v cc wp high ? ? 1.8v device : ~ 1.5v we data protection & power up sequence 3.3v device : ~ 2.5v 1.8v device : ~ 1.5v 3.3v device : ~ 2.5v 10 m s ? ?


▲Up To Search▲   

 
Price & Availability of K9F2808U0C-VIB0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X