Part Number Hot Search : 
2N2204 WOST04C 107KP FF100 BAS17 STF1360 DG333ADJ 4ALVC1
Product Description
Full Text Search
 

To Download K1322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 kgf1322 ? electronic components this version: jul. 1998 previous version: jan. 1998 general description the kgf1322, housed in a ceramic package with integrated heat sink, is a discrete uhf-band power fet that features high efficiency, high output power, and low current operation. the kgf1322 specifications are guaranteed to a fixed matching circuit for 5.8 v and 850 mhz; external impedance-matching circuits are also required. because of its high efficiency, high output power (more than 33 dbm), and low thermal resistance, the kgf1322 is ideal as a transmitter-final-stage amplifier for personal handy phones, such as digital cellular phones. features ? high output power: 33 dbm (min.) ? high efficiency: 60% (min.) ? low thermal resistance: 12 c/w (typ.) ? package: 3phtp package dimensions ? electronic components kgf1322 power fet (ceramic package type) e2q0040-38-71 3.30.15 7.30.15 2.30.05 3.10.15 0.1250.05 0.630.15 3.50.05 1.7 0.2 0.50.05 (unit: mm) 4.70.15 1.10.15 4.50.15 package material pin treatment plate thickness lead frame material al 2 0 3 ni/au plating au:1.0 m m or more fe-ni-co alloy 5.9 max
2/6 kgf1322 ? electronic components circuit marking x x x x monthly lot number production month (1-9,x,y,z) production year (lowest digit) K1322 (1) product name lot number (2) (3) (1) gate (2) source (3) drain gate(1) drain(3) source(2)
3/6 kgf1322 ? electronic components absolute maximum ratings electrical characteristics *1 condition: f = 850 mhz, v ds = 5.8 v, i dsq = 240 ma item v ds symbol condition max. unit drain-source voltage gate-source voltage total power dissipation channel temperature v gs p tot t ch ta = 25c 10 0.4 5 150 v v w c storage temperature t stg 125 c min. C6.0 C45 ta = tc = 25c ta = 25c drain current i ds ta = 25c 3 a item p o symbol condition max. unit output power dbm min. 33.0 60 (*1), p in = 22 dbm typ. drain efficiency h d (*1), p in = 22 dbm % (ta = 25c) thermal resistance r th c/w 12 channel to case v gs(off) gate-source cut-off voltage C2.6 v C3.6 v ds = 3 v, i ds = 4 ma i dss drain current a 2.0 v ds = 1.5 v, v gs = 0 v i ds(off) drain-source leakage current 1.5 ma v ds = 10 v, v gs = C6 v i gdo gate-drain leakage current 0.5 ma v gd = C16 v i gss gate-source leakage current 0.1 ma v gs = C6 v
4/6 kgf1322 ? electronic components rf characteristics
5/6 kgf1322 ? electronic components typical s parameters freq(mhz) 500.0 mag(s 11 ) ang(s 11 ) mag(s 21 ) ang(s 21 ) mag(s 12 ) ang(s 12 ) mag(s 22 ) ang(s 22 ) v ds = 5.8 v, i ds = 240 ma 600.0 700.0 800.0 900.0 1000.0 1100.0 1200.0 1300.0 1400.0 1500.0 1600.0 1700.0 1800.0 1900.0 2000.0 2100.0 2200.0 2300.0 2400.0 2500.0 2600.0 2700.0 2800.0 2900.0 3000.0 0.941 0.939 0.939 0.937 0.937 0.935 0.933 0.932 0.930 0.930 0.926 0.925 0.920 0.921 0.915 0.916 0.913 0.909 0.907 0.904 0.903 0.900 0.897 0.895 0.891 0.887 C151.20 C157.04 C161.53 C165.06 C167.96 C170.53 C172.69 C174.68 C176.46 C178.20 C179.81 178.70 177.39 175.86 174.46 173.22 171.70 170.64 169.24 167.93 166.79 165.54 164.25 163.01 161.64 160.49 3.945 3.325 2.878 2.542 2.273 2.052 1.869 1.731 1.602 1.501 1.406 1.322 1.256 1.181 1.132 1.077 1.036 0.992 0.953 0.918 0.887 0.853 0.830 0.799 0.781 0.755 95.29 90.96 86.91 80.53 77.50 75.04 72.26 70.02 67.31 64.99 62.62 60.34 58.29 53.69 51.72 49.37 47.61 45.18 43.47 41.07 39.39 37.42 35.16 33.63 0.032 0.033 0.034 0.035 0.035 0.036 0.037 0.038 0.038 0.039 0.040 0.041 0.042 0.043 0.044 0.045 0.046 0.047 0.048 0.049 0.051 0.051 0.053 0.053 0.054 0.053 24.38 23.33 22.90 22.86 23.33 23.14 23.63 23.81 24.52 24.26 24.96 25.06 25.40 25.57 25.34 25.63 25.70 25.35 25.72 25.16 25.17 24.40 23.73 23.10 21.96 22.01 0.697 0.699 0.702 0.702 0.704 0.702 0.703 0.703 0.703 0.702 0.702 0.700 0.701 0.698 0.698 0.698 0.696 0.696 0.693 0.693 0.686 0.689 0.685 0.688 0.686 0.693 C176.88 C178.02 C178.91 C179.73 179.81 178.93 178.55 177.88 177.60 176.77 176.48 175.79 175.46 174.77 174.66 173.77 173.63 172.90 172.71 172.00 171.74 171.27 171.07 170.79 170.71 170.54 55.93 83.63
6/6 kgf1322 ? electronic components typical s parameters v ds = 5.8 v, i ds = 240 ma frequency : 0.5 to 3.0 ghz z 0 = 50 w


▲Up To Search▲   

 
Price & Availability of K1322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X