Part Number Hot Search : 
HCT573DB 6681Z VO1263AB MR752 KIA4559 MR500 ISL29004 UPC4572
Product Description
Full Text Search
 

To Download B40C1500G-E451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b40c1500g thru b380c1500g vishay general semiconductor document number: 88501 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated single-phase bridge rectifier features ? ideal for printed circuit boards ? high case dielectric strength ? high surge current capability ? typical i r less than 0.1 a ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications general purpose use in ac-to-dc bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers and home appliances applications. mechanical data case: wog epoxy meets ul 94v-0 flammability rating terminals: silver plated lead s, solderable per j-std-002 and jesd22-b102 e4 suffix for consumer grade polarity: as marked on body e4 primary characteristics i f(av) 1.5 a v rrm 65 v to 600 v i fsm 50 a i r 10 a v f 1.0 v t j max. 125 c case style wog + ? ~ ~ + ? ~ ~ maximum ratings (t a = 25 c unless otherwise noted) parameter symbol b40 c1500g b80 c1500g b125 c1500g b250 c1500g b380 c1500g unit maximum repetitive peak reverse voltage v rrm 65 125 200 400 600 v maximum rms input voltage r- and c-load v rms 40 80 125 250 380 v maximum dc blocking voltage v dc 65 125 200 400 600 v maximum peak working voltage v rwm 90 180 300 600 800 v maximum non-repetitive peak voltage v rsm 100 200 350 600 1000 v maximum repetitive peak forward surge current i frm 10 a maximum average forward output current for free air operation at t a = 45 c r- and l-load c-load i f(av) 1.6 1.5 a peak forward surge current single sine-wave on rated load i fsm 50 a rating for fusing at t j = 125 c (t < 100 ms) i 2 t 12.5 a 2 s minimum series resistor c-load at v rms = 10 % r t 1.0 2.0 4.0 8.0 12 maximum load capacitance + 50 % - 10 % c l 5000 2500 1000 500 200 f operating junction temperature range t j - 40 to + 125 c storage temperature range t stg - 40 to + 150 c
b40c1500g thru b380c1500g vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88501 revision: 15-apr-08 2 note: (1) thermal resistance from junction to ambi ent and from junction to lead mounted on p. c.b. at 0.375" (9.5 mm) lead lengths with 0.22 x 0.22" (5.5 x 5.5 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol b40 c1500g b80 c1500g b125 c1500g b250 c1500g b380 c1500g unit maximum instantaneous forward voltage drop per diode 1.5 a v f 1.0 v maximum reverse current at rated repetitive peak voltage per diode t a = 25 c i r 10 a thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol b40 c1500g b80 c1500g b125 c1500g b250 c1500g b380 c1500g unit typical thermal resistance (1) r ja r jl 36 11 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode b380c1500g-e4/51 1.12 51 100 plastic bag figure 1. derating curves output rectified current for b40c1500g...b125c1500g 0 0.2 0.4 0.6 1.2 1.4 1.6 1.0 0. 8 20 40 60 8 0 100 120 140 bridge o u tp u t f u ll w a v e rectified c u rrent a v erage (a) am b ient temperat u re (c) capaciti v e load < 500 f 500 - 5000 f 50 to 60 hz resisti v e or ind u cti v e load p.c.b. copper pads 0.22 x 0.22" (5.5 x 5.5 mm) 0.375" (9.5 mm) figure 2. derating curves output rectified current for b250c1500g...b380c1500g 0 0.2 0.4 0.6 1.2 1.4 1.6 1.0 0. 8 20 40 60 8 0 100 120 140 capaciti v e load 0 - 10 f 10 - 100 f > 100 f 50 to 60 hz resisti v e or ind u cti v e load am b ient temperat u re (c) bridge o u tp u t f u ll w a v e rectified c u rrent a v erage (a) p.c.b. copper pads 0.22 x 0.22" (5.5 x 5.5 mm) 0.375" (9.5 mm)
b40c1500g thru b380c1500g vishay general semiconductor document number: 88501 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. maximum non-repetitive peak forward surge current per diode figure 4. typical forward characteristics per diode 0 10 20 30 40 50 1 100 10 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t a = 25 c single sine- w a v e 0.01 0.1 1 10 100 0.4 0.6 0. 8 1.0 1.2 1.4 t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) figure 5. typical reverse characteristics per diode figure 6. typical juncti on capacitance per diode 0.01 0.1 1 10 8 0 60 40 20 0 100 t j = 100 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent ( a) 1 10 100 0.1 10 1 100 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capacitance (pf) 0.220 (5.6) 0.160 (4.1) 0.3 88 (9. 8 6) 0.34 8 ( 8 . 8 4) 1.0 (25.4) mi n . 0.060 (1.52) 0.020 (0.51) 0.032 (0. 8 1) 0.02 8 (0.71) 0.34 8 ( 8 . 8 4) 0.30 8 (7. 8 2) 0.220 (5.6) 0.1 8 0 (4.6) 0.220 (5.6) 0.1 8 0 (4.6) case style wog
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of B40C1500G-E451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X