Part Number Hot Search : 
R47NJ EC3597 C3090 L74LS C3790 MM74H 913G1 EPM7064
Product Description
Full Text Search
 

To Download B130L-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30151 rev. 6 - 2 1 of 3 b130l www.diodes.com  diodes incorporated b130l 1.0a surface mount schottky barrier rectifier features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  low forward voltage drop  guard ring die construction for transient protection  ideally suited for automatic assembly  low power loss, high efficiency  lead free finish/rohs version (note 3) mechanical data  case: sma  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: lead free plating (matte tin finish). solderable per mil-std-202, method 208  polarity: cathode band or cathode notch  marking: b130l  weight: 0.064 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. sma dim min max a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.10 0.20 h 0.76 1.52 j 2.01 2.30 all dimensions in mm a b c d g h e j characteristic symbol b130l unit peak repetitive reverse voltage working peak reverse voltage @ i r = 1ma blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r(rms) 21 v average rectified output current @ t t = 105  c i o 1.0 a peak repetitive forward current (note 2) i frm 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 25 a forward voltage @ i f = 1.0a, t j = 25  c @ i f = 2.0a, t j = 25  c @ i f = 1.0a, t j = 100  c @ i f = 2.0a, t j = 100  c v fm 0.41 0.47 0.35 0.43 v peak reverse current @ v r = 15v, t a = 25  c @v r = 30v, t a = 25  c @v r = 15v, t a = 100  c @v r = 30v, t a = 100  c i rm 0.4 1.0 12 25 ma typical junction capacitance (note 1) c j 110 pf typical thermal resistance junction to terminal r  jt 27 k/w operating temperature range t j -55 to +125  c storage temperature range t stg -55 to +150  c notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. at rated v r , square wave, 25khz, t c = 40  c. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7.
ds30151 rev. 6 - 2 2 of 3 b130l www.diodes.com 0.1 1.0 10 00.10.2 0.4 0.3 0.6 0.5 0.7 i , instantaneous fwd current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 100 c j t = 125 c j t=-40c j t=85c j t=25c j 0 0 0.5 1.0 25 50 75 100 125 150 i average rectified current (a) o, t , case temperature ( c) fi g . 1 forward current deratin g curve c 1.5 2.0 2 .5 t = 125 c j 1.0 10 100 1000 015 10 25 30 35 20 40 c , junction capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r 5.0 t = 25 c j 0 5 10 15 20 2 5 1 10 100 i , peak fwd surge current (a) fsm number of cycles at 60hz fi g . 3 max non-repetitive peak fwd sur g e current single half-sine-wave (jedec method) i , instantaneous reverse current (ma ) r v , rated peak reverse voltage (v) fi g .5 t y pical reverse characteristics r 010 30 20 100 10 1 .1 .01 .001 t=85c j t = 100 c j t = 125 c j t=25c j t=0c j
ds30151 rev. 6 - 2 3 of 3 b130l www.diodes.com ordering information (note 4) notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping B130L-13-F sma 5000/tape & reel important notice life support www.diodes.com diodes, inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance- ments, improvements, or other changes. diodes, inc. does not assume any liability arising out of the application or use of any product described herei n; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. the products located on our website at are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of B130L-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X