Part Number Hot Search : 
4ACT1 F520LR 4HC01 2A1215XD MA6D54 SB150 APT15 TC16V
Product Description
Full Text Search
 

To Download 3DD13005-TO-220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiang su changjiang electronics technology co., ltd to - 220 plastic - encapsulate transistors 3dd13005 transistor ? npn ? features power dissipation p cm : 1.5 w ? t amb=25 ??? collector current i cm: 4 a c ollector - base voltage v ( br ) cbo : 700 v oper ating and storage junction temperature range t j ? t stg : - 55 ?? to +150 ?? electrical characteristics ? t amb =25 ?? unless otherwise specified ? p arameter symbol test conditions min typ max unit collector - base breakdown voltage v(br) cbo i c = 1000 a ? i e =0 700 v collector - emitter breakdown vol tage v(br) ceo i c = 10 m a ? i b =0 400 v emitter - base breakdown voltage v(br) ebo i e = 1000 a ? i c =0 9 v collector cut - off current i cbo v cb = 700 v ? i e =0 1000 a collector cut - off current i ceo v ce = 400 v ? i b =0 100 a emitter cut - off current i ebo v eb = 9 v ? i c =0 1000 a dc current gain h fe v ce = 5 v, i c = 100 0 m a 10 40 collector - emitter saturation voltage v ce (sat) i c = 2000m a,i b = 500 m a 0.6 v b ase - emitter saturation voltage v be (sat) i c = 2000m a, i b = 5 0 0 m a 1.6 v transition frequency f t v c e =10 v, ic=500ma f = 1mhz 5 mhz fall time t f 0.9 s storage time t s i b1 = - i b2 =0.4a, i c =2a v cc =120v 4 s classification of h fe rank range 10 - 15 15 - 20 20 - 25 25 - 30 30 - 35 35 - 40 1 2 3 to ?a 220 1.base 2.collector 3 . emitter

d c1 c a a1 b b1 e f e1 l l1 e e1 t o-220-3l p ackage outline dimensions symbol a a1 b b1 c c1 d e e1 e e1 f l l1 |? min 4.470 2.520 0.710 1.170 0.310 1.710 10.010 8.500 12.060 4.980 2.590 13.400 3.560 3.790 max 4.670 2.820 0.910 1.370 0.530 1.370 10.310 8.900 12.460 5.180 2.890 13.800 3.960 3.890 min 1.176 0.099 0.028 0.046 0.012 0.046 0.394 0.335 0.475 0.196 0.102 0.528 0.140 0.149 max 0.184 0.111 0.036 0.054 0.021 0.054 0.406 0.350 0.491 0.204 0.114 0.543 0.156 0.153 dimensions in millimeters dimensions in inches 0.100typ 2.540typ |?


▲Up To Search▲   

 
Price & Availability of 3DD13005-TO-220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X