Part Number Hot Search : 
XMXXX 50PF80W 104MT MJD2955 IN5179 104MT REF01CH 104MT
Product Description
Full Text Search
 

To Download VF16C05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description features mechanical dimensions electrical characteristics @ 25 o c. maximum ratings peak repetitive reverse voltage...v rrm working peak reverse voltage...v rwm dc blocking voltage...v dc rms reverse voltage...v r(rms) VF16C05 . . . 60 series average forward rectified current...i f(av) t c = 150 c @ rated v dc repetitive peak forward surge current...i fm @ rated v dc , square wave, 20 khz, t c = 150 c non-repetitive peak forward surge current...i fsm @ rated load cond., ? wave, single phase, 60hz forward voltage...v f @ i f = 8 amps, pw = 300 m st c = 150 c t c =25 c dc reverse current...i r @ rated dc blocking voltage t c =150 c t c =25 c reverse recovery time...t rr i f = 1.0 amp, di/dt = 50 amps/ m s operating & storage temperature range...t j , t strg VF16C05 . . . 60 series 05 10 15 20 30 40 50 60 50 100 150 200 300 400 500 600 50 100 150 200 300 400 500 600 50 100 150 200 300 400 500 600 35 70 105 140 210 280 350 420 preliminary data sheet 16 amp superfast power rectifiers units volts volts volts volts amps amps amps amps volts volts m amps m amps ns c n superfast recovery time n meets ul specification 94v-0 n low forward voltage n high surge capability ............................................. -65 to 150 ....................................... ............................................. 8.0 ............................................... ............................................. 16 ............................................... ............................................. 16 ............................................... ............................................. 125 ............................................... jedec to 220 1 1 1 3 3 3 2 2 2 double suffix ??d?? common anode suffix ??a?? common cathode suffix ??c?? case case case < ............................. 5 0 ................................ > < ...... 7 5 ... > < ................... 2 5 0 .................. > < ................. 5 0 0 .............. > < ................... 5.0 .................. > < .................. 1 0 .............. > < ................... 1.0 .................... > < ... 1.1 .... > < ...... 1.3 ..... > < ................... 1.4 .................... > < ... 1.4 .... > < ...... 1.6 ..... > www.datasheet.in
preliminary data sheet 16 amp superfast power rectifiers VF16C05 . . . 60 series ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. forward current derating curve 6 4 2 025 50 75 100 150 125 175 t a = ambient temperature ( c) amps 8 10 12 pf reverse voltage (volts) typical junction capacitance amps non-repetitive peak forward surge current number of cycles @ 60 hz 200 100 10 10 100 reverse recovery characteristics typical instantaneous forward characteristics oscilliscope note 1 pulse generator note 2 (-) (+) notes: 1. rise time = 7 ns max. impedance = 1 megohm, 22 pf 2. rise time = 10 ns max. source impedance = 50 ohms time base set @ 50/100ns/cm +.5a 0a -.25a -1.0a 1 cm 1 typical reverse characteristics amps t rr amps volts 50 w w w w w (-) (+) 25 vdc non-inductive 1 w w w w w non- inductive d.u.t 10 w w w w w percent of rated peak voltage VF16C05...20 vf16c30 & 40 vf16c50 & 60 VF16C05...20 vf16c30 & 40 vf16c50 & 60 VF16C05...20 vf16c30...60 www.datasheet.in


▲Up To Search▲   

 
Price & Availability of VF16C05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X