Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download TDP-1403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 60045 revision 27-apr-01 www.vishay.com 102 tdp vishay thin film through hole vishay thin film ?france +33.4.93.37.28.24 fax: +33.4.93.37.27.31 ?germany +49.9287.710 fax: +49 9287.70435 ?israel +972.3. 557.0945 fax: +972.3.558.9121 ?italy + 39.2.300.11919 fax: +39.2.300.11999 ?japan +81.42.729.0661 fax: +81.42.729.3400 ?singapore +65.788.6668 fax: +65. 788.0988 ?sweden +46.8.594.70590 fax: +46.8.594.70581 ?uk +44 191 514 8237 fax: +44 1953 457 722 ?usa: (610) 407-4800 fax: (610) 640 -9081 features standard rugged, molded case construction (14 and 16 pin) highly stable thin film low temperature coefficient 25ppm/ c compatible with automatic insertion equipment standard isolated pin one common schematic molded, dual-in-line resistor networks actual size schematic test specifications conditions schematic tdp01, tdp03 resistance range 100 ohms to 100k ohms tcr: ratio 5ppm c- 55 c to + 125 c absolute 25ppm/ c- 55 c to + 125 c tolerance: ratio 0.05 % to 0.5 % + 25 c absolute 0.1% + 25 c power rating: resistor 01 circuit = 0.05 watt/resistor 03 circuit = 0.10 watt/resistor at + 25 c package 0.8 watt/package max. at + 70 c stability: absolute 500ppm 2000 hrs. @ + 70 c ? r ratio 150ppm 2000 hrs. @ + 70 c voltage coefficient < 1ppm/volt typical working voltage 100 volts operating temperature range - 55 c to + 125 c storage temperature range - 55 c to + 150 c noise < - 30db thermal emf 0.08v/ c shelf life stability: absolute 100ppm 1 year@ + 25 c ratio 20ppm 1 year@ + 25 c vishay thin film offers two standard circuits in a 14 and 16 pin molded dual- in-line over a 100 ohm to 100k ohm resistance range. the networks feature ratio tolerance to 0.05% with a tcr tracking of 5ppm/ c. schematic tdp01 schematic tdp03 models: tdp1401 and tdp1601 models: tdp1403 and tdp1603 13 or 15 resistors with one pin common 7 or 8 isolated resistors standard electrical specifications abs tracking tcr 25 5 abs ratio tol 0.1 0.05 typical performance TDP-1403 tdp-1603 pin no. 1 tdp-1401 tdp-1601 pin no. 1
www.vishay.com 103 tdp vishay thin film document number: 60045 revision 27-apr-01 through hole vishay thin film ?france +33.4.93.37.28.24 fax: +33.4.93.37.27.31 ?germany +49.9287.710 fax: +49 9287.70435 ?israel +972.3. 557.0945 fax: +972.3.558.9121 ?italy + 39.2.300.11919 fax: +39.2.300.11999 ?japan +81.42.729.0661 fax: +81.42.729.3400 ?singapore +65.788.6668 fax: +65. 788.0988 ?sweden +46.8.594.70590 fax: +46.8.594.70581 ?uk +44 191 514 8237 fax: +44 1953 457 722 ?usa: (610) 407-4800 fax: (610) 640 -9081 dimensions and imprinting in inches and millimeters molded, dual-in-line resistor networks c d e f g h j m l k a b part pin #1 vishay logo date code tdp14xx a b part pin #1 vishay logo date code tdp16xx c d e f g h j m l k dimension inches millimeters a 0.755 19.18 b 0.250 6.35 c 0.075 1.91 d 0.100 2.54 e 0.018 0.46 f 0.060 1.52 g 0.025 0.64 h 0.190 4.83 j 0.130 3.30 k 0.320 8.13 l 0.310 7.87 m 0.010 0.25 dimension inches millimeters a 0.755 19.18 b 0.250 6.35 c 0.025 0.64 d 0.100 2.54 e 0.018 0.46 f 0.060 1.52 g 0.025 0.64 h 0.190 4.83 j 0.130 3.30 k 0.320 8.13 l 0.310 7.87 m 0.010 0.25
document number: 60045 revision 27-apr-01 www.vishay.com 104 tdp vishay thin film through hole vishay thin film ?france +33.4.93.37.28.24 fax: +33.4.93.37.27.31 ?germany +49.9287.710 fax: +49 9287.70435 ?israel +972.3. 557.0945 fax: +972.3.558.9121 ?italy + 39.2.300.11919 fax: +39.2.300.11999 ?japan +81.42.729.0661 fax: +81.42.729.3400 ?singapore +65.788.6668 fax: +65. 788.0988 ?sweden +46.8.594.70590 fax: +46.8.594.70581 ?uk +44 191 514 8237 fax: +44 1953 457 722 ?usa: (610) 407-4800 fax: (610) 640 -9081 resistive element tamelox substrate material silicon or alumina body molded epoxy terminals copper alloy #42 plating sn60 marking resistance to solvents per mil-prf-83401 molded, dual-in-line resistor networks mechanical specifications series number schematic resistance tolerance and of pins value ratio tolerance tdp 14 01 = 13 or 15 first 3 digits are absolute ratio resistors with significant figures *a = 0.1% 0.05% 1 common pin last digit specifies b = 0.1% 0.1% 16 03 = 7 or 8 isolated the number of c = 0.25% 0.1% resistors zeros to follow. d = 0.5% 0.1% e.g. 1001 = 1k f = 1.0% 0.5% 1002 = 10k * tolerance available on 1k ? and up only. r1 is reference resistor. how to order example: tdp14031001f : a 14 pin molded dual-in-line with 7 resistors with a value 1k ohm 1% absolute tolerance, 0.5% ratio.


▲Up To Search▲   

 
Price & Availability of TDP-1403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X