Part Number Hot Search : 
MTEZ320A BU705F TC1920 1006C BAW567DW SD103CW CT0201F SP507CB
Product Description
Full Text Search
 

To Download SRR0603-6R8ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srr0603 series - shielded power inductors features available in e6 series low unit height of 3.3 mm high current rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions 6.5 0.2 (.256 .008) 6.5 0.2 (.256 .008 ) 0.7 0.1 (.028 .004) 2.0 0.2 (.099 .008) 5.0 0.2 (.197 .008) 3.3 (.130) max. 0.7 0.1 (.028 .004) 100 general specifications test voltage ....................................1 volt reflow soldering .....230 ?c; 50 sec max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core material...................ferrite dr & ri wire ............................enameled copper base ......................................lcp e4008 terminal.....................................cu/ni/sn rated current ...ind. drop 10 % typ at i sat temperature rise .40 ?c max at rated i rms packaging...................1000 pcs. per reel recommended layout electrical schematic 4.5 (.177) 1.5 (.060) 2.5 (.099) inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) srr0603-1r5ml 1.5 20 20 7.96 95.0 0.032 2.20 3.50 srr0603-2r5ml 2.5 20 19 7.96 90.0 0.040 2.00 2.95 srr0603-3r3ml 3.3 20 16 7.96 85.0 0.055 1.80 2.60 srr0603-4r7ml 4.7 20 13 7.96 45.0 0.070 1.60 2.20 SRR0603-6R8ML 6.8 20 13 7.96 32.0 0.100 1.20 1.75 srr0603-100ml 10 20 16 2.52 25.0 0.12 1.10 1.50 srr0603-150ml 15 20 16 2.52 25.0 0.18 0.90 1.20 srr0603-220ml 22 15 16 2.52 20.0 0.27 0.70 1.05 srr0603-330kl 33 10 15 2.52 16.0 0.43 0.60 0.83 srr0603-470kl 47 10 13 2.52 13.0 0.55 0.50 0.73 srr0603-680kl 68 10 11 2.52 10.0 0.90 0.40 0.53 srr0603-101kl 100 10 22 0.796 9.0 1.50 0.30 0.44 srr0603-151kl 150 10 22 0.796 8.0 1.90 0.25 0.39 srr0603-221kl 220 10 20 0.796 5.0 2.70 0.20 0.31 srr0603-331kl 330 10 18 0.796 4.5 4.20 0.18 0.24 srr0603-471kl 470 10 17 0.796 4.0 6.70 0.15 0.19 srr0603-681kl 680 10 13 0.796 3.5 10.50 0.12 0.15 srr0603-102kl 1000 10 20 0.252 3.0 14.00 0.10 0.13 dimensions: mm (inches) *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr0603 series - shielded power inductors rev. 05/05 packaging specifications 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) user direction of feed 160 (6.299) no component no component components 3200 (125.984) 400 (15.748) start 4 (.157) 8 (.315) 3.4 (0.134) 12 (.472) end qty: 1000 pcs. per reel


▲Up To Search▲   

 
Price & Availability of SRR0603-6R8ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X