Part Number Hot Search : 
2N7225 UPD166 1N5276 STC803L SDR3000 DS1305ER MM3Z2V4 TC151
Product Description
Full Text Search
 

To Download SI7902EDN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    trenchfet  power mosfet  new low thermal resistance powerpak  package with low 1.07-mm profile  3000-v esd protection 

  protection switch for 1-2 li-ion/lip batteries SI7902EDN vishay siliconix preliminary information document number: 71801 s-05696?rev. a, 18-feb-02 www.vishay.com 1 dual n-channel 30-v (d-s) mosfet, common drain    v ds (v) r ds(on) (  ) i d (a) 0.028 @ v gs = 4.5 v 8.3 30 0.030 @ v gs = 3.7 v 8.0 0.043 @ v gs = 2.5 v 6.7 d g 1 s 1 d g 2 s 2 n-channel n-channel 1.8 k  1.8 k  1 2 3 4 5 6 7 8 s1 g1 s2 g2 d d d d 3.30 mm 3.30 mm powerpak  1212-8 bottom view  

      
  parameter symbol 10 secs steady state unit drain-source voltage v ds 30 gate-source voltage v gs  12 v  t a = 25  c 8.3 5.6 continuous drain current (t j = 150  c) a t a = 85  c i d 6.0 4.0 pulsed drain current i dm 40 a continuous source current (diode conduction) a i s 2.7 1.3 t a = 25  c 3.2 1.5 maximum power dissipation a t a = 85  c p d 1.7 0.79 w operating junction and storage temperature range t j , t stg ?55 to 150  c  
 
 parameter symbol typical maximum unit t  10 sec 30 38 maximum junction-to-ambient a steady state r thja 65 82  c/w maximum junction-to-case (drain) steady state r thjc 1.9 2.4 c/w notes a. surface mounted on 1? x 1? fr4 board. this data sheet contains preliminary specifications that are subject to change.
SI7902EDN vishay siliconix preliminary information www.vishay.com 2 document number: 71801 s-05696 ? rev. a, 18-feb-02  


      
  parameter symbol test condition min typ max unit static gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 0.60 v v ds = 0 v, v gs =  4.5 v  1  a gate-body leakage i gss v ds = 0 v, v gs =  12 v  10 ma v ds = 24 v, v gs = 0 v 1  zero gate voltage drain current i dss v ds = 24 v, v gs = 0 v, t j = 85  c 20  a on-state drain current a i d(on) v ds  5 v, v gs = 4.5 v 30 a v gs = 4.5 v, i d = 8.3 a 0.023 0.028 drain-source on-state resistance a r ds(on) v gs = 3.7 v, i d = 8.0 a 0.025 0.030  v gs = 2.5 v, i d = 3.0 a 0.035 0.043 forward transconductance a g fs v ds = 15 v, i d = 8.3 a 26 s diode forward voltage a v sd i s = 2.7 a, v gs = 0 v 0.75 1.2 v dynamic b total gate charge q g 10 15 gate-source charge q gs v ds = 15 v, v gs = 4.5 v, i d = 8.3 a 2.3 nc gate-drain charge q gd 2.4 turn-on delay time t d(on) 0.9 1.5 rise time t r v dd = 15 v, r l = 15  1.5 2.5  turn-off delay time t d(off) v dd = 15 v, r l = 15  i d  1 a, v gen = 4.5 v, r g = 6  2.5 4.0  s fall time t f 2.5 4.0 notes a. pulse test; pulse width  300  s, duty cycle  2%. b. guaranteed by design, not subject to production testing. 
   

     0.001 10 1000 gate current vs. gate-source voltage 0.0 0.2 0.4 0.6 0.8 0 3 6 9 12 15 gate-current vs. gate-source voltage v gs ? gate-to-source voltage (v) 0.01 0.1 1 100 v gs ? gate-to-source voltage (v) ? gate current ( i gss  a) 15 0 36912 t j = 25  c t j = 150  c ? gate current (ma) i gss
SI7902EDN vishay siliconix preliminary information document number: 71801 s-05696 ? rev. a, 18-feb-02 www.vishay.com 3 
   

     0 6 12 18 24 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.00 0.02 0.04 0.06 0.08 0 6 12 18 24 30 0 6 12 18 24 30 012345 0 1 2 3 4 5 0246810 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ? 50 ? 25 0 25 50 75 100 125 150 v gs = 5 thru 2 v 25  c t c = 125  c v ds = 15 v i d = 8.3 a v gs = 4.5 v i d = 8.3 a v gs = 4.5 v v gs = 2.5 v ? 55  c 1.5 v output characteristics transfer characteristics gate charge on-resistance vs. drain current v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d ? gate-to-source voltage (v) q g ? total gate charge (nc) v gs ? on-resistance ( r ds(on)  ) i d ? drain current (a) on-resistance vs. junction t emperature t j ? junction temperature (  c) (normalized) ? on-resistance ( r ds(on)  ) 2.5 v 2 v v gs = 3.7 v
SI7902EDN vishay siliconix preliminary information www.vishay.com 4 document number: 71801 s-05696 ? rev. a, 18-feb-02 
   

     ? 0.6 ? 0.4 ? 0.2 ? 0.0 0.2 0.4 ? 50 ? 25 0 25 50 75 100 125 150 i d = 250  a 1.0 1.2 0.00 0.02 0.04 0.06 0.08 012345 1 10 30 i d = 8.3 a 0 0.2 0.6 0.8 t j = 25  c t j = 150  c threshold voltage variance (v) v gs(th) t j ? temperature (  c) source-drain diode forward voltage on-resistance vs. gate-to-source voltage ? on-resistance ( r ds(on)  ) v sd ? source-to-drain voltage (v) v gs ? gate-to-source voltage (v) ? source current (a) i s 0.01 0 1 40 50 10 600 single pulse power, juncion-t o-ambient time (sec) 30 20 power (w) 0.1 10 100 10 ? 3 10 ? 2 1 10 600 10 ? 1 10 ? 4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) normalized effective transient thermal impedance 1. duty cycle, d = 2. per unit base = r thja = 65  c/w 3. t jm ? t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm i d = 3 a 0.4
SI7902EDN vishay siliconix preliminary information document number: 71801 s-05696 ? rev. a, 18-feb-02 www.vishay.com 5 
   

     10 ? 3 10 ? 2 1 10 ? 1 10 ? 4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) normalized effective transient thermal impedance


▲Up To Search▲   

 
Price & Availability of SI7902EDN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X