Part Number Hot Search : 
10011 AX3131 8870B 1N301 DDZ28 STP18 20500 AM8080A
Product Description
Full Text Search
 

To Download PLC-30-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model plc-30-9 plc-30-15 PLC-30-12 plc-30-20 plc-30-24 plc-30-27 plc-30-36 plc-30 -48 dc voltage rated current current range rated power output line regulation load regulation setup time voltage range note.4 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current (max.) leakage current safety standards withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current short circuit over voltage over temperature 9v 15v 10.5 ~ 15v 12v 8.4 ~ 12v 20v 14 ~ 20v 24v 16.8 ~ 24v 27v 18.9 ~ 27v 36v 25.2 ~ 36v 48v 33.6 ~ 48v 3.3a 2a 2.5a 1.5a 1.25a 1.12a 0.84a 0.63a 0 ~ 3.3a 0 ~ 2a 0 ~ 2.5a 0 ~ 1.5a 0 ~ 1.25a 0 ~ 1.12a 0 ~ 0.84a 0 ~ 0.63a 29.7w 30w 30w 30w 30w 30.24w 30.24w 30.24w 2.6vp-p 2.6vp-p 2vp-p 2.6vp-p 2.4vp-p 2.3vp-p 3.6vp-p 3.7vp-p 3.0% 10% 5.0% 1500ms / 230vac 30 at full load 00ms / 115vac 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.95/115vac, pf>0.9/230vac at full load (please refer to "power fa ctor characteristic" curve) 80% 83.5% 82.5% 84% 84% 84.5% 85% 85.5% 10 ~ 14v 17 ~ 22v 14 ~ 16v 23 ~ 26v 27 ~ 34v 31 ~ 35v 40 ~ 50v 53 ~ 63v 0.4a/115vac 0.2a/230vac 40a/230vac <0.5ma / 240vac 100 ~ 110% protection type : constant current limiting, recovers automatical ly after fault condition is removed hiccup mode, recovers automatically after fault condition is remove d. i/p-o/p:3.75kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh -30 ~ +50 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.06%/ (0 ~ 50 ) 10 ~ 500hz, 2g 12min./1cycle, period for 72min. each along x, y, z axes 625.5khrs min. mil-hdbk-217f (25 ) 160*46*30mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. output voltage can be adjusted through the svr1 on the pcb; limit of output co nstant current level can be adjusted through the svr2 on the pcb. 6. constant current operation region is within 70% ~100% rated output vol tage. this is the suitable operation region for led related application s, but please reconfirm special electrical requirements for some specific syste m design. 7. the power supply is considered as a component that will be operated in comb ination with final equipment. since emc performance will be affected by t he complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 8. direct connecting to leds is suggested, but is not suitable for using addi tional drivers. file name:plc-30-spec 2011-07-28 0.2kg; 70pcs/15kg/0.96cuft protection type : shut down o/p voltage, re-power on to recover 30w single output led power supply universal ac input / full rangeadjustable output voltage and current level protections: short circuit / over current / over voltage / over temperature cooling by free air convection built-in constant current limiting circuit fully isolated plastic case with terminal block style of i/o built-in active pfc function, comply with en61000-3-2 class c ( ) 100% full load burn-in testhigh reliability suitable for led lighting and moving sign applications compliance to worldwide safety regulations for lighting 2 years warranty pin 25w (note.2) class power unit, no fg features : p l c - 3 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 95 10 (tsw1) protection type : shut down o/p voltage, re-power on to recover ul1310 class 2, tuv en61347-1, en61347-2-13, can/csa c22.2 no. 223- m91(except for 48v) ; j61347-1, j61347-2-13 approved 6.3 ~ 9v constant current region note.6 compliance to en55015, en61000-3-2 class c (pin 25w), class d (>70% loa d) ; en61000-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, en61547, lig ht industry level, criteria a voltage adj. range note.5 current adj. range note.5 11.4 ~ 13.2v 8.55 ~ 9.9v 1.875 ~ 2.575a 2.475 ~ 3.399a 14.5 ~ 16.5v 1.5 ~ 2.06a 19 ~ 22v 22.8 ~ 26.4v 0.938 ~ 1.288a 25.65 ~ 29.7v 0.84 ~ 1.1536a 34.2 ~ 39.6v 0.63 ~ 0.865a 45.6 ~ 52.8v 0.473 ~ 0.649a 1.125 ~ 1.545a ( for 48v only) ( except for 48v ) f m m 110 selv emc immunity emc emission
mechanical specification file name:plc-30-spec 2011-07-28 case no. 990a unit:mm 3.2 9 160 3.2 2.3 30 46 9 2-r2 2-r2 2-r6.5 vo adj io adj terminal pin no. assignment (tb1) : switchlab mb310-75002 terminal pin no. assignment (tb2) : switchlab mb310-75002 pin no. pin no. 1 1 1 1 2 2 2 2 assignment assignment ac/l -v ac/n +v static characteristics input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 264 100 90 80 70 60 50 40 load (%) t case: max. case temperature. 80 t case 23 30w single output led power supply p l c - 3 0 s e r i e s fosc : 39khz(115vac) 53khz(230vac) load (%) -25 -5 0 15 30 20 40 60 80 100 load (%) -25 -5 0 15 30 40 50 20 40 60 80 100 block diagram detection pwm & pfc circuit o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p control o.v.p. & o.c.p. ambient temperature ( ) load (%) -30 60 derating curve derating curve
54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 230v 115v 0 .7 8 0 .8 0 0 .8 2 0 .8 4 0 .8 6 0 .8 8 0 .9 0 0 .9 2 0 .9 4 0 .9 6 0 .9 8 1 .0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 3 0 v 1 1 5 v power factor characteristic efficiency vs load (48v model) plc-30 series possess superior working efficiency that up to 85.5% can be r eached in field applications. constant current mode pf load efficiency (%) load driving methods of led module (30w) this led power supply is suggested to work in constant current mode area (cc) t o drive the leds. typical led power supply i-v curve vo(%) 100 70 50 100 (max.) io (%) constant current area hiccup protection file name:plc-30-spec 2011-07-28 30w single output led power supply p l c - 3 0 s e r i e s


▲Up To Search▲   

 
Price & Availability of PLC-30-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X