Part Number Hot Search : 
SIM508C NJU26101 E0310 RATION 58004 G530167 GZF24C LHLA4
Product Description
Full Text Search
 

To Download OSW5DK71A1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 2 2 x x 5 5 x x 7 7 m m m m r r e e c c t t a a n n g g u u l l a a r r pure white l l e e d d OSW5DK71A1B features outline dimension high luminous leds 2x5x7mm rectangular st andard directivity long lifetime operation (up to 100,000 hours) superior weather-resistance uv resistant epoxy water clear type applications electronic signs and signals small area illuminations back lighting other lighting 2.54 1.5min 26.0min 12 0.50.05 1.anode 2.cathode unit:mm tolerance:0.30mm 1.5max 4.8 6.95 2 4.95 absolute maximum rating (ta=25 ) directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 108 mw operating temperature topr -30 ~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 /5sec - *pulse width max 10ms , duty ratio max 1/10 0.5 30 90 60 0 0 0.5 30 60 90 11 electrical -optical charac teristics (ta=25 ) item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 2.9 3.1 3.6 v dc reverse current i r v r =5v - - 10 a luminous intensity* iv i f =20ma 1560 2500 - mcd x i f =20ma - 0.27 - chromaticity coordinates* y i f =20ma - 0.28 - 50% power angle 2 1/2 i f =20ma - 100 - deg * 1 tolerance of chromatic ity coordinates is + 10% * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSW5DK71A1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X