Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download OSM5DK7331A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 1 1 . . 8 8 m m m m t t o o w w e e r r warm white l l e e d d OSM5DK7331A features outline dimension high luminous leds 1.8mm tower standard directivity long lifetime operation (up to 100,000 hours) superior weather-resistance uv resistant epoxy water clear type applications electronic signs and signals small area illuminations back lighting other lighting 3      .*/ .*/   6ojunn 5pmfsbodf?nn ."9   "opef $buipef    absolute maximum rating (ta=25
directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 108 mw operating temperature topr -30 ~ +85 
 storage temperature tstg -40 ~ +100 
 lead soldering temperature tsol 260 /5sec  *pulse width max 10ms , duty ratio max 1/10             electrical -optical charac teristics (ta=25
item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 2.9 3.1 3.6 v dc reverse current i r v r =5v - - 10 a luminous intensity* iv i f =20ma 2180 3000 - mcd x i f =20ma - 0.45 - chromaticity coordinates* y i f =20ma - 0.41 - 50% power angle 2 1/2 i f =20ma - 30 - deg * 1 tolerance of chromatic ity coordinates is + 10% * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSM5DK7331A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X