Part Number Hot Search : 
XXXEH SM2233 2SB1401 AD8618AR 1N400 00201 SC101 95108
Product Description
Full Text Search
 

To Download MVK100XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications item characteristics rated voltage range 6.3 ~ 450v dc operating temperature range -40 ~ +105 capacitance tolerance 20% (m) (at 20, 120hz) rated voltage(v dc ) 6.3~100 160~450 max. leakage current( a) 0.01cv ( a) or 3a, whichever is greater. (at 20 , 2 minutes) 0.04cv + 100( a) (at 20 , 1 minutes) leakage current where, c: nominal capacitor( f), v: rated voltage ( v dc ) dissipation factor tan (max.) rated voltage(v dc ) 6.3 10 16 25 35 50~100 160~250 400~450 ? 4~ ? 6.3 0.30 0.24 0.20 0.16 0.14 0.12 - - ? 8~ ? 12.5 0.40 0.30 0.26 0.16 0.14 0.12 0.15 0.20 (at 20, at 120hz) temperature characteristics (max. impedance ratio) rated voltage(v dc ) 6.3 10 16 25 35 500~100 160~250 400~450 z(-25)/z(20) 4 3 2 2 2 3 3 6 z(-40)/z(20) 10 8 6 4 3 4 6 10 (at 120hz) load life the following specifications shall be satisfied when the capaci tors are restored to 20 after the rated voltage applied with the following conditions. ? 4~ ? 6.3 : 105, 1,000hours. ? 8 & ? 12.5 : 105, 2,000hours capacitance change ? 4~ ? 6.3 ? 30% of the initial value ? 8~ ? 12.5 ? 20% of the initial value tan ? 4~ ? 6.3 300% of the initial specified value ? 8~ ? 10 200% of the initial specified value leakage current the initial specified value solvent- proof mv wide temp vertical smd type wide temperature range for cd/dvd-rom, navigation, lcd mt/tv ecological capacitors are also available. mvk series mvk 105 1,000~ 2,000hrs assured
shelf life the following specifications shall be satisfied when the capaci tors are restored to 20 after exposing them for the specified time at 105 without voltage applied.. the rated voltage shall be applied to the capacitors for a mini mum of 30 minutes, at least 24 hours and not more than 48 hours before the measurement. ? 4~ ? 6.3 : 105, 500 hours. ? 8 & ? 12.5 : 105, 1,000 hours capacitance change ? 4~ ? 6.3 25% of the initial value ? 8~ ? 12.5 20% of the initial value tan 200% of the initial specified value leakage current the initial specified value others satisfied characteristics w of ks c 6421 part numbering system dimensions of mvk series (type :vc) dimensions recommended solder l and on pc board mvk 50 vc r47 m d55 tp with tape case code capacitance tolerance( 20%) nominal capacitance code lead type rated voltage in volts series name capacitance code 0.1 f r1 0.47 f r47 1.0 f 1 4.7 f 4r7 10 f 10 100 f 100 sold land on pc board marking < b55 ~ j10>
case code ? d l a b c w p a b c d55 4 5.2 4.3 4.3 5.1 0.5-0.8 1.0 1.0 2.6 1.6 e55 5 5.2 5.3 5.3 5.9 0.5-0.8 1.4 1.4 3.0 1.6 f55 6.3 5.2 6.6 6.6 7.2 0.5-0.8 1.9 1.9 3.5 1.6 f60 6.3 5.7 6.6 6.6 7.2 0.5-0.8 1.9 1.9 3.5 1.6 h63 8 6.3 8.3 8.3 9.0 0.5-0.8 2.3 2.3 4.5 1.6 h10 8 10.0 8.3 8.3 9.0 0.7-1.1 3.1 3.1 4.2 2.2 j10 10 10.0 10.3 10.3 11.0 0.7-1.1 4.5 4.5 4.4 2.2 k14 12.5 13.5 13.0 13.0 13.7 1.0-1.3 4.5 4.2 4.0 2.5 ratings of mvk series v dc f 6.3(0j) 10(1a) 16(1c) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 d55 16 note 1 : l + 0.5 for 8 x 6.3 (h 63), 8 x 10 (h10), 10 x 10(j10) note 2 : 4 x 5.2(d55), 5 x 5.2( e55) is excluded symbol mark note 3 : 6.3wv is marked by 6v. < k14 >
22 d55 21 e55 30 e55 30 33 e55 36 e55 34 f55 45 47 e55 36 f55 48 f55 48 100 f55 f60 56 f60 h63 90 f60 h10 110 180 220 h63 150 h63 150 h10 275 330 h10 290 135 j10 450 j10 450 470 j10 460 j10 460 j10 460 1,000 j10 520 j10 540 k14 550 1,500 j10 550 k14 620 2,200 k14 680 v dc f 25(1e) 35(1v) 50(1h) 0.1 d55 1.3 0.22 d55 2.6 0.33 d55 3.2 0.47 d55 3.8 1 d55 5.6 2.2 d55 10 3.3 d55 14 4.7 d55 15 e55 19 10 e55 25 e55 25 f55 29 22 f55 40 f55 40 h63 70 33 f55 45 h63 80 h10 140 47 f60 h63 52 80 h63 140 h10 170 100 h63 h10 135 180 h10 250 j10 310 220 j10 375 j10 375 k14 420 330 j10 450 k14 480 k14 500 470 j10 460 k14 520 1,000 k14 550 1,500
2,200 case code rated ripple current (marms/105 o c, 120hz) v dc f 160(2c) 200(2d) 250(2e) 400(2g) 450(2w) 3.3 k14 40 k14 40 4.7 k14 65 10 j10 45 k14 80 22 k14 85 k14 85 33 k14 95 rated ripple current (marms/105 o c, 120hz) case code


▲Up To Search▲   

 
Price & Availability of MVK100XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X