Part Number Hot Search : 
BUK9Y EN25F16 FDZ293P MC33977 FBR5010W SSG4565 DTC114 ICS18
Product Description
Full Text Search
 

To Download MR2520L-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 october, 2000 rev. 0 1 publication order number: mr2520l/d mr2520l overvoltage transient suppressor designed for applications requiring a low voltage rectifier with reverse avalanche characteristics for use as reverse power transient suppressors. developed to suppress transients in the automotive system, these devices operate in the forward mode as standard rectifiers or reverse mode as power avalanche rectifier and will protect electronic equipment from overvoltage conditions. ? high power capability ? economical ? increased capacity by parallel operation mechanical characteristics ? case: epoxy, molded ? weight: 2.5 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? maximum lead temperature for soldering purposes: 350 c 3/8 from case for 10 seconds at 5 lbs. tension ? polarity: indicated by diode symbol or cathode band ? marking: mr2520l maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit dc peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 23 volts repetitive peak reverse surge current (time constant = 10 ms, duty cycle 1%, t c = 25 c) i rsm 58 amps peak reverse power (time constant = 10 ms, duty cycle 1%, t c = 25 c) p rsm 2500 watts average rectified forward current (single phase, resistive load, 60 hz, t c = 125 c) (see figure 4) i o 6.0 amps nonrepetitive peak surge current surge supplied at rated load conditions halfwave, single phase i fsm 400 amps operating and storage junction temperature range t j , t stg 65 to +175 c device package shipping ordering information axial lead button case 194 style 1 http://onsemi.com mr2520l axial lead button 1000/box mr2520lrl axial lead button 800/reel overvoltage transient suppressor 24 32 volts mr2520l lyyww mr2520l = device code l = location code yy = year ww = work week
mr2520l http://onsemi.com 2 thermal characteristics characteristic lead length symbol max unit thermal resistance, junction to lead, both leads to heat sink with equal length 6.25 mm 10 mm 15 mm r q jl 7.5 10 15 c/w thermal resistance junction to case r q jc 1.0 c/w *typical electrical characteristics (t j = 25 c unless otherwise noted) characteristic symbol min max unit instantaneous forward voltage (note 1.) (i f = 100 amps, t c = 25 c) v f 1.25 volts instantaneous forward voltage (note 1.) (i f = 100 amps, t c = 25 c) v f 0.90 volts reverse current (v r = 20 vdc, t c = 25 c) i r 10 nadc reverse current (v r = 20 vdc, t c = 25 c) i r 300 nadc breakdown voltage (note 1.) (i r = 100 madc, t c = 25 c) v (br) 24 32 volts breakdown voltage (note 1.) (i r = 90 amp, t c = 150 c, pw = 80 m s) v (br) 40 volts dynamic resistance (i r = 100 ma, t j = 25 c, f = 1.0 khz) r z 5.0  dynamic resistance (i r = 40 ma, t j = 25 c) r z 0.15  breakdown voltage temperature coefficient v (br)tc 0.09* %/ c forward voltage temperature coefficient @ i f = 10 ma v ftc 2* mv/ c 1. pulse test: pulse width 300 m s, duty cycle 2%. *typical
mr2520l http://onsemi.com 3 100 c figure 1. forward voltage figure 2. normalized reverse current v f , instantaneous forward voltage (mv) t j , junction temperature ( c) i 1100 900 800 700 500 1.0 10 100 1000 i 175 125 100 75 50 25 figure 3. typical capacitance figure 4. maximum current ratings v r , reverse voltage (v) t l , lead temperature ( c) c, capacitance (pf) 25 20 15 10 5 0 1000 1500 2000 2500 3000 3500 4000 i 180 140 120 100 80 60 40 20 0 5 10 15 20 25 figure 5. thermal response figure 6. steady state thermal resistance t, time (s) lead length (mm) r(t), transient thermal r 25 20 15 10 5 0 0 5 10 15 20 25 30 f , instantaneous forward current (a) , reverse current (normalized) r , average forward current (a) f(avg) 160 resistance (normalized) 35 40 , thermal resistance junction to lead ( c/w) jl  t j = 150 c 25 c v r = 20 v l = 6.25 mm 10 mm 15 mm both leads to heatsink with equal length i f(peak) /i f(avg) =  l = 6.25 mm, both leads to heatsink (equal length) maximum maximum typical typical both leads to heatsink (equal length) single to heatsink 1000 600 10 0 10 1 10 2 10 3 10 4 150 10 3 10 2 10 1 10 0 10 1 10 2 10 2 10 1 10 0
mr2520l http://onsemi.com 4 figure 7. maximum peak reverse current figure 8. maximum peak reverse power t, time constant (ms) t, time constant (ms) i 1000 100 10 1 10 100 p 1000 100 10 1 100 1000 10000 figure 9. maximum reverse energy figure 10. reverse power derating t, time constant (ms) t l , lead temperature ( c) w 1000 100 10 1 1 10 100 1000 150 100 75 50 25 200 400 800 1200 1600 2400 figure 11. typical clamping factor i rsm , repetitive peak reverse surge current (a) v 120 70 60 30 10 1.00 1.10 1.20 rsm , peak reverse current (a) , peak reverse power (w) rsm peak reverse power (w) 125 50 , peak reverse energy (j) rsm 2000 20 40 90 110 80 100 1.02 1.04 1.06 1.08 1.18 1.12 1.14 1.16 t j = 25 c t j = 25 c t j = 25 c time constant = 100 ms time constant = 10 ms /v z(irsm) z(100 ma) pw = 80  s, t l = 25 c 600 1000 1400 1800 2600 2200 2800 figure 12. maximum load dump frequency time constant (ms) f, frequency (hertz) 1000 1 10 100 15 mm (both leads to heat sink) 10 3 10 2 10 1 10 0 120 mm (both leads to heat sink)
mr2520l http://onsemi.com 5 figure 13. load dump test circuit figure 14. load dump pulse current t, time (s) 0.5 0.3 0.2 0.1 0 0 20 40 60 80 100 (%) 0.4 dl/dt < 1 a/  s 2 ohms dl/dt limitation 100  h mr2532l 50 mf 0 150 v t (50%) t (10%) t (37%) t (37%) = time constant t (50%) = 0.7 t (37%) t (10%) = 2.3 t (37%)
mr2520l http://onsemi.com 6 notes
mr2520l http://onsemi.com 7 package dimensions axial lead button case 19404 issue f notes: 1. cathode symbol on package. style 1: pin 1. cathode 2. anode a k b k 2 1 d dim min max min max inches millimeters a 8.43 8.69 0.332 0.342 b 5.94 6.25 0.234 0.246 d 1.27 1.35 0.050 0.053 e 25.15 25.65 0.990 1.010
mr2520l http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mr2520l/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MR2520L-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X