Part Number Hot Search : 
AM29F0 OSWOK5 800MHZ AM81LS95 LPC2109 150BACEM G13003 2SD2236
Product Description
Full Text Search
 

To Download KK3340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  techni cal data electronic attenuator KK3340 1 8 p s u ff ix plas tic package c a se 6 26 pi n conn ecti on s 1 2 3 45 6 7 8 vi n co ntr o l gn d nc vcc vo r o llo f f nc the kk 3340 is a simple but very effective electronic attenuator. t h is device offers up to 80 db of attenuation control for frequencies to 1.0 mhz. thd (disto rtion) is less than 1% - up to 15 db attenuation and less that 3% - up to 40 db. typical uses include instrum e nt ation control, rem o te control audio am plifiers, electronic gam e s, and catv (c able tv) set-top converter audio control. ? designed for use in: dc operated volum e control com p ression and expansion am plifi e r applications ? controlled by dc voltage or external variable r e sistor ? econom ical 8-pin dual-in-line package maximum ratings (t a = +25 o c, unless otherwise noted) r a t i n g s y m b o l v a l u e u n i t powe r supply voltage v cc 2 0 v d c powe r dissipation @ (t a = +25 o c); derate above t a = +25 o c p d 1.2 10 w mw o c operating ambient tem p eratur e range t a 0 ? +75 o c 1
KK3340 2 7 620 pf rc 1. 0 u 3 6 8 1 50k vc c 50u kk3 340 e o remotely loc ate d potentiometer figure 1. typic a l dc r e mo t e vol u me c ontrol electrical characteristics (e in = 100 mvr m s, f = 1.0 khz, v cc = 16 vdc, t a = +25 o c, unless otherwise noted) c i r c u i t c h a r a c terist ics m i n t y p m a x unit operating power supply voltage 0.8 - 18 vdc control terminal sink curr ent, p i n 2 (e in = 0) - - 2 . 0 madc maximum input voltage - - 0.5 vrms voltage gain 11 13 - db attenuation r a ng e from maximu m gain (v2 = 6 . 5 vdc) 7 0 8 0 - d b total harmonic distortion (pin 2 gnd) (e in = 100 mvrms, e o = a v * e in ) - 0 . 6 1 . 0 % vc c 2 7 620pf 1. 0u 3 6 8 1 50uf kk 3340 e o e in + - + v2 attenuation point a v = 20 db 4.44 4.68 4.92 vdc 5 . 1k 5. 1k 1. 3k 1.5 k 51 0 5 1 0 20k 5. 1 k 5 . 1k 5. 1k 6. 2k 5. 1k 20 0 4. 7 k 75 0 10 k 75 0 3.9 k 2 31 in p u t con t ro l ou tp ut roll-of f vc c 8 6 7 fig u re 2 . cir c ui t sch e m a ti c 2
f i g u r e 3 . a t t e n u a t io n v e r s u s d c c o n t r o l v o lt a g e 0 20 40 60 80 10 0 1 . 5 2 .5 3 . 5 4 .5 5 . 5 6 . 5 v2 , c o n t r o l vo l t a g e ( v ) a t t e nuat i o n ( d b) vc c = 8.0 v d c v cc = 12 vdc v cc = 16 v d c f i g u r e 4 . at t e n u a t i o n ve r s u s co n t r o l re s i s t o r 0 20 40 60 80 10 0 1 1 0 100 r c , co nt ro l re s i s t o r ( k o m ) at t e nua t i o n ( d b) 0 db r e f e r e nc e = 1 3 g a in f = 1.0 k h z r c , is f r o m pin 2 to gro und fi gu r e5 . fr equ e n c y res pon se 0 2 4 6 8 10 12 14 1. 00e + 0 2 1 . 00e + 0 3 1 . 00e + 0 4 1 . 00e + 0 5 1 . 00e + 0 6 1 . 00e + 0 7 1 . 0 0e + 0 8 f, f r e q ue ncy (hz ) vg, vol t a ge gain (d b) 3 KK3340
fi gu r e 6. o u t p u t vol t age sw i n g 0 2 4 6 8 10 8 9 10 11 12 13 14 15 16 17 18 vc c, su ppl y vo l t a g e (v) ou tpu t volta g e swin g (vp-p) fi gur e 7. to t a l h a r m o n i c d i st or t i on 0 0. 5 1 1. 5 2 2. 5 3 3. 5 4 0 1 0 2 03 04 05 0 6 07 08 0 a t t e nu a t i o n ( d b) t hd, t o t a l harm o n ic d i s t o r t i o n ( % ) 0 db ref e r e nce = 1 3 db g a i n f = 1. 0 k h z e o = 2. 5 v r m s 4 KK3340
n s u f f i x p l as t i c di p ( m s ? 00 1b a ) sy m b o l m i n m a x a 8. 51 10. 16 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a a) sy m b o l m i n m a x a 4. 8 5 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 1. 27 5. 72 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0 . 25 (0 . 0 10 ) m t -t - 1 8 4 5 l h m j a b f g d se a t i n g pl a n e n k 0 . 2 5 ( 0 .01 0 ) m t -t - c 1 8 4 5 5 KK3340


▲Up To Search▲   

 
Price & Availability of KK3340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X