Part Number Hot Search : 
511816 607ETD 1N30D TN6134PM MM74C00 D390MS MJE3055 HER802T
Product Description
Full Text Search
 

To Download IXFB120N50P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys corporation, all rights reserved ds100247a(7/10) v dss = 500v i d25 = 120a r ds(on) 43 m t rr 300 ns n-channel enhancement mode avalanche rated fast intrinsic diode symbol test conditions maximum ratings v dss t j = 25 c to 150 c 500 v v dgr t j = 25 c to 150 c, r gs = 1m 500 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c 120 a i dm t c = 25 c, pulse width limited by t jm 300 a i a t c = 25 c 120 a e as t c = 25 c4j dv/dt i s i dm , v dd v dss ,t j 150 c 20 v/ns p d t c = 25 c 1890 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10s 260 c f c mounting force 30..120/6.7..27 n/lb. weight 10 g IXFB120N50P2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 3ma 500 v v gs(th) v ds = v gs , i d = 8ma 3.0 5.0 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 25 a t j = 125 c 2.5 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 43 m features z high current handling capability z fast intrinsic diode z avalanche rated z low r ds(on) z low package inductance advantages z plus 264 tm package for clip or spring mounting z high power density z easy to mount z space savings applications z switch-mode and resonant-mode power supplies z dc-dc converters z laser drivers z ac and dc motor drives z robotics and servo controls polarp2 tm hiperfet tm power mosfet g = gate d = drain s = source tab = drain plus264 tm tab s g d preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXFB120N50P2 symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 65 105 s c iss 19 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 1860 pf c rss 40 pf r gi gate input resistance 0.83 t d(on) 43 ns t r 13 ns t d(off) 80 ns t f 12 ns q g(on) 300 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 96 nc q gd 94 nc r thjc 0.066 c /w r thcs 0.130 c /w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 120 a i sm repetitive, pulse width limited by t jm 480 a v sd i f = 100a, v gs = 0v, note 1 1.5 v t rr 300 ns q rm 2.0 c i rm 16.4 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1. pulse test, t 300 s, duty cycle, d 2%. i f = 0.5 ? i d25 , v gs = 0v -di/dt = 100a/ s v r = 70v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 1 (external) plus264 tm (ixfb) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2010 ixys corporation, all rights reserved IXFB120N50P2 fig. 1. output characteristics @ t j = 25oc 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 v ds - volts i d - amperes v gs = 10v 8v 6 v 5 v 7 v fig. 2. extended output characteristics @ t j = 25oc 0 40 80 120 160 200 240 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 5 v 6 v 7 v fig. 3. output characteristics @ t j = 125oc 0 20 40 60 80 100 120 0123456789101112 v ds - volts i d - amperes 5v 6v 4v v gs = 10v 7v fig. 4. r ds(on) normalized to i d = 60a value vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 120a i d = 60a fig. 5. r ds(on) normalized to i d = 60a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 20 40 60 80 100 120 140 160 180 200 220 240 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 20 40 60 80 100 120 140 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. IXFB120N50P2 fig. 7. input admittance 0 20 40 60 80 100 120 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 20 40 60 80 100 120 140 160 0 102030405060708090100110120 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 50 100 150 200 250 300 350 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 50 100 150 200 250 300 q g - nanocoulombs v gs - volts v ds = 250v i d = 60a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1 10 100 1000 10 100 1,000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 100s 1ms r ds(on) limit 25s
? 2010 ixys corporation, all rights reserved IXFB120N50P2 ixys ref: f_120n50p2(9s)7-02-10-a fig. 13. maximum transient thermal impedance 0.001 0.010 0.100 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFB120N50P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X