Part Number Hot Search : 
MCP3001 SCM1101M U1000 5333B DB105 D1200 D14N05L D1200
Product Description
Full Text Search
 

To Download GF32R075NRC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gas discharge tube gf3 series smd l4.5*w3.2*h2.7 mm thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  features 1. rohs compliant 2. dc spark-over voltage: 75~600v 3. low capacitance 4. agency recognition :ul  recommended applications 1. data transmission lines 2. communication lines 3. catv system 4. power distribution system 5. power supplier 6. test equipment 7. instrumentation circuits  part number code g f 3 2 r 0 9 0 n r c 1 2 3 4 5 6 7 8 9 10 11 12 13 product code g thinking gas discharge tube type series (size) f3 t4.5*3.2 electrode number 2r 2 electrodes dc spark-over voltage 070 70v 230 230v 600 600v 14b 1400v 25b 2500v lead wire style n no lead packaging b bulk t ammo taping r reel taping internal control code product type c smd square type
gas discharge tube gf3 series smd l4.5*w3.2*h2.7 mm thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  characteristics dc breakdown voltage impulse discharge current impulse withstanding voltage capacity impulse life minimum insulation resistance maximum capacitance safety approvals (100v/s) (8/20 s) 8/20 us,100a (@dc 100v) (1mhz) model (v) (ka) (times) (times) (m ) (pf) ul 497b GF32R075NRC 75 20% gf32r090nrc 90 20% gf32r120nrc 120 20% gf32r150nrc 150 20% gf32r200nrc 200 20% gf32r230nrc 230 20% gf32r300nrc 300 20% gf32r350nrc 350 20% gf32r400nrc 400 20% gf32r420nrc 420 20% gf32r470nrc 470 20% gf32r500nrc 500 20% gf32r600nrc 600 20% 2 10/700us 4kv (positive/negative 5 times) 300 min. 100 0.5 note1: ul / 497b file no. e245070  dimension  marking  recommended pad size (unit:mm) 4.50.3 3.20.3 2.70.3 0.50.1 3 50 3 . 0 1 . 5 4.2
gas discharge tube gf3 series smd l4.5*w3.2*h2.7 mm thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  packaging  taping  storage conditions of gdt (i) storage conditions: 1. storage temperature: -10 ~ +40 . 2. relative humidity: 75%rh. Q 3. gas discharge tube must be kept away from sunlig ht and stored in a non-corrosive atmosphere. (ii) shelf life: 1 year p d p0 f w e t k item p p0 w f e d k t spec. 8.0 4.0 12.0 5.45 1.75 1.55 3.5 0.3 tol. 0.1 0.1 0.3 0.1 0.1 0.05 0.2 0.1 quantity 3000pcs per reel (13 ) unit: mm 14typ. >1.5 100 typ. 330 4.0


▲Up To Search▲   

 
Price & Availability of GF32R075NRC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X