Part Number Hot Search : 
0Q201 D2001 TLP3520 PIC12 7SZ08 2045CTX CDS0670 KBJ35
Product Description
Full Text Search
 

To Download GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBJ10005 thru gbj1010 glass passivated bridge rectifier reverse voltage - 50 to 1000 volts forward current - 10.0 ampere f e a tures mechanical d a t a maxi mum r a tin g s and e l ect r i cal charact eri s tic s ratings at 25 c ambient temperature unless otherwise specified. s ingle phas e half-wav e 60hz,re s i sti v e o r inducti v e load,fo r c apac i t i v e load c u rrent der a t e b y 20%. glass passivated chip junction ideal for printed circuit board low reverse leakage current low forward voltage drop case:molded plastic, gbj t erminals : terminals: leads solderable per mil-std-202 method 208 guaranteed epoxy: ul 94v-0 rate flame retardant mounting position: any reliable low cost construction utilizing molded plastic technique dimensions in inches and (millimet er s) high surge current capabiliy parameter s y mbols gbj 10005 gbj 1001 gbj 1002 gbj 1004 gbj 1006 gbj 1008 gbj 1010 unit s ma xi mu m recu rrent peak reve rse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 7 0 140 280 420 560 700 v maximum dc blocking voltage v d c 50 100 200 400 600 800 1000 v maximum average f o rw ard rectified current w i th heatsink at t c = 100 o c i ( av) 10 a peak f o rw ard surge current, 8.3 ms single half-sine - w ave superimposed on rated load (jedec method) i fsm 170 a maximum f o r w ard voltage a t 5.0 a dc and 25 o c v f 1 .1 v max i mum reverse current at t a = 2 5 o c a t rated dc blocking voltage t a = 125 o c i r 1 0 500 a t y pical junction capacitance 1 ) c j 55 p f t y pical t hermal resistance 2 ) r jc 1.4 o c/w operating and storage t e mperature range t j , t s -55 to + 150 o c 1) measured at 1 mhz and applied reverse voltage of 4 vdc. 2) thermal resistance from junction to case with device mounted on 300 mm x 300 mm x 1.6 mm cu plate heatsink. gbj
GBJ10005 thru gbj1010 ra tings and characteristic cur ves 0.01 0.1 1.0 10 0 0.4 0.8 1.2 1.6 1.8 v , inst ant aneous for w ard voltage (v) fi g . 2 t y pical forward characteristics ( per element ) f r o f s u o e n a t n a t s n i , i ) a ( t n e r r u c d r a w f t = 25 c j pulse width=300 s 0 40 80 120 160 180 1 10 100 ) a ( t n e r r u c e g r u s d w f k a e p , i m s f number of cycles a t 60 hz fi g . 3 maximum non-repetitive sur g e current t = 150 c j single half-sine-wave (jedec method) 10 100 1 1 10 100 p a c n o i t c n u j , c ) f p ( e c n a t i c a j v , reverse voltage (v) fi g . 4 t y pical junction capacitance r f=1mhz t = 25 c j 0.1 1.0 10 100 1000 0 20 40 60 80 100 120 140 t s n i , i t n a s u o e n a e s r e v e r ( t n e r r u c ) a r percent of ra ted peak reverse voltage (%) fi g . 5 t y pical reverse characteristics t = 150 c j t = 125 c j t = 100 c j t = 25 c j 0 2 4 6 8 10 12 25 50 75 100 125 150 ) a ( t n e r r u c d e i f i t c e r e g a r e v a , i o t , case tempera ture ( c) fi g . 1 forward current deratin g curve c resistive or inductive load with heatsink without heatsink


▲Up To Search▲   

 
Price & Availability of GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X