Part Number Hot Search : 
AD7896BN LT4275 SA532 B9034 1106FC 2SD1906 DJ33A SG6520DZ
Product Description
Full Text Search
 

To Download FTM-3413C-SL05ICG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiberxon proprietary and confidential, do not copy or distribute page 1 of 12 features ? build-in phy supporting sgmii interface ? build-in high performance mcu supporting easier configuration ? dual data-rate of 100base-fx/1000base-lx operation ? 1310nm fp laser and pin photo-detector ? 0.5m~2km transmission with mmf at 125mbps ? 0.5m~550m transmission with mmf at 1.25gbps ? standard serial id information compatible with sfp msa ? sfp msa package with duplex lc connector ? with spring-latch for high density application ? very low emi and excellent esd protection ? +3.3v single power supply ? operating case temperature: -40 to +85c applications ? switch to switch interface ? switched backplane applications ? router/server interface ? other optical transmission systems standard ? compatible with sfp msa ? compatible with ieee 802.3-2002 ? compatible with ieee 802.3ah-2004 ? compatible with fcc 47 cfr part 15, class b ? compatible with fda 21 cfr 1040.10 and 1040.11, class i ? compatible with telcordia gr-468-core ? rohs compliance description fiberxon FTM-3413C-SL05ICG sfp transceiver is high performance, cost effective modules. it is designed for 100base-fx/1000base-lx applications from 0.5m to 2km with mmf at 125mbps,.from 0.5m to 550m transmission with mmf at 1.25gbps. the transceiver consists of two sections: the standard sfp part and the phy part. FTM-3413C-SL05ICG is built with sgmii interface. it can operate as 100base- fx or 1000base-x by software configuration. the optical output can be disabled by a ttl logic high-level input of tx disable. tx fault is provided to indicate that degradation of the laser. loss of signal (los) output is provided to indicate the loss of an input optical signal of receiver. the standard serial id information compatible with sfp msa describes the trans ceiver?s capabilities, standard interfaces, manufacturer and other information. the host equipment can access this information via the 2-wi re serial cmos eeprom protocol. for further information, please refer to sfp multi-source ag reement (msa). feb. 5, 2007 members of flexon tm family (for 550m/2km transmi ssion with mcu version) 100base-fx/1000base-x spring-latch sfp transceiver
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 2 of 12 regulatory compliance the transceivers have been tested according to amer ican and european product safety and electromagnetic compatibility regulations (see table 1). for further inform ation regarding regulatory certification, please refer to flexon tm regulatory specification and safety guidelines, or contact with fiberxon, inc. america sales office listed at the end of the documentation. table 1 - regulatory compliance feature standard performance electrostatic discharge (esd) to the electrical pins mil-std-883e method 3015.7 class 1(>500 v) electrostatic discharge (esd) to the duplex lc receptacle iec 61000-4-2 gr-1089-core compatible with standards electromagnetic interference (emi) fcc part 15 class b en55022 class b (cispr 22b) vcci class b compatible with standards immunity iec 61000-4-3 compatible with standards laser eye safety fda 21cfr 1040.10 and 1040.11 en60950, en (iec) 60825-1,2 compatible with class i laser product. tuv certificate no. 50030043 component recognition ul and csa ul file e223705 rohs 2002/95/ec 4.1&4.2 2005/747/ec compliant with standards note note: in light of item 5 in annex of 2002/95/ec, ?pb in th e glass of cathode ray tubes, electronic components and fluorescent tubes.? and item 13 in annex of 2005/747/ec , ? lead and cadmium in optical and filter glass.? ,the two exemptions are being concerned for fiberxon?s transce ivers, because fiberxon?s transceivers use glass, which may contain pb, for components such as lenses, wi ndows, isolators, and other electronic components. absolute maximum ratings stress in excess of the maximum absolute ratings can cause permanent damage to the module. table 2 - absolute maximum ratings parameter symbol min. max. unit storage temperature t s -40 +85 c supply voltage v cc -0.5 3.6 v operating relative humidity - 5 95 %
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 3 of 12 recommended operating conditions table 3- recommended operating conditions parameter symbol min. typical max. unit notes operating case temperature t c -40 +85 c power supply voltage v cc 3.10 3.30 3.50 v power supply current i cc 350 ma 1 1000base-lx 1250 date rate 100base-lx 125 mbps note 1: tbd. optical and electrical characteristics table 4 - optical and electrical characteristics parameter symbol min. typical max. unit notes transmitter centre wavelength c 1270 1310 1355 nm 1000base-lx p 0ut -11.5 -3 2 average output power 100base-fx p 0ut -20 -14 dbm 2 p 0ut @tx disable asserted p 0ut -45 dbm 1 1000base-lx 4 spectral width (rms) 100base-fx 7.7 nm extinction ratio ex 9 db 1000base-lx 0.26 rise/fall time (20% 80%) 100base-fx t r /t f 3 ns 3 total jitterat tp2 j t 0.43 4 deterministic jitter at tp2 j d 0.20 ui 4 output optical eye compatible with ieee 802.3ah-2004 5 data input swing differential (sgmii series interface) v in 500 1200 mv 6 input differential impedance z in 80 100 120 ? disable 2.0 vcc tx disable enable vee vee+0.8 v fault 2.0 vcc tx fault normal vee vee+0.5 v receiver centre wavelength c 1260 1310 1570 nm 1000base-lx -22 7 receiver sensitivity 100base-fx -28 dbm 8 1000base-lx -3 7 receiver overload 100base-fx -8 dbm 8 return loss 12 db los de-assert 1000base-lx los d -23 dbm
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 4 of 12 100base-fx -29 1000base-lx -35 los assert 100base-fx los a -45 dbm los hysteresis 0.5 4.5 db total jitter at tp4 j t 0.749 4 deterministic jitter at tp4 j d 0.462 ui 4 data output swing differential (sgmii series interface) v out 370 2000 mv 6 high 2.0 vcc+0.3 los low vee vee+0.5 v notes: 2. the optical power is launched into 62.5/125um mmf. 3. unfiltered, measured with 8b/10b co de for 1.25gbps and 4b/5b code for 125mbps 4. measured at 1.25gbps, meet the specified maximum output jitter requirements if the specified maximum input jitter is present. 5. measured with 8b/10b code for 1.25gbps. 6. pecl logic, internally ac coupled. 7. measured with 8b/10b code for 1.25g bps, worst-case extinction ratio, ber 1 10 -12 . 8. measured with 4b/5b code for 125mbp s, worst-case extinction ratio, ber 1 10 -10 .
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 5 of 12 eeprom information the sfp msa defines a 256-byte memory map in ee prom describing the transceiver?s capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2-wire serial interface at the 8-bit address 1010000x (a0h). for the me mory contents, please refer to table 5. table 5 - eeprom serial id memory contents (a0h) addr. field size (bytes) name of field hex description 0 1 identifier 03 sfp 1 1 ext. identifier 04 mod4 2 1 connector 07 lc 3?10 8 transceiver 00 00 00 22 00 00 00 00 transmitter code 11 1 encoding 01 8b10b 12 1 br, nominal 0d 1.25gbps 13 1 reserved 00 14 1 length (9um)-km 00 15 1 length (9um) 00 16 1 length (50um) 37 550m 17 1 length (62.5um) 37 550m 18 1 length (copper) 00 19 1 reserved 00 20?35 16 vendor name 46 49 42 45 52 58 4f 4e 20 49 4e 43 2e 20 20 20 ?fiberxon inc. ?(asc ) 36 1 reserved 00 37?39 3 vendor oui 00 00 00 40?55 16 vendor pn 33 34 31 33 43 2d 53 4c 30 35 69 43 47 20 20 20 ?FTM-3413C-SL05ICG? (asc ) 56?59 4 vendor rev xx xx xx xx asc ( ?31 30 20 20? means 1.0 revision) 60?61 2 wavelength 05 1e 1310nm 62 1 reserved 00 63 1 cc base xx check sum of bytes 0 - 62 64?65 2 options 00 1a los, tx_fault and tx_disable 66 1 br, max 00 67 1 br, min 00 68?83 16 vendor sn xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx asc 84?91 8 vendor date codexx xx xx xx xx xx 20 20 y ear(2 bytes), month(2 bytes), day (2 bytes) 92?94 3 reserved 00 00 00 95 1 cc_ext xx check sum of bytes 64 - 94 96?154 58 vendor specific 155 1 reserved read only 156-247 vendor specific 248 1 status read only
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 6 of 12 249 1 cfg0 work mode configuration 250 1 cfg1 work mode configuration 251 1 cfg2 work mode configuration 252 1 status module status indication 253 1 reserved read only 254 1 pswh password entry 255 1 pswl password entry note: the ?xx? byte should be filled in according to prac tical case. for more information, please refer to the related document of sfp multi-source agreement (msa) and application note. easier configuration designing-in a high performance mcu in ftm-3413c-sl 05icg, host can configure fiberxon?s sgmii series product easily. for FTM-3413C-SL05ICG, host only need access few regist ers of a0h via i2c to configure sgmii series module, such as speed-selection, auto-negotiation, los/link detection, tx disable, fefi/rfi and crc counter function support. host can get inner status via access specific register of FTM-3413C-SL05ICG. the operation data rate can be configured via hardware pin and i2c bus independently. for more detailed information, please refer to application note of FTM-3413C-SL05ICG.
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 7 of 12 recommended host board power supply circuit figure 1 shows the recommended ho st board power supply circuit. figure 1, recommended host board power supply circuit recommended interface circuit figure 2 shows the recommended interface circuit. phy ic sfp module laser driver amplifier mod-def1 rd - rd + td + td - vcct tx fault tx disable z=50 ? 6 4.7 k to 10k ? 10 k ? host board vcc (+3.3v) sgmii/802.3z serdes mac controller 100 ? 100 ? controller mcu mod-def2 mod-def0 los z=50 ? z=50 ? z=50 ? 100 ? 100 ? sgmii interface rate selection figure 2, recommended interface circuit
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 8 of 12 pin definitions figure 3 below shows the pin numbering of sfp electrical interface. the pin functions are described in table 6 with some accompanying notes. pin 10 pin 1 pin 11 pin 20 bottom view of board of board top view figure 3, pin view table 6? pin function definitions pin no. name function plug seq. notes 1 veet transmitter ground 1 2 tx fault transmitter fault indication 3 note 1 3 tx disable transmitter disable 3 note 2 4 mod-def2 module definition 2 3 note 3 5 mod-def1 module definition 1 3 note 3 6 mod-def0 module definition 0 3 note 3 7 rate select not connected 3 8 los loss of signal 3 note 4 9 veer receiver ground 1 10 veer receiver ground 1 11 veer receiver ground 1 12 rd- inv. received data out 3 note 5 13 rd+ received data out 3 note 5 14 veer receiver ground 1 15 vccr receiver power 2 16 vcct transmitter power 2 17 veet transmitter ground 1 18 td+ transmit data in 3 note 6 19 td- inv. transmit data in 3 note 6 20 veet transmitter ground 1 notes : 1. tx fault is an open collector output, which should be pulled up with a 4.7k~10k ? resistor on the host board to a voltage between 2.0v and vcc+0.3v. logic 0 indicates normal operation; logic 1 indicates a
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 9 of 12 laser fault of some kind. in the low state, the output will be pulled to less than 0.8v. 2. tx disable is an input that is used to shut down the transmitter optical output. it is pulled up within the module with a 4.7k~10k ? resistor. its states are: low (0~0.8v): transmitter on (>0.8v, <2.0v): undefined high (2.0~3.465v): transmitter disabled open: transmitter disabled 3. mod-def 0,1,2 are the module definition pi ns. they should be pulled up with a 4.7k~10k ? resistor on the host board. the pull-up voltage shall be vcct or vccr. mod-def 0 is grounded by the module to indicate that the module is present mod-def 1 is the clock line of two wire serial interface for serial id mod-def 2 is the data line of two wire serial interface for serial id 4. los is an open collector output, which should be pulled up with a 4.7k~10k ? resistor on the host board to a voltage between 2.0v and vcc+0.3v. logic 0 indicates normal operation; logic 1 indicates loss of signal. in the low state, the output will be pulled to less than 0.8v. 5. these are the differential receiver output. they are internally ac-coupled 100 ? differential lines which should be terminated with 100 ? (differential) at host with sgmii interface. 6. these are the differential transmitter inputs . they are ac-coupled, differential lines with 100 ? differential termination inside the module. sgmii interface sgmii uses two data signals and two clock signals to convey frame data and link rate information between a 100/1000 phy and an ethernet mac. the data signals opera te at 1.25 gbaud and the clocks operate at 625 mhz (a ddr interface). due to the speed of operation, eac h of these signals is realized as a differential pair thus providing signal integrity while minimizing system noise. however, specific implementations may desire to reco ver clock from the data rather than use the supplied clock, such as in our transceiver design. this operation is allowed. clearly, sgmii?s 1.25 gbaud transfer rate is excessi ve for interfaces operating at 100 mbps. when these situations occur, the interface ?e longates? the frame by replicating each frame byte 10 times for 100 mbps. this frame elongation takes place ?above? the 802.3z pc s layer, thus the start frame delimiter only appears once per frame.the 802.3z pcs layer may remo ve the first byte of the ?elongated? frame. for further information about how to use transceivers with sgmii interface, please refer to the application note
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 10 of 12 mechanical design diagram the mechanical design diagram is shown in figure 4. figure 4, mechanical design diagram of the sfp with spring- latch ordering information ftm 3 sl c 3 1 4 medium 3 : 1310nm function 4: phy data rate 13: 125/1250 mbps receptacle c: lc package sl: sfp with spring-latch g g: rohs compliance others c mcu c: mcu version i temperature i: industrial 05 distance 05 : 550m product part number media data rate(mbps) transmission distance(km) temperature FTM-3413C-SL05ICG multi-mode fiber 125/1250 0.5 -40~+85c
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 11 of 12 related sgmii sfp products product part number media data rate(mbps) transmission distance note temperature ftm-c012r-lcg cat. 5 copper 10/100/1000 100m 0~+70c ftm-3401c-sl2cg mmf 125 2km mcu version 0~+70c ftm-3401c-sl10cg smf 125 10km mcu version 0~+70c ftm-3413c-slcg smf 125/1250 10km mcu version 0~+70c ftm-3413c-sl05cg mmf 125/1250 550m mcu version 0~+70c ftm-3401c-sl2icg mmf 125 2km mcu version -40~+85c ftm-3401c-sl10icg smf 125 10km mcu version -40~+85c ftm-3413c-slicg smf 125/1250 10km mcu version -40~+85c related documents for further information, please refer to the following documents: fiberxon spring-latch sfp installation guide fiberxon sfp application notes sfp multi-source agreement (msa) obtaining document you can visit our website: http://www.fiberxon.com or contact with fiberxon, inc. america sales office listed at the end of documentation to get the latest documents. revision history revision initiate review approve subject release date rev. 1a henry.xiao tripper.huang walker.wei initial datasheet feb. 05, 2007
125m/1.25g spring-latch sfp transceiver 550m transmission preliminary datasheet feb. 5, 2007 fiberxon proprietary and confidential, do not copy or distribute page 12 of 12 ? copyright fiberxon inc. 2007 all rights reserved. all information contained in this document is subject to change without notice. the products described in this document are not intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. the information contained in this document does not affect or change fiberxon product specifications or warranties. nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of fiberxon or third parties. all information contained in this document was obtained in specific environments, and is presented as an illu stration. the results obtained in other operating environment may vary. the information contained in th is document is provided on an ?as is? basis. in no event will fiberxon be liable for damages arising directly from any use of the information contained in this document. contact u.s.a. headquarter: 5201 great america parkway, suite 340 santa clara, ca 95054 u. s. a. tel: 408-562-6288 fax: 408-562-6289 or visit our website: http://www.fiberxon.com


▲Up To Search▲   

 
Price & Availability of FTM-3413C-SL05ICG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X